Electronic Components Datasheet Search |
|
1N4933GP Datasheet(PDF) 1 Page - Fairchild Semiconductor |
|
1N4933GP Datasheet(HTML) 1 Page - Fairchild Semiconductor |
1 / 3 page 1N4933GP-1N4937GP, Rev. C 2001 Fairchild Semiconductor Corporation 1N4933GP - 1N4937GP Fast Rectifiers (Glass Passivated) Absolute Maximum Ratings* T A = 25°C unless otherwise noted *These ratings are limiting values above which the serviceability of any semiconductor device may be impaired. Electrical Characteristics T A = 25°C unless otherwise noted Features • Low forward voltage drop. • High surge current capability. • High reliability. • High current capability. Symbol Parameter Device Units 4933G 4934 4935 4936 4937 V F Forward Voltage @ 1.0 A 1.2 V trr Reverse Recovery Time I F = 0.5 A, IR = 1.0 A, Irr = 0.25 A 150 ns I R Reverse Current @ rated V R T A = 25°C T A = 125°C 5.0 100 µA µA C T Total Capacitance V R = 4.0 V, f = 1.0 MHz 15 pF DO-41 COLOR BAND DENOTES CATHODE Symbol Parameter Value Units 4933G 4934 4935 4936 4937 V RRM Maximum Repetitive Reverse Voltage 50 100 200 400 600 V I F(AV) Average Rectified Forward Current, .375 " lead length @ T A = 75°C 1.0 A I FSM Non-repetitive Peak Forward Surge Current 8.3 ms Single Half-Sine-Wave 30 A T stg Storage Temperature Range -65 to +175 °C T J Operating Junction Temperature -65 to +175 °C Symbol Parameter Value Units P D Power Dissipation 2.73 W RθJA Thermal Resistance, Junction to Ambient 55 °C/W Thermal Characteristics |
Similar Part No. - 1N4933GP |
|
Similar Description - 1N4933GP |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |