Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

HEF40160B Datasheet(HTML) 6 Page - NXP Semiconductors

Part No. HEF40160B
Description  4-bit synchronous decade counter with asynchronous reset
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

HEF40160B Datasheet(HTML) 6 Page - NXP Semiconductors

 
Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 10 page
background image
January 1995
6
Philips Semiconductors
Product specification
4-bit synchronous decade counter with
asynchronous reset
HEF40160B
MSI
AC CHARACTERISTICS
VSS = 0 V; Tamb =25 °C; CL = 50 pF; input transition times ≤ 20 ns
Output transition times
5
60
120
ns
10 ns
+ (1,0 ns/pF) CL
HIGH to LOW
10
tTHL
30
60
ns
9 ns
+ (0,42 ns/pF) CL
15
20
40
ns
6 ns
+ (0,28 ns/pF) CL
5
60
120
ns
10 ns
+ (1,0 ns/pF) CL
LOW to HIGH
10
tTLH
30
60
ns
9 ns
+ (0,42 ns/pF) CL
15
20
40
ns
6 ns
+ (0,28 ns/pF) CL
VDD
V
SYMBOL
MIN.
TYP.
MAX.
Minimum clock
5
100
50
ns
see also waveforms
Figs 5, 6, 7 and 8
pulse width; LOW
10
tWCPL
40
20
ns
15
30
15
ns
Minimum MR
5
100
50
ns
pulse width; LOW
10
tWMRL
40
20
ns
15
30
15
ns
Recovery time
5
25
0
ns
for MR
10
tRMR
15
0
ns
15
10
0
ns
Set-up times
5
110
55
ns
Pn → CP
10
tsu
40
20
ns
15
30
15
ns
5
120
60
ns
PE
→ CP
10
tsu
40
20
ns
15
25
10
ns
5
260
130
ns
CEP, CET
→ CP
10
tsu
100
50
ns
15
70
35
ns
Hold times
5
20
−35
ns
Pn → CP
10
thold
10
−10
ns
15
5
−10
ns
515
−45
ns
PE
→ CP
10
thold
5
−15
ns
15
5
−10
ns
525
−105
ns
CEP, CET
→ CP
10
thold
15
−35
ns
15
10
−25
ns
VDD
V
SYMBOL
MIN.
TYP.
MAX.
TYPICAL EXTRAPOLATION
FORMULA


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn