Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QSE213C Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # QSE213C
Description  Plastic Silicon Infrared Phototransistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

QSE213C Datasheet(HTML) 1 Page - Fairchild Semiconductor

  QSE213C Datasheet HTML 1Page - Fairchild Semiconductor QSE213C Datasheet HTML 2Page - Fairchild Semiconductor QSE213C Datasheet HTML 3Page - Fairchild Semiconductor QSE213C Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
©2006 Fairchild Semiconductor Corporation
1
www.fairchildsemi.com
March 2006
QSE213C/QSE214C Rev. 1.0.0
QSE213C/QSE214C
Plastic Silicon Infrared Phototransistor
Features
■ NPN Silicon Phototransistor
■ Package Type: Sidelooker
■ Medium Reception Angle, 50°
■ Daylight Filter
■ Clean Epoxy Package
■ Matching Emitter: QEE213
Description
The QSE213C/QSE214C is a silicon phototransistor encapsu-
lated in a medium angle, infrared transparent, clear thin plastic
sidelooker package.
Package Dimensions
EMITTER
0.174 (4.44)
0.060 (1.50)
0.030 (0.76)
0.047 (1.20)
0.177 (4.51)
0.224 (5.71)
0.5 (12.7)
MIN
0.020 (0.51)
SQ. (2X)
0.100 (2.54)
R 0.030 (0.76)
Notes:
1. Dimensions for all drawings are in inches (mm).
2. Tolerance of ± .010 (.25) on all non-nominal
dimensions unless otherwise specified.
Collector
Emitter
Schematic


Similar Part No. - QSE213C

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
QSE213 FAIRCHILD-QSE213 Datasheet
314Kb / 4P
   PLASTIC SILICON INFRARED PHOTOTRANSISTOR
QSE213 FAIRCHILD-QSE213 Datasheet
80Kb / 4P
   Plastic Silicon Infrared Phototransistor
QSE213 FAIRCHILD-QSE213_05 Datasheet
80Kb / 4P
   Plastic Silicon Infrared Phototransistor
More results

Similar Description - QSE213C

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
QSC112 FAIRCHILD-QSC112 Datasheet
105Kb / 4P
   PLASTIC SILICON INFRARED PHOTOTRANSISTOR
QSE122 FAIRCHILD-QSE122 Datasheet
327Kb / 4P
   PLASTIC SILICON INFRARED PHOTOTRANSISTOR
QSE133 FAIRCHILD-QSE133 Datasheet
323Kb / 4P
   PLASTIC SILICON INFRARED PHOTOTRANSISTOR
QSE113 FAIRCHILD-QSE113 Datasheet
320Kb / 4P
   PLASTIC SILICON INFRARED PHOTOTRANSISTOR
QSC112 FAIRCHILD-QSC112_06 Datasheet
510Kb / 4P
   Plastic Silicon Infrared Phototransistor
QSD122 FAIRCHILD-QSD122 Datasheet
93Kb / 4P
   PLASTIC SILICON INFRARED PHOTOTRANSISTOR
QSC112 FAIRCHILD-QSC112_07 Datasheet
152Kb / 4P
   Plastic Silicon Infrared Phototransistor
QSD722 FAIRCHILD-QSD722 Datasheet
51Kb / 4P
   PLASTIC SILICON INFRARED PHOTOTRANSISTOR
QSC112CC6R0 FAIRCHILD-QSC112CC6R0 Datasheet
153Kb / 4P
   Plastic Silicon Infrared Phototransistor
QSE213 FAIRCHILD-QSE213_05 Datasheet
80Kb / 4P
   Plastic Silicon Infrared Phototransistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com