Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RS1G Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # RS1G
Description  Fast Rectifiers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

RS1G Datasheet(HTML) 1 Page - Fairchild Semiconductor

  RS1G Datasheet HTML 1Page - Fairchild Semiconductor RS1G Datasheet HTML 2Page - Fairchild Semiconductor RS1G Datasheet HTML 3Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
RS1A-RS1M, Rev. C
2001 Fairchild Semiconductor Corporation
RS1A - RS1M
Fast Rectifiers
Absolute Maximum Ratings*
T
A
= 25°C unless otherwise noted
*These ratings are limiting values above which the serviceability of any semiconductor device may be impaired.
Electrical Characteristics
T
A
= 25°C unless otherwise noted
Features
Glass passivated junction.
For surface mounted applications.
Built in strain relief, ideal for automated
placement.
Symbol
Parameter
Device
Units
1A
1B
1D
1G
1J
1K
1M
VF
Forward Voltage @ 1.0 A
1.3
V
trr
Reverse Recovery Time
I
F = 0.5 A, IR = 1.0 A, Irr = 0.25 A
150
250
500
ns
I
R
Reverse Current @ rated V
R
T
A = 25°C
T
A = 125°C
5.0
50
µA
µA
C
T
Total Capacitance
V
R = 4.0 V, f = 1.0 MHz
10
pF
SMA/DO-214AC
COLOR BAND DENOTES CATHODE
Symbol
Parameter
Value
Units
1A
1B
1D
1G
1J
1K
1M
V
RRM
Maximum Repetitive Reverse Voltage
50
100
200
400
600
800
1000
V
IF(AV)
Average Rectified Forward Current,
@ TA = 100°C
1.0
A
I
FSM
Non-repetitive Peak Forward Surge Current
8.3 ms Single Half-Sine-Wave
30
A
T
stg
Storage Temperature Range
-55 to +150
°C
T
J
Operating Junction Temperature
-55 to +150
°C
Symbol
Parameter
Value
Units
P
D
Power Dissipation
1.19
W
RθJA
Thermal Resistance, Junction to Ambient*
105
°C/W
RθJL
Thermal Resistance, Junction to Lead*
32
°C/W
Thermal Characteristics
*Device mounted on FR-4 PCB 0.013 mm.


Similar Part No. - RS1G

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
RS1G PANJIT-RS1G Datasheet
60Kb / 2P
   SURFACE MOUNT FAST SWITCHING RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 1.0 Ampere)
logo
Shenzhen Yixinwei Techn...
RS1G YIXIN-RS1G Datasheet
171Kb / 2P
   SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
Shenzhen Taychipst Elec...
RS1G TAYCHIPST-RS1G Datasheet
1Mb / 2P
   SURFACE MOUNT FAST RECOVERY RECTIFIERS
logo
SHENZHEN YONGERJIA INDU...
RS1G WINNERJOIN-RS1G Datasheet
158Kb / 1P
   SURFACE MOUNTED FAST RECOVERY RECTIFIER
logo
Taiwan Semiconductor Co...
RS1G TSC-RS1G Datasheet
132Kb / 2P
   1.0 AMP. Surface Mount Fast Recovery Rectifiers
More results

Similar Description - RS1G

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RS1A FAIRCHILD-RS1A_11 Datasheet
85Kb / 3P
   Fast Rectifiers
UF4003 FAIRCHILD-UF4003 Datasheet
42Kb / 3P
   Fast Rectifiers
logo
SeCoS Halbleitertechnol...
FR101 SECOS-FR101_15 Datasheet
166Kb / 2P
   Fast Rectifiers
logo
Fairchild Semiconductor
ES3A FAIRCHILD-ES3A Datasheet
146Kb / 4P
   Fast Rectifiers
RGF1A FAIRCHILD-RGF1A_01 Datasheet
49Kb / 3P
   Fast Rectifiers
ES2A FAIRCHILD-ES2A_01 Datasheet
51Kb / 3P
   Fast Rectifiers
UF4001 FAIRCHILD-UF4001_01 Datasheet
334Kb / 3P
   Fast Rectifiers
logo
ON Semiconductor
RGF1A ONSEMI-RGF1A Datasheet
144Kb / 5P
   Fast Rectifiers
June, 2020 ??Rev. 1
logo
New Jersey Semi-Conduct...
1N4147 NJSEMI-1N4147 Datasheet
91Kb / 1P
   Fast Rectifiers
logo
Fairchild Semiconductor
UF4001 FAIRCHILD-UF4001_05 Datasheet
42Kb / 3P
   Fast Rectifiers
logo
New Jersey Semi-Conduct...
1N5318 NJSEMI-1N5318 Datasheet
78Kb / 1P
   Fast Rectifiers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com