Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RS1D Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # RS1D
Description  Fast Rectifiers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

RS1D Datasheet(HTML) 2 Page - Fairchild Semiconductor

  RS1D Datasheet HTML 1Page - Fairchild Semiconductor RS1D Datasheet HTML 2Page - Fairchild Semiconductor RS1D Datasheet HTML 3Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
RS1A-RS1M, Rev. C
2001 Fairchild Semiconductor Corporation
Fast Rectifiers
(continued)
Typical Characteristics
12
5
10
20
50
100
0
5
10
15
20
25
30
Number of Cycles at 60Hz
1
2
5
10
20
50
100
1
5
10
20
50
Reverse Voltage, V
R [V]
0
20406080
100
120
140
0.001
0.01
0.1
1
10
Percent of Rated Peak Reverse Voltage [%]
T = 25 C
º
A
T = 100 C
º
A
T = 125 C
º
A
0.4
0.6
0.8
1
1.2
1.4
1.6
0.01
0.1
1
10
Forward Voltage, V
F [V]
Pulse Width = 300
µµµµs
2% Duty Cycle
T = 25 C
º
A
T = 125 C
º
A
0
25
50
75
100
125
150
175
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
Ambient Temperature [ºC]
RESISTIVE OR
INDUCTIVE LOAD
P.C.B. MOUNTED
ON 0.2 x 0.2"
(5.0 x 5.0 mm)
COPPER PAD AREAS
Figure 1. Forward Current Derating Curve
Figure 2. Non-Repetitive Surge Current
Figure 3. Forward Voltage Characteristics
Figure 4. Reverse Current vs Reverse Voltage
Figure 5. Total Capacitance


Similar Part No. - RS1D

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
RS1D PANJIT-RS1D Datasheet
60Kb / 2P
   SURFACE MOUNT FAST SWITCHING RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 1.0 Ampere)
logo
Shenzhen Yixinwei Techn...
RS1D YIXIN-RS1D Datasheet
171Kb / 2P
   SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
Shenzhen Taychipst Elec...
RS1D TAYCHIPST-RS1D Datasheet
1Mb / 2P
   SURFACE MOUNT FAST RECOVERY RECTIFIERS
logo
Taiwan Semiconductor Co...
RS1D TSC-RS1D Datasheet
132Kb / 2P
   1.0 AMP. Surface Mount Fast Recovery Rectifiers
logo
SAMYANG ELECTRONICS CO....
RS1D SAMYANG-RS1D Datasheet
955Kb / 2P
   FAST RECOVERY RECTIFIER
More results

Similar Description - RS1D

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RS1A FAIRCHILD-RS1A_11 Datasheet
85Kb / 3P
   Fast Rectifiers
UF4003 FAIRCHILD-UF4003 Datasheet
42Kb / 3P
   Fast Rectifiers
logo
SeCoS Halbleitertechnol...
FR101 SECOS-FR101_15 Datasheet
166Kb / 2P
   Fast Rectifiers
logo
Fairchild Semiconductor
ES3A FAIRCHILD-ES3A Datasheet
146Kb / 4P
   Fast Rectifiers
RGF1A FAIRCHILD-RGF1A_01 Datasheet
49Kb / 3P
   Fast Rectifiers
ES2A FAIRCHILD-ES2A_01 Datasheet
51Kb / 3P
   Fast Rectifiers
UF4001 FAIRCHILD-UF4001_01 Datasheet
334Kb / 3P
   Fast Rectifiers
logo
ON Semiconductor
RGF1A ONSEMI-RGF1A Datasheet
144Kb / 5P
   Fast Rectifiers
June, 2020 ??Rev. 1
logo
New Jersey Semi-Conduct...
1N4147 NJSEMI-1N4147 Datasheet
91Kb / 1P
   Fast Rectifiers
logo
Fairchild Semiconductor
UF4001 FAIRCHILD-UF4001_05 Datasheet
42Kb / 3P
   Fast Rectifiers
logo
New Jersey Semi-Conduct...
1N5318 NJSEMI-1N5318 Datasheet
78Kb / 1P
   Fast Rectifiers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com