Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TNY264 Datasheet(PDF) 9 Page - Power Integrations, Inc.

Part # TNY264
Description  Generic PCB for DVD Player using TinySwitch-II
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TNY264 Datasheet(HTML) 9 Page - Power Integrations, Inc.

Back Button TNY264_1 Datasheet HTML 5Page - Power Integrations, Inc. TNY264_1 Datasheet HTML 6Page - Power Integrations, Inc. TNY264_1 Datasheet HTML 7Page - Power Integrations, Inc. TNY264_1 Datasheet HTML 8Page - Power Integrations, Inc. TNY264_1 Datasheet HTML 9Page - Power Integrations, Inc. TNY264_1 Datasheet HTML 10Page - Power Integrations, Inc. TNY264_1 Datasheet HTML 11Page - Power Integrations, Inc. TNY264_1 Datasheet HTML 12Page - Power Integrations, Inc. TNY264_1 Datasheet HTML 13Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
DER-9
Generic PCB for DVD Player using TinySwitch-II
February 4, 2004
Page 9 of 26
Power Integrations
Tel: +1 408 414 9200 Fax: +1 408 414 9201
www.powerint.com
5
Bill Of Materials – Generic PSU with all options
Item
Qty
Reference
Description
P/N
Manufacturer
1
1
C1*
22
µF, 400 V
KMG400VB22RM
Nippon Chemi-Con
2
1
C2*
22
µF, 400 V
KMG400VB22RM
Nippon Chemi-Con
3
1
C3
2.2 nF, 1 kV, ceramic Z5U dielectric
Any
4
1
C18
0.1
µF, 630V, polyester
Any
5
2
C15, C19
0.1
µF, 100 V, ceramic Z5U dielectric
Any
6
2
C16, C23
470 pF, 100 V, ceramic Z5U dielectric
Any
7
1
C22
680 pF, 100 V, ceramic Z5U dielectric
Any
8
1
C12
82
µF, 35 V
KMG35VB82RM
Nippon Chemi-Con
9
1
C6
100
µF, 25 V, low esr
KZE25VB101M
Nippon Chemi-Con
10
2
C8, C10
470
µF, 10 V, low esr
KZE10VB471M
Nippon Chemi-Con
11
1
C9
330
µF, 10 V, low esr
KZE10VB331M
Nippon Chemi-Con
12
1
C11
220
µF, 10 V, low esr
KZE10VB221M
Nippon Chemi-Con
13
1
C4
47
µF, 50 V, low esr
KZE50VB47RM
Nippon Chemi-Con
14
2
C7, C14
47
µF, 25 V, low esr
KZE25VB47RM
Nippon Chemi-Con
15
1
C13
10
µF, 50 V, low esr
KZE50VB10RM
Nippon Chemi-Con
16
4
D1, D2, D3, D4
1 A, 1000 V, Glass Passivated
1N4007GP
Any
17
1
D5
1 A, 1000 V, Glass Passivated
1N4007GP
Vishay / Any
18
3
D6, D10, D11
BAV20
Any
19
1
D7
UF4003, 200V
Any
20
2
D8, D9*
IN5822
Any
21
1
Q1
2N4401, Transistor, 0.5A, 40V
Any
22
1
F1
1A/275V Fuse
Any
23
1
L1
1.5 mH, 0.25 A
Any
24
2
L2, L3
Ferrite Bead
Any
25
2
L4, L5
3.3
µH, 1 A
Any
26
1
R1
200 K
Ω, 1/2 W, 5%
Any
27
2
R2, R12
200
Ω, 1/4 W, 5%
Any
28
1
R3
30 k
Ω, 1/4 W, 5%
Any
29
1
R4
10 k
Ω, 1/4 W, 5%
Any
30
1
R5
1.6 k
Ω, 1/4 W, 5%
Any
31
1
R6
9.1 k
Ω, 1/4 W, 5%
Any
32
1
R8
1
Ω, 1/4 W, 5%
Any
33
1
R9
680
Ω, 1/2 W, 5%
Any
34
1
R10
Customer Option
Any
35
1
R11
Customer Option
Any
36
1
R13
16
Ω, 1/4 W, 5%
Any
37
1
R15
910
Ω, 1/4 W, 5%
Any
38
2
R16, R17
6.8
Ω, 1/4 W, 5%
Any
39
1
VR1
4.3 V, 1/4 W, 2%
BZX79-B4V3
Any
40
1
VR2
12 V, 1/4 W, 2%
BZX79-B12V
Any
41
1
VR3
8.2 V, 1/4 W, 2%
BZX79-B8V2
Any
42
1
T1
EEL25
Custom
Any
43
1
U1
TinySwitch-II
TNY266P
Power Integrations
44
1
U2
Opto-coupler
PC817A
Isocom / Any
45
1
U4
Linear Regulator
LM13121Z-12, TO-92
National Semi
46
1
J4
DC Switch
Custom
Any
47
1
J1
AC Input Connector
Custom
Any
48
2
J2, J3
DC Output Connector
Custom
Any
49
1
PCB
Note: C1 and C2 could be changed to smaller capacitance according to actual output power, D9 should be changed to
SB360 if the O/P is 3.6V.


Similar Part No. - TNY264_1

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
TNY264G POWERINT-TNY264G Datasheet
516Kb / 20P
   Enhanced, Energy Efficient, Low Power Off-line Switcher
TNY264G POWERINT-TNY264G Datasheet
1Mb / 24P
   Enhanced, Energy Efficient, Low Power Off-line Switcher
TNY264G POWERINT-TNY264G Datasheet
200Kb / 24P
   Enhanced, Energy Efficient, Low Power Off-line Switcher
TNY264G POWERINT-TNY264G Datasheet
765Kb / 22P
   Enhanced, Energy Effi cient, Low Power Off-line Switcher
TNY264G POWERINT-TNY264G Datasheet
765Kb / 22P
   Enhanced, Energy Effi cient, Low Power Off-line Switcher
More results

Similar Description - TNY264_1

ManufacturerPart #DatasheetDescription
logo
Rohm
BD3824FS ROHM-BD3824FS Datasheet
71Kb / 3P
   Sound processor for DVD player
logo
Sanyo Semicon Device
LA9703W SANYO-LA9703W_06 Datasheet
390Kb / 16P
   Front End Processor for DVD Player
LA73054 SANYO-LA73054 Datasheet
433Kb / 12P
   For DVD Player Video Signal Driver
logo
Rohm
RLD65MPT5 ROHM-RLD65MPT5 Datasheet
72Kb / 4P
   Red Laser for DVD-player, Combination
logo
Panasonic Semiconductor
HUL6273 PANASONIC-HUL6273 Datasheet
81Kb / 3P
   For Car DVD Player Hologram Unit
logo
List of Unclassifed Man...
DV-SL100 ETC-DV-SL100 Datasheet
522Kb / 4P
   Progressive Scan DVD Player
logo
Ceramate Technical
CMD4508 CERAMATE-CMD4508 Datasheet
205Kb / 6P
   5-CH BTL Driver for DVD Player
CMD4505 CERAMATE-CMD4505 Datasheet
293Kb / 6P
   5-CH BTL Driver for DVD Player
logo
BCD Semiconductor Manuf...
AM5669 BCDSEMI-AM5669 Datasheet
172Kb / 14P
   5-CHANNEL MOTOR DRIVER FOR DVD PLAYER
logo
Unisonic Technologies
UA8868 UTC-UA8868 Datasheet
207Kb / 6P
   5-CHANNEL BTL DRIVER FOR DVD PLAYER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com