Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TNY268P Datasheet(PDF) 7 Page - Power Integrations, Inc.

Part # TNY268P
Description  15W PC Standby power supply
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TNY268P Datasheet(HTML) 7 Page - Power Integrations, Inc.

Back Button TNY268P Datasheet HTML 3Page - Power Integrations, Inc. TNY268P Datasheet HTML 4Page - Power Integrations, Inc. TNY268P Datasheet HTML 5Page - Power Integrations, Inc. TNY268P Datasheet HTML 6Page - Power Integrations, Inc. TNY268P Datasheet HTML 7Page - Power Integrations, Inc. TNY268P Datasheet HTML 8Page - Power Integrations, Inc. TNY268P Datasheet HTML 9Page - Power Integrations, Inc. TNY268P Datasheet HTML 10Page - Power Integrations, Inc. TNY268P Datasheet HTML 11Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
DER-11
15W PC Standby power supply
February 4, 2004
Page 7 of 20
Power Integrations
Tel: +1 408 414 9660 Fax: +1 408 414 9760
www.powerint.com
4
PCB Layout
Figure 4 – PCB Layout
Note:
1. The schematic and PCB layout have some components as OPTIONS, which are not
used in the prototype.
2. The prototype PCB layout may not match the schematic, due to modifications made to
meet the specifications.


Similar Part No. - TNY268P

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
TNY268P POWERINT-TNY268P Datasheet
516Kb / 20P
   Enhanced, Energy Efficient, Low Power Off-line Switcher
TNY268P POWERINT-TNY268P Datasheet
1Mb / 24P
   Enhanced, Energy Efficient, Low Power Off-line Switcher
TNY268P POWERINT-TNY268P Datasheet
200Kb / 24P
   Enhanced, Energy Efficient, Low Power Off-line Switcher
TNY268P POWERINT-TNY268P Datasheet
765Kb / 22P
   Enhanced, Energy Effi cient, Low Power Off-line Switcher
TNY268P POWERINT-TNY268P Datasheet
765Kb / 22P
   Enhanced, Energy Effi cient, Low Power Off-line Switcher
More results

Similar Description - TNY268P

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
PA-1181-10AC LITEON-PA-1181-10AC Datasheet
447Kb / 3P
   PC Power Supply TFX Series 12V without Standby
logo
ETA-USA
VTM05-SC12 ETA-USA-VTM05-SC12 Datasheet
6Mb / 3P
   15W Isolated Power Supply
VTM21-WC12 ETA-USA-VTM21-WC12 Datasheet
6Mb / 3P
   15W Isolated Power Supply
logo
LinkCom Manufacturing C...
15W-LCCE LINKCOM-15W-LCCE Datasheet
493Kb / 3P
   15W LED Power Supply
logo
ETA-USA
SVM-SD ETA-USA-SVM-SD Datasheet
2Mb / 3P
   15W Isolated Power Supply
SVM-SC ETA-USA-SVM-SC Datasheet
2Mb / 3P
   15W Isolated Power Supply
logo
Mean Well Enterprises C...
PM-15 MEANWELL-PM-15_10 Datasheet
199Kb / 2P
   15W Output Switching Power Supply
logo
Advantech Co., Ltd.
BB-SDI18-5-U-P5 ADVANTECH-BB-SDI18-5-U-P5 Datasheet
552Kb / 2P
   5Vdc, 3A, 15W Power Supply
logo
Mean Well Enterprises C...
IRM-15 MEANWELL-IRM-15 Datasheet
164Kb / 2P
   15W Output Switching Power Supply
NFM-15 MEANWELL-NFM-15_12 Datasheet
226Kb / 2P
   15W Output Switching Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com