Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN75185 Datasheet(PDF) 6 Page - Texas Instruments

Part # SN75185
Description  MULTIPLE RS-232 DRIVERS AND RECEIVERS
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75185 Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN75185_06 Datasheet HTML 2Page - Texas Instruments SN75185_06 Datasheet HTML 3Page - Texas Instruments SN75185_06 Datasheet HTML 4Page - Texas Instruments SN75185_06 Datasheet HTML 5Page - Texas Instruments SN75185_06 Datasheet HTML 6Page - Texas Instruments SN75185_06 Datasheet HTML 7Page - Texas Instruments SN75185_06 Datasheet HTML 8Page - Texas Instruments SN75185_06 Datasheet HTML 9Page - Texas Instruments SN75185_06 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
www.ti.com
DRIVER SECTION
Switching Characteristics
SN75185
MULTIPLE RS-232 DRIVERS AND RECEIVERS
SLLS181D–DECEMBER 1994–REVISED JANUARY 2006
abc
Electrical Characteristics
over recommended operating free-air temperature range, VDD = 9 V, VSS =–9V,VCC = 5 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX UNIT
VOH
High-level output voltage
VIL = 0.8 V,
RL =3kΩ,
See Figure 1
6
7.5
V
VOL
Low-level output voltage(1)
VIH = 1.9 V,
RL =3kΩ,
See Figure 1
–7.5
–6
V
IIH
High-level input current
VI = 5 V,
See Figure 2
10
μA
IIL
Low-level input current
VI = 0,
See Figure 2
–1.6
mA
IOS(H) High-level short-circuit output current(2)
VIL = 0.8 V,
VO = 0,
See Figure 1
–4.5
–12
–19.5
mA
IOS(L) Low-level short-circuit output current
VIH = 2 V,
VO = 0,
See Figure 1
4.5
12
19.5
mA
ro
Output resistance(3)
VCC =VDD =VSS =0,
VO =–2Vto 2V
300
Ω
(1) The algebraic convention, in which the more positive (less negative) limit is designated as maximum, is used in this data sheet for logic
levels only (e.g., if –10 V is maximum, the typical value is a more negative voltage).
(2) Output short-circuit conditions must maintain the total power dissipation below absolute maximum ratings.
(3) Test conditions are those specified by TIA/EIA-232-F and as listed above.
VCC = 5 V, VDD =12V,VSS = –12 V, TA =25°C (see Figure 3)
PARAMETER
TEST CONDITIONS
MIN
TYP MAX
UNIT
tPLH
Propagation delay time, low- to high-level output
RL =3kΩ to 7 kΩ,CL = 15 pF
315
500
ns
tPHL
Propagation delay time, high- to low-level output
RL =3kΩ to 7 kΩ,CL =15pF
75
175
ns
CL =15pF
60
100
ns
tTLH
Transition time, low- to high-level output
RL =3kΩ to 7 kΩ
CL = 2500 pF(1)
1.7
2.5
μs
CL = 15 pF
4075ns
tTHL
Transition time, high- to low-level output
RL =3kΩ to 7 kΩ
CL = 2500 pF(2)
1.5
2.5
μs
(1) Measured between –3-V and 3-V points of the output waveform (TIA/EIA-232-F conditions); all unused inputs are tied either high or low.
(2) Measured between 3-V and –3-V points of the output waveform (TIA/EIA-232-F conditions); all unused inputs are tied either high or low.
6


Similar Part No. - SN75185_06

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75185 TI-SN75185_07 Datasheet
547Kb / 21P
[Old version datasheet]   MULTIPLE RS-232 DRIVERS AND RECEIVERS
More results

Similar Description - SN75185_06

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
75232 UTC-75232 Datasheet
300Kb / 10P
   MULTIPLE RS-232 DRIVERS AND RECEIVERS
logo
Texas Instruments
GD75323 TI-GD75323 Datasheet
158Kb / 11P
[Old version datasheet]   MULTIPLE RS-232 DRIVERS AND RECEIVERS
logo
STMicroelectronics
ST75185 STMICROELECTRONICS-ST75185 Datasheet
478Kb / 18P
   MULTIPLE RS-232 DRIVERS AND RECEIVERS
ST75185 STMICROELECTRONICS-ST75185_06 Datasheet
376Kb / 21P
   Multiple RS-232 drivers and receivers
logo
Texas Instruments
SN75185 TI-SN75185_07 Datasheet
547Kb / 21P
[Old version datasheet]   MULTIPLE RS-232 DRIVERS AND RECEIVERS
logo
Unisonic Technologies
75323 UTC-75323_15 Datasheet
383Kb / 12P
   MULTIPLE RS-232 DRIVERS AND RECEIVERS
logo
Texas Instruments
GD75323 TI1-GD75323_16 Datasheet
1Mb / 19P
[Old version datasheet]   MULTIPLE RS-232 DRIVERS AND RECEIVERS
SN75196 TI-SN75196 Datasheet
189Kb / 12P
[Old version datasheet]   MULTIPLE RS-232 DRIVERS AND RECEIVERS
logo
Holtek Semiconductor In...
HT6571 HOLTEK-HT6571 Datasheet
483Kb / 8P
   Multiple RS-232 Drivers and Receivers
logo
STMicroelectronics
ST75285 STMICROELECTRONICS-ST75285 Datasheet
300Kb / 13P
   MULTIPLE RS-232 DRIVERS AND RECEIVERS
December 2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com