Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN75374 Datasheet(PDF) 3 Page - Texas Instruments

Part # SN75374
Description  QUADRUPLE MOSFET DRIVER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75374 Datasheet(HTML) 3 Page - Texas Instruments

  SN75374_06 Datasheet HTML 1Page - Texas Instruments SN75374_06 Datasheet HTML 2Page - Texas Instruments SN75374_06 Datasheet HTML 3Page - Texas Instruments SN75374_06 Datasheet HTML 4Page - Texas Instruments SN75374_06 Datasheet HTML 5Page - Texas Instruments SN75374_06 Datasheet HTML 6Page - Texas Instruments SN75374_06 Datasheet HTML 7Page - Texas Instruments SN75374_06 Datasheet HTML 8Page - Texas Instruments SN75374_06 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
SN75374
QUADRUPLE MOSFET DRIVER
SLRS028A − SEPTEMBER 1988 − REVISED NOVEMBER 2004
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended ranges of VCC1, VCC2, VCC3, and operating free-air
temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VIK
Input clamp voltage
II = − 12 mA
− 1.5
V
VCC3 = VCC2 + 3 V,
VIL = 0.8 V,
IOH = − 100 µA VCC2 − 0.3 VCC2 − 0.1
VOH
High-level output voltage
VCC3 = VCC2 + 3 V,
VIL = 0.8 V,
IOH = − 10 mA
VCC2 − 1.3 VCC2 − 0.9
V
VOH
High-level output voltage
VCC3 = VCC2,
VIL = 0.8 V,
IOH = − 50 µA
VCC2 − 1 VCC2 − 0.7
V
VCC3 = VCC2,
VIL = 0.8 V,
IOH = − 10 mA
VCC2 − 2.5 VCC2 − 1.8
VOL
Low-level output voltage
VIH = 2 V,
IOL = 10 mA
0.15
0.3
V
VOL
Low-level output voltage
VCC2 = 15 V to 28 V, VIH = 2 V,
IOL = 40 mA
0.25
0.5
V
VF
Output clamp-diode
VI = 0,
IF = 20 mA
1.5
V
VF
Output clamp-diode
forward voltage
VI = 0,
IF = 20 mA
1.5
V
II
Input current at
VI = 5.5 V
1
mA
II
Input current at
maximum input voltage
VI = 5.5 V
1mA
IIH
High-level
Any A
VI = 2.4 V
40
A
IIH
High-level
input current
Any E
VI = 2.4 V
80
µA
IIL
Low-level
Any A
VI = 0.4 V
−1
− 1.6
mA
IIL
Low-level
input current
Any E
VI = 0.4 V
−2
− 3.2
mA
ICC1(H)
Supply current from
4
8
ICC1(H)
Supply current from
VCC1, all outputs high
48
ICC2(H)
Supply current from
VCC1 = 5.25 V,
VCC2 = 24 V, VCC3 = 28 V,
− 2.2
0.25
mA
ICC2(H)
Supply current from
VCC2, all outputs high
VCC1 = 5.25 V,
All inputs at 0 V,
VCC2 = 24 V, VCC3 = 28 V,
No load
−2.2
0.25
mA
ICC3(H)
Supply current from
All inputs at 0 V,
No load
2.2
3.5
ICC3(H)
Supply current from
VCC3, all outputs high
2.2
3.5
ICC1(L)
Supply current from
31
47
ICC1(L)
Supply current from
VCC1, all outputs low
31
47
ICC2(L)
Supply current from
VCC1 = 5.25 V,
VCC2 = 24 V, VCC3 = 28 V,
2
mA
ICC2(L)
Supply current from
VCC2, all outputs low
VCC1 = 5.25 V,
All inputs at 5 V,
VCC2 = 24 V, VCC3 = 28 V,
No load
2mA
ICC3(L)
Supply current from
All inputs at 5 V,
No load
16
27
ICC3(L)
Supply current from
VCC1, all outputs low
16
27
ICC2(H)
Supply current from
0.25
ICC2(H)
Supply current from
VCC2, all outputs high
VCC1 = 5.25 V,
VCC2 = 24 V, VCC3 = 24 V,
0.25
mA
ICC3(H) Supply current from
VCC1 = 5.25 V,
All inputs at 0 V,
VCC2 = 24 V, VCC3 = 24 V,
No load
0.5
mA
VCC3, all outputs high
All inputs at 0 V,
No load
0.5
ICC2(S)
Supply current from
0.25
ICC2(S)
Supply current from
VCC2, standby condition VCC1 = 0,
VCC2 = 24 V, VCC3 = 24 V,
0.25
mA
ICC3(S)
Supply current from
VCC1 = 0,
All inputs at 0 V,
VCC2 = 24 V, VCC3 = 24 V,
No load
0.5
mA
ICC3(S)
Supply current from
VCC3, standby condition
All inputs at 0 V,
No load
0.5
† All typical values are at VCC1 = 5 V, VCC2 = 20 V, VCC3 = 24 V, and TA = 25°C, except for VOH for which VCC2 and VCC3 are as stated under test
conditions.
switching characteristics, VCC1 = 5 V, VCC2 = 20 V, VCC3 = 24 V, TA = 25°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tDLH
Delay time, low- to high-level output
20
30
ns
tDHL
Delay time, high- to low-level output
C = 200 pF,
10
20
ns
tPLH
Propagation delay time, low- to high-level output
CL = 200 pF,
RD = 24 Ω,
10
40
60
ns
tPHL
Propagation delay time, high- to low-level output
RD = 24 Ω,
See Figure 1
10
30
50
ns
tTLH
Transition time, low- to high-level output
See Figure 1
20
30
ns
tTHL
Transition time, high- to low-level output
20
30
ns


Similar Part No. - SN75374_06

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75374D TI-SN75374D Datasheet
206Kb / 13P
[Old version datasheet]   QUADRUPLE MOSFET DRIVER
SN75374D TI1-SN75374D Datasheet
533Kb / 19P
[Old version datasheet]   QUADRUPLE MOSFET DRIVER
SN75374DE4 TI1-SN75374DE4 Datasheet
533Kb / 19P
[Old version datasheet]   QUADRUPLE MOSFET DRIVER
SN75374DG4 TI1-SN75374DG4 Datasheet
533Kb / 19P
[Old version datasheet]   QUADRUPLE MOSFET DRIVER
SN75374DR TI1-SN75374DR Datasheet
533Kb / 19P
[Old version datasheet]   QUADRUPLE MOSFET DRIVER
More results

Similar Description - SN75374_06

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75374 TI-SN75374 Datasheet
206Kb / 13P
[Old version datasheet]   QUADRUPLE MOSFET DRIVER
SN75374 TI1-SN75374_14 Datasheet
533Kb / 19P
[Old version datasheet]   QUADRUPLE MOSFET DRIVER
SN75439 TI-SN75439 Datasheet
115Kb / 7P
[Old version datasheet]   QUADRUPLE PERIPHERAL DRIVER
SN75126 TI-SN75126 Datasheet
215Kb / 9P
[Old version datasheet]   QUADRUPLE LINE DRIVER
SN75437A TI-SN75437A Datasheet
110Kb / 7P
[Old version datasheet]   QUADRUPLE PERIPHERAL DRIVER
SN75439NE TI-SN75439NE Datasheet
140Kb / 9P
[Old version datasheet]   QUADRUPLE PERIPHERAL DRIVER
SN75130 TI1-SN75130_11 Datasheet
271Kb / 11P
[Old version datasheet]   QUADRUPLE LINE DRIVER
SN75130 TI-SN75130 Datasheet
131Kb / 8P
[Old version datasheet]   QUADRUPLE LINE DRIVER
SN75ALS126 TI-SN75ALS126 Datasheet
115Kb / 7P
[Old version datasheet]   QUADRUPLE LINE DRIVER
SN75ALS130 TI1-SN75ALS130 Datasheet
150Kb / 9P
[Old version datasheet]   QUADRUPLE LINE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com