Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CC1010 Datasheet(PDF) 70 Page - Texas Instruments

Click here to check the latest version.
Part # CC1010
Description  Single Chip Very Low Power RF Transceiver with 8051-Compatible Microcontroller
Download  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1010 Datasheet(HTML) 70 Page - Texas Instruments

Back Button CC1010 Datasheet HTML 66Page - Texas Instruments CC1010 Datasheet HTML 67Page - Texas Instruments CC1010 Datasheet HTML 68Page - Texas Instruments CC1010 Datasheet HTML 69Page - Texas Instruments CC1010 Datasheet HTML 70Page - Texas Instruments CC1010 Datasheet HTML 71Page - Texas Instruments CC1010 Datasheet HTML 72Page - Texas Instruments CC1010 Datasheet HTML 73Page - Texas Instruments CC1010 Datasheet HTML 74Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 152 page
background image
CC1010
SWRS047
Page 70 of 152
received stop bit is stored in RB8_0 /
RB8_1) and the receive interrupt flag is
set. If not, the received data is lost and
RB8_0 / RB8_1 and the receive interrupt
flag remains unchanged.
16.7.3
MODE2
Mode 2 provides asynchronous full-duplex
communication using a total of 11 bits: 1
start bit, 8 data bits, a programmable 9th
bit and 1 stop bit. The data bits are
transmitted and received LSB first.
The mode 2 baud rate is either fsystem/32 or
fsystem/64,
set
by
PCON.SMOD0
(or
EICON.SMOD1). The baud rate is then:
system
f
Rate
Baud
=
64
2SMODx
To transmit data in mode 1, write data to
SBUF0 / SBUF1. Transmission is then
performed on pin TXD0 / TXD1 in the
following order: start bit, 8 data bits (LSB
first), 9th bit (from TB8_0 / TB8_1) and
then the stop bit. The transmit interrupt
flag TI_0 / TI_1 is set when the stop bit
is placed on the transmit pin.
Reception must be enabled by setting
REN_0 / REN_1. It is then initiated by the
falling edge of a start bit received on RXD0
/ RXD1. The input pin is sampled 16 times
per baud. Majority decision is made, as
with mode 1. When the majority decision is
made for the stop-bit, the following
conditions must be met:
RI_0 / RI_1 is 0
If SM2_0 / SM2_1 is set, the 9th bit
and the stop bit must be one.
If these conditions are met, the received
data is buffered in SBUF0 / SBUF1, the
received stop bit is stored in RB8_0 /
RB8_1 and the receive interrupt flag RI_0
/ RI_1 is set. If not, the received data is
lost and RB8 and the receive interrupt flag
remains unchanged.
16.7.4
MODE 3
Mode 3 provides asynchronous, full-
duplex communication, using a total of 11
bits (as with mode 2): 1 start bit, 8 data
bits, a programmable 9th bit and 1 stop bit.
The data bits are transmitted and received
LSB first.
Transmission and reception in mode 3 is
identical to mode 2, except for the baud
rate generation, which is identical to mode
1.
16.7.5
Multiprocessor Communications
The multiprocessor communication feature
is enabled in mode2 and mode 3, when
the SM2_0 / SM2_1 bit is set. The 9th bit
received is then stored in RB8_0 / RB8_1
and the interrupt bit is only set if this bit is
1.
An address byte can then be transmitted,
with the 9th bit set, to generate an
interrupt on all slaves. The slave(s) with
the correct address (decoded in software)
may then clear SM2_0 / SM2_1 to receive
the rest of the data, which is transmitted
with the 9th bit low. All other slaves will
then ignore the data received.


Similar Part No. - CC1010

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CC1010 ETC2-CC1010 Datasheet
1Mb / 133P
   Single Chip Very Low Power RF Transceiver with 8051-Compatible Microcontroller
CC1010DK-433 ETC2-CC1010DK-433 Datasheet
1Mb / 133P
   Single Chip Very Low Power RF Transceiver with 8051-Compatible Microcontroller
CC1010DK-868 ETC2-CC1010DK-868 Datasheet
1Mb / 133P
   Single Chip Very Low Power RF Transceiver with 8051-Compatible Microcontroller
logo
Texas Instruments
CC1010PAG TI-CC1010PAG Datasheet
1Mb / 149P
[Old version datasheet]   Single Chip Very Low Power RF Transceiver with 8051-Compatible Microcontroller
CC1010PAGR TI-CC1010PAGR Datasheet
1Mb / 149P
[Old version datasheet]   Single Chip Very Low Power RF Transceiver with 8051-Compatible Microcontroller
More results

Similar Description - CC1010

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CC1010 ETC2-CC1010 Datasheet
1Mb / 133P
   Single Chip Very Low Power RF Transceiver with 8051-Compatible Microcontroller
logo
Texas Instruments
CC1010PAGR TI-CC1010PAGR Datasheet
1Mb / 149P
[Old version datasheet]   Single Chip Very Low Power RF Transceiver with 8051-Compatible Microcontroller
CC1000 TI-CC1000 Datasheet
593Kb / 55P
[Old version datasheet]   Single Chip Very Low Power RF Transceiver
logo
Future Technology Devic...
FT51BQ-T FTDI-FT51BQ-T Datasheet
1Mb / 43P
   Advanced Microcontroller with 8051 Compatible Core
logo
List of Unclassifed Man...
CC2510FX ETC1-CC2510FX Datasheet
1Mb / 253P
   True System-on-Chip with Low Power RF Transceiver and 8051 MCU
logo
Texas Instruments
CC1110 TI-CC1110 Datasheet
1Mb / 203P
[Old version datasheet]   True System-on-Chip with Low Power RF Transceiver and 8051 MCU
logo
ATMEL Corporation
AT89LP51RC2 ATMEL-AT89LP51RC2_14 Datasheet
7Mb / 254P
   8-bit Microcontroller Compatible with 8051 Products
AT89LP51ED2 ATMEL-AT89LP51ED2_14 Datasheet
809Kb / 26P
   8-bit Microcontroller Compatible with 8051 Products
AT89LP51IC2 ATMEL-AT89LP51IC2_14 Datasheet
7Mb / 254P
   8-bit Microcontroller Compatible with 8051 Products
AT89LP51 ATMEL-AT89LP51_14 Datasheet
4Mb / 117P
   8-bit Microcontroller Compatible with 8051 Products
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com