Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CC1010 Datasheet(PDF) 89 Page - Texas Instruments

Click here to check the latest version.
Part # CC1010
Description  Single Chip Very Low Power RF Transceiver with 8051-Compatible Microcontroller
Download  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1010 Datasheet(HTML) 89 Page - Texas Instruments

Back Button CC1010 Datasheet HTML 85Page - Texas Instruments CC1010 Datasheet HTML 86Page - Texas Instruments CC1010 Datasheet HTML 87Page - Texas Instruments CC1010 Datasheet HTML 88Page - Texas Instruments CC1010 Datasheet HTML 89Page - Texas Instruments CC1010 Datasheet HTML 90Page - Texas Instruments CC1010 Datasheet HTML 91Page - Texas Instruments CC1010 Datasheet HTML 92Page - Texas Instruments CC1010 Datasheet HTML 93Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 152 page
background image
CC1010
SWRS047
Page 89 of 152
17.5 RF Transceiver RX/TX control and power management
The
RFMAIN
register
controls
the
operation mode (RX or TX), use of the
dual frequency registers and several
power down modes. In this way the
CC1010
offers great flexibility for RF power
management in order to meet strict power
consumption requirements in battery-
operated applications. Different power-
down modes are controlled through
individual bits in the RFMAIN register.
There are separate bits to control the RX
part,
the
TX
part,
the
frequency
synthesiser and the crystal oscillator. This
individual control can be used to optimise
for lowest possible current consumption in
a certain application.
A typical power-on sequence for minimum
power consumption is shown in Figure 22.
The figure assumes that frequency A is
used for RX and frequency B is used for
TX. If this is not the case, simply invert the
F_REG setting.
RFMAIN (0xC8) - RF Main Control Register
Bit
Name
R/W
Reset value
Description
7
RXTX
R/W
0
RX/TX Switch.
0 : RX
1 : TX
6
F_REG
R/W
0
Select the frequency registers A or B
0 : Select frequency registers A
1 : Select frequency registers B
5
RX_PD
R/W
1
Select power down for the LNA, mixer, IF filter and digital
demodulator.
0 : Power up
1 : Power down
4
TX_PD
R/W
1
Select power down of the digital modem and PA.
0 : Power up
1 : Power down
3
FS_PD
R/W
1
Select power down of the frequency synthesizer
0 : Power up
1 : Power down
2
CORE_PD
R/W
0
Power down of main crystal oscillator core.
0 : Power up
1 : Power down
1
BIAS_PD
R/W
0
Power down of bias current generator and crystal
oscillator buffer.
0 : Power up
1 : Power down
0
-
R0
0
Reserved, read as 0


Similar Part No. - CC1010

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CC1010 ETC2-CC1010 Datasheet
1Mb / 133P
   Single Chip Very Low Power RF Transceiver with 8051-Compatible Microcontroller
CC1010DK-433 ETC2-CC1010DK-433 Datasheet
1Mb / 133P
   Single Chip Very Low Power RF Transceiver with 8051-Compatible Microcontroller
CC1010DK-868 ETC2-CC1010DK-868 Datasheet
1Mb / 133P
   Single Chip Very Low Power RF Transceiver with 8051-Compatible Microcontroller
logo
Texas Instruments
CC1010PAG TI-CC1010PAG Datasheet
1Mb / 149P
[Old version datasheet]   Single Chip Very Low Power RF Transceiver with 8051-Compatible Microcontroller
CC1010PAGR TI-CC1010PAGR Datasheet
1Mb / 149P
[Old version datasheet]   Single Chip Very Low Power RF Transceiver with 8051-Compatible Microcontroller
More results

Similar Description - CC1010

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CC1010 ETC2-CC1010 Datasheet
1Mb / 133P
   Single Chip Very Low Power RF Transceiver with 8051-Compatible Microcontroller
logo
Texas Instruments
CC1010PAGR TI-CC1010PAGR Datasheet
1Mb / 149P
[Old version datasheet]   Single Chip Very Low Power RF Transceiver with 8051-Compatible Microcontroller
CC1000 TI-CC1000 Datasheet
593Kb / 55P
[Old version datasheet]   Single Chip Very Low Power RF Transceiver
logo
Future Technology Devic...
FT51BQ-T FTDI-FT51BQ-T Datasheet
1Mb / 43P
   Advanced Microcontroller with 8051 Compatible Core
logo
List of Unclassifed Man...
CC2510FX ETC1-CC2510FX Datasheet
1Mb / 253P
   True System-on-Chip with Low Power RF Transceiver and 8051 MCU
logo
Texas Instruments
CC1110 TI-CC1110 Datasheet
1Mb / 203P
[Old version datasheet]   True System-on-Chip with Low Power RF Transceiver and 8051 MCU
logo
ATMEL Corporation
AT89LP51RC2 ATMEL-AT89LP51RC2_14 Datasheet
7Mb / 254P
   8-bit Microcontroller Compatible with 8051 Products
AT89LP51ED2 ATMEL-AT89LP51ED2_14 Datasheet
809Kb / 26P
   8-bit Microcontroller Compatible with 8051 Products
AT89LP51IC2 ATMEL-AT89LP51IC2_14 Datasheet
7Mb / 254P
   8-bit Microcontroller Compatible with 8051 Products
AT89LP51 ATMEL-AT89LP51_14 Datasheet
4Mb / 117P
   8-bit Microcontroller Compatible with 8051 Products
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com