Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CC1010 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # CC1010
Description  Single Chip Very Low Power RF Transceiver with 8051-Compatible Microcontroller
Download  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1010 Datasheet(HTML) 11 Page - Texas Instruments

Back Button CC1010 Datasheet HTML 7Page - Texas Instruments CC1010 Datasheet HTML 8Page - Texas Instruments CC1010 Datasheet HTML 9Page - Texas Instruments CC1010 Datasheet HTML 10Page - Texas Instruments CC1010 Datasheet HTML 11Page - Texas Instruments CC1010 Datasheet HTML 12Page - Texas Instruments CC1010 Datasheet HTML 13Page - Texas Instruments CC1010 Datasheet HTML 14Page - Texas Instruments CC1010 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 152 page
background image
CC1010
SWRS047
Page 11 of 152
10. IF section
Parameter
Min.
Typ.
Max.
Unit
Condition
Intermediate frequency (IF)
433/868 MHz
150/
130
10.7
kHz
MHz
Internal IF filter
External IF filter
IF bandwidth (noise bandwidth)
175
kHz
RSSI dynamic range
-105
-60
dBm
RSSI 3-dB bandwidth
260
kHz
868 MHz CW, -70 dBm
RSSI accuracy
± 6
dB
See p. 126 for details
RSSI linearity
± 2
dB
Table 9 IF characteristics


Similar Part No. - CC1010

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CC1010 ETC2-CC1010 Datasheet
1Mb / 133P
   Single Chip Very Low Power RF Transceiver with 8051-Compatible Microcontroller
CC1010DK-433 ETC2-CC1010DK-433 Datasheet
1Mb / 133P
   Single Chip Very Low Power RF Transceiver with 8051-Compatible Microcontroller
CC1010DK-868 ETC2-CC1010DK-868 Datasheet
1Mb / 133P
   Single Chip Very Low Power RF Transceiver with 8051-Compatible Microcontroller
logo
Texas Instruments
CC1010PAG TI-CC1010PAG Datasheet
1Mb / 149P
[Old version datasheet]   Single Chip Very Low Power RF Transceiver with 8051-Compatible Microcontroller
CC1010PAGR TI-CC1010PAGR Datasheet
1Mb / 149P
[Old version datasheet]   Single Chip Very Low Power RF Transceiver with 8051-Compatible Microcontroller
More results

Similar Description - CC1010

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CC1010 ETC2-CC1010 Datasheet
1Mb / 133P
   Single Chip Very Low Power RF Transceiver with 8051-Compatible Microcontroller
logo
Texas Instruments
CC1010PAGR TI-CC1010PAGR Datasheet
1Mb / 149P
[Old version datasheet]   Single Chip Very Low Power RF Transceiver with 8051-Compatible Microcontroller
CC1000 TI-CC1000 Datasheet
593Kb / 55P
[Old version datasheet]   Single Chip Very Low Power RF Transceiver
logo
Future Technology Devic...
FT51BQ-T FTDI-FT51BQ-T Datasheet
1Mb / 43P
   Advanced Microcontroller with 8051 Compatible Core
logo
List of Unclassifed Man...
CC2510FX ETC1-CC2510FX Datasheet
1Mb / 253P
   True System-on-Chip with Low Power RF Transceiver and 8051 MCU
logo
Texas Instruments
CC1110 TI-CC1110 Datasheet
1Mb / 203P
[Old version datasheet]   True System-on-Chip with Low Power RF Transceiver and 8051 MCU
logo
ATMEL Corporation
AT89LP51RC2 ATMEL-AT89LP51RC2_14 Datasheet
7Mb / 254P
   8-bit Microcontroller Compatible with 8051 Products
AT89LP51ED2 ATMEL-AT89LP51ED2_14 Datasheet
809Kb / 26P
   8-bit Microcontroller Compatible with 8051 Products
AT89LP51IC2 ATMEL-AT89LP51IC2_14 Datasheet
7Mb / 254P
   8-bit Microcontroller Compatible with 8051 Products
AT89LP51 ATMEL-AT89LP51_14 Datasheet
4Mb / 117P
   8-bit Microcontroller Compatible with 8051 Products
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com