Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CNY17-3 Datasheet(PDF) 8 Page - Lite-On Technology Corporation

Part # CNY17-3
Description  Property of Lite-On Only
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

CNY17-3 Datasheet(HTML) 8 Page - Lite-On Technology Corporation

  CNY17-3 Datasheet HTML 1Page - Lite-On Technology Corporation CNY17-3 Datasheet HTML 2Page - Lite-On Technology Corporation CNY17-3 Datasheet HTML 3Page - Lite-On Technology Corporation CNY17-3 Datasheet HTML 4Page - Lite-On Technology Corporation CNY17-3 Datasheet HTML 5Page - Lite-On Technology Corporation CNY17-3 Datasheet HTML 6Page - Lite-On Technology Corporation CNY17-3 Datasheet HTML 7Page - Lite-On Technology Corporation CNY17-3 Datasheet HTML 8Page - Lite-On Technology Corporation CNY17-3 Datasheet HTML 9Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
LITE-ON TECHNOLOGY CORPORATION
Property of LITE-ON Only
CHARACTERISTICS CURVES
Fig.11 Frequency Response
Fig.9 Collector Dark Current vs.
Frequency f (kHz)
-8
-10
0.5 1
-4
-2
-6
25 10 20
R = 200
500
100
50
200
150
75
Ambient temperature Ta ( C)
10
2
0
10
10
-30
-13
-12
20
040
Ambient Temperature
10
10
10
10
-11
-10
-9
-8
10
-7
-6
100
Vcc= 5V
I = 10mA
Ta= 25 C
F
o
o
60
80
90%
Test Circuit for Frequency Response
Output
Vcc
td
tr
tf
ts
Output
Test Circuit for Response Time
Load resistance RL (k )
Load Resistance
Fig.10 Response Time vs.
1
0.5
0.02
Input
Vcc
0.05
10
5
2
Output
Input
0.1
0.2
10%
0.5
tr
tf
o
Fig.7 Relative Current Transfer Ratio vs.
Ambient temperature Ta ( C)
50
-55
0
100
0
-25
25
Ambient Temperature
150
100
o
75
50
vs. Ambient Temperature
Ambient temperature Ta ( C)
Fig.8 Collector-emitter Saturation Voltage
0.14
0.12
0.10
0.08
0.06
0.04
0.02
0
-55
-25
0
0.16
75
25
50
o
100
RD
RL
RD
RL
IF=10mA
VCC=5V
Ta= 25 C
IF=10mA
VCE=5V
IF=10mA
IC=2.5mA
VCE=10V
Part No. : CNY17-1 thru CNY17-4 SERIES
Page :
8of 9
BNS-OD-C131/A4


Similar Part No. - CNY17-3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CNY17-3 VISHAY-CNY17-3 Datasheet
192Kb / 10P
   Optocoupler, Phototransistor Output, With Base Connection
Rev. 1.5, 26-Oct-04
logo
Lite-On Technology Corp...
CNY17-3 LITEON-CNY17-3 Datasheet
170Kb / 9P
   LITE-ON TECHNOLOGY CORPORATION
logo
Toshiba Semiconductor
CNY17-3 TOSHIBA-CNY17-3 Datasheet
323Kb / 6P
   IRED & PHOTO-TRANSISTOR (AC LINE/DIGITAL LOGIC ISOLATOR)
logo
Lite-On Technology Corp...
CNY17-3 LITEON-CNY17-3 Datasheet
169Kb / 9P
   High collector-emitter voltage
logo
QT Optoelectronics
CNY17-3 QT-CNY17-3 Datasheet
546Kb / 5P
   PHOTOTRANSISTOR OPTOCOUPLERS
More results

Similar Description - CNY17-3

ManufacturerPart #DatasheetDescription
logo
Shenzhen Tenand Technol...
LTV-852 TENAND-LTV-852 Datasheet
337Kb / 10P
   Property of LITE-ON Only
LTV-3120 TENAND-LTV-3120 Datasheet
478Kb / 18P
   Property of Lite-on Only
LTV-815 TENAND-LTV-815 Datasheet
412Kb / 13P
   Property of LITE-ON Only
logo
Lite-On Technology Corp...
LTW-020ZDCG5 LITEON-LTW-020ZDCG5 Datasheet
447Kb / 11P
   Property of Lite-On Only
LTH-306-18 LITEON-LTH-306-18 Datasheet
150Kb / 4P
   Property of Lite-On Only
LTH-306-64 LITEON-LTH-306-64 Datasheet
275Kb / 6P
   Property of Lite-On Only
LTH-326-02W2 LITEON-LTH-326-02W2 Datasheet
154Kb / 4P
   Property of Lite-On Only
LTH-860-P51W1 LITEON-LTH-860-P51W1 Datasheet
164Kb / 5P
   Property of Lite-On Only
LTV-733 LITEON-LTV-733 Datasheet
220Kb / 9P
   Property of LITE-ON Only
LTV-816-T LITEON-LTV-816-T Datasheet
271Kb / 10P
   Property of Lite-On Only
LTW-C230DC LITEON-LTW-C230DC Datasheet
591Kb / 10P
   Property of Lite-On Only
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com