Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CA3078AM Datasheet(PDF) 11 Page - Intersil Corporation

Part # CA3078AM
Description  2MHz,MicropowerOperationalAmplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA3078AM Datasheet(HTML) 11 Page - Intersil Corporation

Back Button CA3078AM Datasheet HTML 4Page - Intersil Corporation CA3078AM Datasheet HTML 5Page - Intersil Corporation CA3078AM Datasheet HTML 6Page - Intersil Corporation CA3078AM Datasheet HTML 7Page - Intersil Corporation CA3078AM Datasheet HTML 8Page - Intersil Corporation CA3078AM Datasheet HTML 9Page - Intersil Corporation CA3078AM Datasheet HTML 10Page - Intersil Corporation CA3078AM Datasheet HTML 11Page - Intersil Corporation CA3078AM Datasheet HTML 12Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
Small Outline Plastic Packages (SOIC)
INDEX
AREA
E
D
N
12
3
-B-
0.25(0.010)
C A
M
B S
e
-A-
L
B
M
-C-
A1
A
SEATING PLANE
0.10(0.004)
h x 45o
C
H
µ
0.25(0.010)
B
M
M
α
NOTES:
11. Symbols are defined in the “MO Series Symbol List” in Section 2.2 of
Publication Number 95.
12. Dimensioning and tolerancing per ANSI Y14.5M-1982.
13. Dimension “D” does not include mold flash, protrusions or gate burrs.
Mold flash, protrusion and gate burrs shall not exceed 0.15mm (0.006
inch) per side.
14. Dimension “E” does not include interlead flash or protrusions. Inter-
lead flash and protrusions shall not exceed 0.25mm (0.010 inch) per
side.
15. The chamfer on the body is optional. If it is not present, a visual index
feature must be located within the crosshatched area.
16. “L” is the length of terminal for soldering to a substrate.
17. “N” is the number of terminal positions.
18. Terminal numbers are shown for reference only.
19. The lead width “B”, as measured 0.36mm (0.014 inch) or greater
above the seating plane, shall not exceed a maximum value of
0.61mm (0.024 inch).
20. Controlling dimension: MILLIMETER. Converted inch dimensions
are not necessarily exact.
M8.15 (JEDEC MS-012-AA ISSUE C)
8 LEAD NARROW BODY SMALL OUTLINE PLASTIC
PACKAGE
SYMBOL
INCHES
MILLIMETERS
NOTES
MIN
MAX
MIN
MAX
A
0.0532
0.0688
1.35
1.75
-
A1
0.0040
0.0098
0.10
0.25
-
B
0.013
0.020
0.33
0.51
9
C
0.0075
0.0098
0.19
0.25
-
D
0.1890
0.1968
4.80
5.00
3
E
0.1497
0.1574
3.80
4.00
4
e
0.050 BSC
1.27 BSC
-
H
0.2284
0.2440
5.80
6.20
-
h
0.0099
0.0196
0.25
0.50
5
L
0.016
0.050
0.40
1.27
6
N8
8
7
α
0o
8o
0o
8o
-
Rev. 0 12/93
CA3078, CA3078A


Similar Part No. - CA3078AM

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CA3078AM INTERSIL-CA3078AM Datasheet
152Kb / 12P
   2MHz, Micropower Operational Amplifier
December 1998
logo
Rochester Electronics
CA3078AM ROCHESTER-CA3078AM Datasheet
595Kb / 6P
   Micropower Operational Amplifier Low Standby Power
logo
Intersil Corporation
CA3078AM96 INTERSIL-CA3078AM96 Datasheet
152Kb / 12P
   2MHz, Micropower Operational Amplifier
December 1998
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com