Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CA3183AE Datasheet(PDF) 7 Page - Intersil Corporation

Part # CA3183AE
Description  High-VoltageTransistorArrays
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA3183AE Datasheet(HTML) 7 Page - Intersil Corporation

Back Button CA3183AE Datasheet HTML 3Page - Intersil Corporation CA3183AE Datasheet HTML 4Page - Intersil Corporation CA3183AE Datasheet HTML 5Page - Intersil Corporation CA3183AE Datasheet HTML 6Page - Intersil Corporation CA3183AE Datasheet HTML 7Page - Intersil Corporation CA3183AE Datasheet HTML 8Page - Intersil Corporation CA3183AE Datasheet HTML 9Page - Intersil Corporation CA3183AE Datasheet HTML 10Page - Intersil Corporation CA3183AE Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
FIGURE 17. fT vs IC
FIGURE 18. CEB, CCB, CCI vs BIAS VOLTAGE
Typical Performance Curves Dynamic Characteristics (For Any Transistor) - CA3146 Series (Continued)
800
700
600
500
400
300
200
100
1000
900
0
1
2
3
4
5
6
7
8
9
10
11
12
13 14
COLLECTOR CURRENT (mA)
VCE = 5V
TA = 25
oC
TA = 25
oC
4
3
2
1
0
0
1
2
3
4
56789
10
BIAS VOLTAGE (V)
CCI
CEB
CCB
11
12
13
14
Typical Performance Curves DC Characteristics - CA3183 Series
FIGURE 19. ICEO vs TEMPERATURE FOR ANY TRANSISTOR
FIGURE 20. ICBO vs TEMPERATURE FOR ANY TRANSISTOR
FIGURE 21. hFE vs TEMPERATURE FOR ANY TRANSISTOR
FIGURE 22. hFE vs IC FOR ANY TRANSISTOR
-50
-25
0
25
50
75
100
TEMPERATURE (oC)
10-4
10-3
10-2
10-1
1
VCE = 10V
-50
-25
0
25
50
75
100
TEMPERATURE (oC)
10-4
10-3
10-2
10-1
VCB = 10V
-50
-25
0
25
50
75
100
TEMPERATURE (oC)
0
25
50
75
100
VCE = 3V
IC = 10mA
125
IC = 1mA
IC = 0.1mA
0.1
1.0
10
COLLECTOR CURRENT (mA)
40
50
60
70
80
TA = 25
oC
VCE = 10V
90
VCE = 3V
100
CA3146, CA3146A, CA3183, CA3183A


Similar Part No. - CA3183AE

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CA3183AE INTERSIL-CA3183AE Datasheet
121Kb / 12P
   High-Voltage Transistor Arrays
April 2000
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com