Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM300DY-12 Datasheet(PDF) 1 Page - Mitsubishi Electric Semiconductor

Part # CM300DY-12
Description  HIGH POWER SWITCHING USE INSULATED TYPE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

CM300DY-12 Datasheet(HTML) 1 Page - Mitsubishi Electric Semiconductor

  CM300DY-12 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor CM300DY-12 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor CM300DY-12 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor CM300DY-12 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Sep.1998
B
C
F
D
Q
A
S
S
G
K
L
M
E
E
H
H
P - DIA. (2 TYP.)
R - M5 THD (3 TYP.)
N
C2E1
J
N
JJ
C1
E2
E1
C1
E2
TAB#110 t=0.5
G1
E2
G2
C2E1
Dimensions
Inches
Millimeters
A
3.70
94.0
B
3.150
±0.01
80.0
±0.25
C
1.89
48.0
D
1.18 Max.
30.0 Max.
E
0.90
23.0
F
0.83
21.2
G
0.71
18.0
H
0.67
17.0
J
0.63
16.0
Dimensions
Inches
Millimeters
K
0.51
13.0
L
0.47
12.0
M
0.30
7.5
N
0.28
7.0
P
0.256 Dia.
Dia. 6.5
Q
0.31
8.0
R
M5 Metric
M5
S
0.16
4.0
Description:
Mitsubishi IGBT Modules are de-
signed for use in switching applica-
tions. Each module consists of two
IGBTs in a half-bridge configuration
with each transistor having a re-
verse-connected super-fast recov-
ery free-wheel diode. All compo-
nents and interconnects are iso-
lated from the heat sinking base-
plate, offering simplified system as-
sembly and thermal management.
Features:
Low Drive Power
Low VCE(sat)
Discrete Super-Fast Recovery
Free-Wheel Diode
High Frequency Operation
Isolated Baseplate for Easy
Heat Sinking
Applications:
AC Motor Control
Motion/Servo Control
UPS
Welding Power Supplies
Ordering Information:
Example: Select the complete part
module number you desire from
the table below -i.e. CM300DY-12H
is a 600V (VCES), 300 Ampere
Dual IGBT Module.
Type
Current Rating
VCES
Amperes
Volts (x 50)
CM
300
12
Outline Drawing and Circuit Diagram
MITSUBISHI IGBT MODULES
CM300DY-12H
HIGH POWER SWITCHING USE
INSULATED TYPE


Similar Part No. - CM300DY-12

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
CM300DY-12H POWEREX-CM300DY-12H Datasheet
58Kb / 4P
   Dual IGBTMOD 300 Amperes/600 Volts
logo
Analog Devices
CM300DY-12NF AD-CM300DY-12NF Datasheet
98Kb / 4P
   HIGH POWER SWITCHING USE
Mar.2003
logo
Mitsubishi Electric Sem...
CM300DY-12NF MITSUBISHI-CM300DY-12NF Datasheet
45Kb / 4P
   HIGH POWER SWITCHING USE
CM300DY-12NF MITSUBISHI-CM300DY-12NF Datasheet
96Kb / 4P
   IGBT MODULES HIGH POWER SWITCHING USE
logo
Powerex Power Semicondu...
CM300DY-12NF POWEREX-CM300DY-12NF Datasheet
69Kb / 4P
   Dual IGBTMOD NF-Series Module 300 Amperes/600 Volts
More results

Similar Description - CM300DY-12

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
CM75DY-24H MITSUBISHI-CM75DY-24H Datasheet
48Kb / 4P
   HIGH POWER SWITCHING USE INSULATED TYPE
CM1000HA-28H MITSUBISHI-CM1000HA-28H Datasheet
54Kb / 4P
   HIGH POWER SWITCHING USE INSULATED TYPE
QM75DY-HB MITSUBISHI-QM75DY-HB Datasheet
85Kb / 5P
   HIGH POWER SWITCHING USE INSULATED TYPE
CM400DY-12H MITSUBISHI-CM400DY-12H Datasheet
50Kb / 4P
   HIGH POWER SWITCHING USE INSULATED TYPE
QM200DY-2HB MITSUBISHI-QM200DY-2HB Datasheet
86Kb / 5P
   HIGH POWER SWITCHING USE INSULATED TYPE
CM150TF-12H MITSUBISHI-CM150TF-12H Datasheet
53Kb / 4P
   HIGH POWER SWITCHING USE INSULATED TYPE
QM200DY-HB MITSUBISHI-QM200DY-HB Datasheet
68Kb / 5P
   HIGH POWER SWITCHING USE INSULATED TYPE
CM100DY-12H MITSUBISHI-CM100DY-12H Datasheet
47Kb / 4P
   HIGH POWER SWITCHING USE INSULATED TYPE
QM300HA-24 MITSUBISHI-QM300HA-24 Datasheet
77Kb / 5P
   HIGH POWER SWITCHING USE INSULATED TYPE
QM75E2Y-H MITSUBISHI-QM75E2Y-H Datasheet
90Kb / 6P
   HIGH POWER SWITCHING USE INSULATED TYPE
CM100E3U-24H MITSUBISHI-CM100E3U-24H Datasheet
44Kb / 4P
   HIGH POWER SWITCHING USE INSULATED TYPE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com