Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CA3130A Datasheet(PDF) 9 Page - Intersil Corporation

Part # CA3130A
Description  15MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA3130A Datasheet(HTML) 9 Page - Intersil Corporation

Back Button CA3130A Datasheet HTML 5Page - Intersil Corporation CA3130A Datasheet HTML 6Page - Intersil Corporation CA3130A Datasheet HTML 7Page - Intersil Corporation CA3130A Datasheet HTML 8Page - Intersil Corporation CA3130A Datasheet HTML 9Page - Intersil Corporation CA3130A Datasheet HTML 10Page - Intersil Corporation CA3130A Datasheet HTML 11Page - Intersil Corporation CA3130A Datasheet HTML 12Page - Intersil Corporation CA3130A Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
9
3
2
1
8
4
7
6
+
-
10k
CC = 56pF
-7.5V
0.01
µF
+7.5V
0.01
µF
2k
2k
BW (-3dB) = 4MHz
SR = 10V/
µs
25pF
0.1
µF
Top Trace: Output
Center Trace: Input
FIGURE 8A. SMALL-SIGNAL RESPONSE (50mV/DIV.,
200ns/DIV.)
Top Trace: Output Signal; 2V/Div., 5
µs/Div.
Center Trace: Difference Signal; 5mV/Div., 5
µs/Div.
Bottom Trace: Input Signal; 2V/Div., 5
µs/Div.
FIGURE 8B. INPUT-OUTPUT DIFFERENCE SIGNAL SHOWING
SETTLING TIME (MEASUREMENT MADE WITH
TEKTRONIX 7A13 DIFFERENTIAL AMPLIFIER)
FIGURE 8. SPLIT SUPPLY VOLTAGE FOLLOWER WITH
ASSOCIATED WAVEFORMS
3
2
8
1
4
7
6
+
-
10k
56pF
OFFSET
+15V
0.01
µF
2k
0.1
µF
5
ADJUST
100k
FIGURE 9A. OUTPUT WAVEFORM WITH INPUT SIGNAL
RAMPING (2V/DIV., 500
µs/DIV.)
Top Trace: Output; 5V/Div., 200
µs/Div.
Bottom Trace: Input Signal; 5V/Div., 200
µs/Div.
FIGURE 9B. OUTPUT WAVEFORM WITH GROUND
REFERENCE SINE-WAVE INPUT
FIGURE 9. SINGLE SUPPLY VOLTAGE FOLLOWER WITH
ASSOCIATED WAVEFORMS. (E.G., FOR USE IN
SINGLE-SUPPLY D/A CONVERTER; SEE FIGURE 9
IN AN6080)
CA3130, CA3130A


Similar Part No. - CA3130A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CA3130A INTERSIL-CA3130A Datasheet
654Kb / 15P
   15MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
September 1998
CA3130AE INTERSIL-CA3130AE Datasheet
654Kb / 15P
   15MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
September 1998
logo
Renesas Technology Corp
CA3130AE RENESAS-CA3130AE Datasheet
1Mb / 17P
   15MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
logo
Intersil Corporation
CA3130AM INTERSIL-CA3130AM Datasheet
654Kb / 15P
   15MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
September 1998
logo
Renesas Technology Corp
CA3130AM RENESAS-CA3130AM Datasheet
1Mb / 17P
   15MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
More results

Similar Description - CA3130A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CA3130 INTERSIL-CA3130 Datasheet
654Kb / 15P
   15MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
September 1998
HCA10014 INTERSIL-HCA10014 Datasheet
521Kb / 17P
   15MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
August 1999
logo
Renesas Technology Corp
CA3130 RENESAS-CA3130 Datasheet
1Mb / 17P
   15MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
logo
Intersil Corporation
CA5130 INTERSIL-CA5130 Datasheet
638Kb / 19P
   15MHz, BiMOS Microprocessor Operational Amplifiers with MOSFET Input/CMOS Output
CA3160 INTERSIL-CA3160_04 Datasheet
661Kb / 18P
   4MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
CA3160 INTERSIL-CA3160 Datasheet
926Kb / 17P
   4MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
September 1998
logo
Renesas Technology Corp
CA3260 RENESAS-CA3260 Datasheet
289Kb / 4P
   4MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
logo
Intersil Corporation
CA3260 INTERSIL-CA3260 Datasheet
148Kb / 4P
   4MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
CA3260 INTERSIL-CA3260_06 Datasheet
140Kb / 3P
   4MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
CA5160 INTERSIL-CA5160_03 Datasheet
653Kb / 19P
   4MHz, BiMOS Microprocessor Operational Amplifier with MOSFET Input/CMOS Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com