Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF


CA339 Datasheet(PDF) 1 Page - Intersil Corporation

Part No. CA339
Description  Quad Voltage Comparators for Industrial, Commercial and Military Applications
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTERSIL [Intersil Corporation]
Homepage  http://www.intersil.com/cda/home
Logo 

   
 1 page
background image
1
File Number
795.7
CA139, CA139A, CA239, CA339,
LM339, LM2901, LM3302
Quad Voltage Comparators for Industrial,
Commercial and Military Applications
The devices in this series consist of four independent single
or dual supply voltage comparators on a single monolithic
substrate. The common mode input voltage range includes
ground even when operated from a single supply, and the
low power supply current drain makes these comparators
suitable for battery operation. These types were designed to
directly interface with TTL and CMOS.
Type CA139A, has a lower input offset voltage than the
CA139. Some of the SOIC parts are available on tape and
reel (see Ordering Information table). Replace the M suffix in
the part number with M96 when ordering (e.g.,
CA0239M96).
Pinout
CA139A (SOIC)
CA139, CA339, LM3302 (PDIP, SOIC)
CA239, LM2901, LM339 (PDIP)
TOP VIEW
Features
• Operation from Single or Dual Supplies
• Common Mode Input Voltage Range to GND
• Output Voltage Compatible with TTL, DTL, ECL,
MOS and CMOS
• Differential Input Voltage Range Equal to the
Supply Voltage
• Maximum Input Offset Voltage (VIO)
- CA139A .... ...... ...... ..... ...... ..... . 2mV
- CA139, CA239, CA339..... ..... ...... ..... . 5mV
- LM2901..... ...... ...... ..... ...... ..... . 7mV
- LM3302..... ...... ...... ..... ...... ..... 20mV
• Replacement for Industry Types 139, 239, 339, 139A,
2901, 3302
Applications
• Square Wave Generator
• Time Delay Generators
• Pulse Generators
• Multivibrators
• High Voltage Digital Logic Gates
• A/D Converters
• MOS Clock Timers
Schematic Diagram
Part Number Information
PART NO. (BRAND)
TEMP.
RANGE
(oC)
PACKAGE
PKG.
NO.
CA0139E
-55 to 125
14 Ld PDIP
E14.3
CA0139M, AM (139, 139A)
-55 to 125
14 Ld SOIC
M14.15
CA0239E
-25 to 85
14 Ld PDIP
E14.3
CA0239M96 (239)
-25 to 85
14 Ld SOIC
M14.15
CA0339E
0 to 70
14 Ld PDIP
E14.3
CA0339M (339)
0 to 70
14 Ld SOIC
M14.15
LM339N
0 to 70
14 Ld PDIP
E14.3
LM2901N
-40 to 85
14 Ld PDIP
E14.3
LM3302M96 (3302)
-40 to 85
14 Ld SOIC
M14.15
LM3302N
-40 to 85
14 Ld PDIP
E14.3
OUTPUT 2
OUTPUT 1
V+
NEG. INPUT 1
POS. INPUT 1
NEG. INPUT 2
POS. INPUT 2
OUTPUT 3
OUTPUT 4
GND
POS. INPUT 4
NEG. INPUT 4
POS. INPUT 3
NEG. INPUT 3
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1
4
2
3
5
+ INPUT
3
4
- INPUT
V+
12
Q5
Q6
Q4
Q3
Q2
Q1
13
11
10
2
Q7
Q8
OUTPUT
TO 2, 3, 4
TO 2, 3, 4
4
+
-
2
+
-
1
7
6
3
+
-
9
8
14
COMPARATOR NO 1
3.5
µA
100
µA
3.5
µA
100
µA
Data Sheet
May 2001
tle
13
39
39
39
339
290
330
-
ad
-
-
-
for
s-
,
-
-
-
li-
)
tho
-
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Intersil and Design is a trademark of Intersil Americas Inc. | Copyright © Intersil Americas Inc. 2001
OBS
OLE
TE P
ROD
UCT
NO
REC
OMM
END
ED R
EPL
ACE
MEN
T




Html Pages

1  2  3  4  5  6 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
CA741_010.9MHz Single and Dual High Gain Operational Amplifiers for Military Industrial and Commercial Applications 1 2 3 4 5 MoreIntersil Corporation
CA3020_008MHz Power Amps For Military Industrial and Commercial Equipment 1 2 3 4 5 MoreIntersil Corporation
CA3028A_99Differential/Cascode Amplifier for Commercial and Industrial Equipment from DC to 120MHz 1 2 3 4 5 MoreHarris Corporation
CA3028ADifferential/Cascode Amplifiers for Commercial and Industrial Equipment from DC to 120MHz 1 2 3 4 5 MoreHarris Corporation
ISL6322Four-Phase Buck PWM Controller with Integrated MOSFET Drivers and I2C Interface for Intel VR10 VR11 and AMD Applications 1 2 3 4 5 MoreIntersil Corporation
74VCX32Low Voltage Quad 2-Input OR Gate with 3.6V Tolerant Inputs and Outputs 1 2 3 4 5 MoreFairchild Semiconductor
KM641003A256Kx4 High Speed Static RAM 5V Operating Revolutionary Pin out Operated at Commercial and Industrial Temperature Range 1 2 3 4 5 MoreSamsung semiconductor
MPS8098_06Amplifier Transistors Voltage and Current are Negative for PNP Transistors 1 2 3 4 5 MoreON Semiconductor
KSH44H11IGeneral Purpose Power and Switching Such as Output or Driver Stages in Applications D-PAK for Surface Mount Applications 1 2 3 4 5 Fairchild Semiconductor
AZ339LOW POWER LOW OFFSET VOLTAGE QUAD COMPARATORS 1 2 BCD Semiconductor Manufacturing Limited

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl