Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CA3160 Datasheet(PDF) 9 Page - Intersil Corporation

Part # CA3160
Description  4MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA3160 Datasheet(HTML) 9 Page - Intersil Corporation

Back Button CA3160 Datasheet HTML 5Page - Intersil Corporation CA3160 Datasheet HTML 6Page - Intersil Corporation CA3160 Datasheet HTML 7Page - Intersil Corporation CA3160 Datasheet HTML 8Page - Intersil Corporation CA3160 Datasheet HTML 9Page - Intersil Corporation CA3160 Datasheet HTML 10Page - Intersil Corporation CA3160 Datasheet HTML 11Page - Intersil Corporation CA3160 Datasheet HTML 12Page - Intersil Corporation CA3160 Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
9
Error-Amplifier in Regulated Power Supplies
The CA3160 is an ideal choice for error-amplifier service in
regulated power supplies since it can function as an error-
amplifier when the regulated output voltage is required to
approach zero.
The circuit shown in Figure 6 uses a CA3160 as an error
amplifier in a continuously adjustable 1A power supply. One
of the key features of this circuit is its ability to regulate down
to the vicinity of 0V with only one DC power supply input.
An RC network, connected between the base of the output
drive transistor and the input voltage, prevents “turn-on
overshoot”, a condition typical of many operational amplifier
regulator circuits. As the amplifier becomes operational,
this RC network ceases to have any influence on the
regulator performance.
Precision Voltage-Controlled Oscillator
The circuit diagram of a precision voltage-controlled oscillator is
shown in Figure 7. The oscillator operates with a tracking error
in the order of 0.02% and a temperature coefficient of
0.01%/oC. A multivibrator (A1) generates pulses of constant
amplitude (V) and width (T2). Since the output (Terminal 6) of
A1 (a CA3130) can swing within about 10mV of either supply-
rail, the output pulse amplitude (V) is essentially equal to V+.
The average output voltage (EAVG = V T2/T1) is applied to the
non-inverting Input terminal of comparator A2 via an integrating
network R3, C2. Comparator A2 operates to establish circuit
conditions such that EAVG = V1. This circuit condition is
accomplished by feeding an output signal from Terminal 6 of A2
through R4, D4 to the inverting terminal (Terminal 2) of A1,
thereby adjusting the multivibrator interval, T3.
Voltmeter With High Input Resistance
The voltmeter circuit shown in Figure 8 illustrates an
application in which a number of the CA3160 characteristics
are exploited. Range-switch SW1 is ganged between input
and output circuitry to permit selection of the proper output
voltage for feedback to Terminal 2 via 10k
Ω current-limiting
resistor. The circuit is powered by a single 8.4V mercury
battery. With zero input signal, the circuit consumes
somewhat less than 500
µA plus the meter current required
to indicate a given voltage. Thus, at full scale input, the total
supply current rises to slightly more than 1500
µA.
Function Generator
A function generator having a wide tuning range is shown in
Figure 9. The adjustment range, in excess of 1,000,000/1, is
accomplished by a single potentiometer. Three operational
amplifiers are utilized: a CA3160 as a voltage follower, a
CA3080 as a high speed comparator, and a second
CA3080A as a programmable current source. Three variable
capacitors C1, C2, and C3 shape the triangular signal
between 500kHz and 1MHz. Capacitors C4, C5, and the
trimmer potentiometer in series with C5 maintain essentially
constant (+10%) amplitude up to 1MHz.
CA3085
1
2
6
3
0.001
µF
4
7
6
13
8
1
5
12
CD4007A
“SWITCHES”
10
3
14
11
2
9
4
7
806K
1%
402K
1%
200K
1%
806K
1%
6
13
8
1
12
CD4007A
“SWITCHES”
10
3
100K
1%
(2)
806K
6
13
8
12
CD4007A
“SWITCHES”
10
3
806K
1%
806K
1%
1%
(4)
806K
1%
(8)
806K
1%
1
5
806K
1%
750K
1%
10V LOGIC INPUTS
PARALLELED
RESISTORS
+10.010V
LSB
MSB
98
7
6
5
4
32
1
8
+10.010V
22.1K
1%
1K
3.83K
1%
2
µF
25V
+
-
+15V
62
VOLTAGE
REGULATOR
REGULATED
VOLTAGE
ADJUST
CA3160
3
4
2
0.1
µF
+
-
1
5
6
2K
+15V
100K
VOLTAGE
FOLLOWER
7
OFFSET
NULL
OUTPUT
LOAD
10K
BIT
REQUIRED
RATIO-MATCH
1
Standard
2
±0.1%
3
±0.2%
4
±0.4%
5
±0.8%
6 - 9
±1% ABS.
FIGURE 5. 9-BIT DAC USING CMOS DIGITAL SWITCHES AND CA3160
806K
1%
5
CA3160


Similar Part No. - CA3160

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CA3160 INTERSIL-CA3160 Datasheet
926Kb / 17P
   4MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
September 1998
CA3160A INTERSIL-CA3160A Datasheet
926Kb / 17P
   4MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
September 1998
CA3160AE INTERSIL-CA3160AE Datasheet
926Kb / 17P
   4MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
September 1998
CA3160E INTERSIL-CA3160E Datasheet
926Kb / 17P
   4MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
September 1998
CA3160T INTERSIL-CA3160T Datasheet
926Kb / 17P
   4MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
September 1998
More results

Similar Description - CA3160

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CA3160 INTERSIL-CA3160 Datasheet
926Kb / 17P
   4MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
September 1998
logo
Renesas Technology Corp
CA3260 RENESAS-CA3260 Datasheet
289Kb / 4P
   4MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
logo
Intersil Corporation
CA3260 INTERSIL-CA3260 Datasheet
148Kb / 4P
   4MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
CA3260 INTERSIL-CA3260_06 Datasheet
140Kb / 3P
   4MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
CA5160 INTERSIL-CA5160_03 Datasheet
653Kb / 19P
   4MHz, BiMOS Microprocessor Operational Amplifier with MOSFET Input/CMOS Output
CA5160 INTERSIL-CA5160 Datasheet
910Kb / 18P
   4MHz, BiMOS Microprocessor Operational Amplifiers with MOSFET Input/CMOS Output
September 1998
CA3130 INTERSIL-CA3130 Datasheet
654Kb / 15P
   15MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
September 1998
HCA10014 INTERSIL-HCA10014 Datasheet
521Kb / 17P
   15MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
August 1999
CA3130 INTERSIL-CA3130_05 Datasheet
935Kb / 17P
   15MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
logo
Renesas Technology Corp
CA3130 RENESAS-CA3130 Datasheet
1Mb / 17P
   15MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com