Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

CD22100 Datasheet(PDF) 10 Page - Harris Corporation

Part # CD22100
Description  CMOS 4 x 4 Crosspoint Switch with Control Memory High-Voltage Type (20V Rating)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HARRIS [Harris Corporation]
Direct Link  http://www.harris.com
Logo HARRIS - Harris Corporation

CD22100 Datasheet(HTML) 10 Page - Harris Corporation

Back Button CD22100 Datasheet HTML 2Page - Harris Corporation CD22100 Datasheet HTML 3Page - Harris Corporation CD22100 Datasheet HTML 4Page - Harris Corporation CD22100 Datasheet HTML 5Page - Harris Corporation CD22100 Datasheet HTML 6Page - Harris Corporation CD22100 Datasheet HTML 7Page - Harris Corporation CD22100 Datasheet HTML 8Page - Harris Corporation CD22100 Datasheet HTML 9Page - Harris Corporation CD22100 Datasheet HTML 10Page - Harris Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
4-193
CD22100
FIGURE 13. TYPICAL ON RESISTANCE AS A FUNCTION OF
INPUT SIGNAL VOLTAGE AT VDD = -VSS = 7.5V
FIGURE 14. TYPICAL ON RESISTANCE AS A FUNCTION OF
INPUT SIGNAL VOLTAGE AT TA = 25
oC
FIGURE 15. TYPICAL SWITCH ON TRANSFER
CHARACTERISTICS (1 OF 16 SWITCHES)
FIGURE 16. TYPICAL SWITCH ON FREQUENCY RESPONSE
CHARACTERISTICS
Typical Performance Curves (Continued)
TA = 125
oC
25oC
-55oC
INPUT SIGNAL (V)
-10
-7.5
-5
-2.5
0
2.5
5
7.5
10
150
125
100
75
50
25
0
VDD = 7.5V, VSS = -7.5V
VDD = 2.5V, VSS = -2.5V
INPUT SIGNAL (V)
300
250
200
150
100
50
0
TA = 25
oC
±7.5V
±5V
-10
-7.5
-5
-2.5
0
2.5
5
7.5
10
VDD = 10V
TA = 25
oC
INPUT VOLTAGE (V)
10
8
6
4
2
024
6
8
10
RL = 1MΩ, 100kΩ, 10kΩ
500
1k
SW
VIS
VOS
RL
STROBE = VDD
DATA-IN =
VDD
VSS
RL = 1MΩ
1k
10k
INPUT SIGNAL FREQUENCY (Hz)
2.5
2
1.5
1
0.5
0
105
106
107
108
TA = 25
oC, V
DD = 5V, VSS = -5V
VIS = 5VP-P = SINE WAVE 1.77VRMS
VDATA-IN = 5V
CL = 15pF
RF VOLTMETER
BOONTON RADIO
MODEL 91-CA
OR EQUIVALENT
SW
fIS
VOS (RMS)
CL
RL
VIS
CIOS = 0.4pF


Similar Part No. - CD22100

ManufacturerPart #DatasheetDescription
Intersil Corporation
Intersil Corporation
CD22100 INTERSIL-CD22100 Datasheet
104Kb / 10P
   CMOS 4 x 4 Crosspoint Switch with Control Memory High-Voltage Type (20V Rating)
February 1999
CD22100E INTERSIL-CD22100E Datasheet
104Kb / 10P
   CMOS 4 x 4 Crosspoint Switch with Control Memory High-Voltage Type (20V Rating)
February 1999
CD22100F INTERSIL-CD22100F Datasheet
104Kb / 10P
   CMOS 4 x 4 Crosspoint Switch with Control Memory High-Voltage Type (20V Rating)
February 1999
More results

Similar Description - CD22100

ManufacturerPart #DatasheetDescription
Intersil Corporation
Intersil Corporation
CD22100 INTERSIL-CD22100 Datasheet
104Kb / 10P
   CMOS 4 x 4 Crosspoint Switch with Control Memory High-Voltage Type (20V Rating)
February 1999
Harris Corporation
Harris Corporation
CD22101 HARRIS-CD22101 Datasheet
159Kb / 13P
   CMOS 4 x 4 x 2 Crosspoint Switch with Control Memory
STMicroelectronics
STMicroelectronics
M22100 STMICROELECTRONICS-M22100 Datasheet
265Kb / 13P
   4 X 4 CROSSPOINT SWITCH WITH CONTROL MEMORY
Samsung semiconductor
Samsung semiconductor
KT8592 SAMSUNG-KT8592 Datasheet
338Kb / 9P
   4 x 4 CROSSPOINT SWITCH WITH CONTROL MEMORY
STMicroelectronics
STMicroelectronics
M22101 STMICROELECTRONICS-M22101 Datasheet
157Kb / 8P
   WITH CONTROL MEMORY 4 X 4 X 2 CROSSPOINT SWITCHES
NEC
NEC
UPD22100 NEC-UPD22100 Datasheet
151Kb / 16P
   CROSSPOINT SWITCH WITH CONTROL MEMORY CMOS IC
STMicroelectronics
STMicroelectronics
M3494 STMICROELECTRONICS-M3494 Datasheet
463Kb / 11P
   CMOS 16 x 8 CROSSPOINT WITH CONTROL MEMORY
M22100 STMICROELECTRONICS-M22100_03 Datasheet
300Kb / 10P
   4x4 CROSSPOINT SWITCH WITH CONTROL MEMORY
Hynix Semiconductor
Hynix Semiconductor
GM62093A HYNIX-GM62093A Datasheet
87Kb / 6P
   12x8 CROSSPOINT SWITCH WITH CONTROL MEMORY
Texas Instruments
Texas Instruments
SN65LVDS125 TI-SN65LVDS125 Datasheet
140Kb / 12P
[Old version datasheet]   1.5 GBPS LVDS 4 X 4 CROSSPOINT SWITCH
More results


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com