Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD22203 Datasheet(PDF) 5 Page - Intersil Corporation

Part # CD22203
Description  5V Low Power DTMF Receiver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CD22203 Datasheet(HTML) 5 Page - Intersil Corporation

  CD22203 Datasheet HTML 1Page - Intersil Corporation CD22203 Datasheet HTML 2Page - Intersil Corporation CD22203 Datasheet HTML 3Page - Intersil Corporation CD22203 Datasheet HTML 4Page - Intersil Corporation CD22203 Datasheet HTML 5Page - Intersil Corporation CD22203 Datasheet HTML 6Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
CD22202, CD22203
into the audio spectrum, so if excessive noise is present
above 28kHz, the simple RC filter shown below may be
used to band limit the incoming signal. The cut off
frequency is 3.9kHz.
FIGURE 4. FILTER FOR USE IN EXTREME HIGH FREQUENCY
INPUT NOISE ENVIRONMENT
Noise will also be reduced by placing a grounded trace
around XIN and XOUT pins on the circuit board layout when
using a crystal. It is important to note that XOUT is not
intended to drive an additional device. XIN may be driven
externally; in this case, leave XOUT floating.
Timing Waveforms
FIGURE 5.
CD22202
CD22203
33k
0.0015
µF
270k
ANALOG
IN
NOISY
SIGNAL
tON
tOFF
PAUSE
ANALOG
INPUT
D1, D2
D4, D8
TONE BURST 1
TONE BURST 2
tD
tR
tSU
tH
tCL
tPW
tER
tED
CLRDV
DV
ED
NOTE: Early Detect output is available only on the CD22203.
(NOTE)
Guard Time
Whenever the DTMF receiver is continually monitoring a
voice channel containing distorted or musical voices or
tones, additional guard time may be added in order to
prevent false decoding. This may be done in software by
verifying that both ED and DV are present simultaneously for
about 55ms. An appropriate guard time should be selected
to balance the fastest expected dialing speed against the
rejection of distorted or musical voices or tones (most
autodialers operate in the 65ms to 75ms range although a
few generate 50ms tones). A hardware guard time circuit is
shown in Figure 6. R3 and R4 should keep the voice
amplitude as low as practical, while R2 and R5 adjust
detection speed.
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
Tone Time
For Detection
tON
40
-
-
ms
For Rejection
tON
--
20
ms
Pause Time
For Detection
tOFF
40
-
-
ms
For Rejection
tOFF
--
20
ms
Detect Time
tD
25
-
46
ms
Release Time
tR
35
50
ms
Data Setup Time
tSU
7-
-
µs
Data Hold Time
tH
4.2
-
5
ms
DV Clear Time
tCL
-
160
250
ns
CLRDV Pulse Width
tPW
200
-
-
ns
ED Detect Time
tED
7-
22
ms
ED Release Time
tER
2-
18
ms
Output Enable Time
CL = 50pF, RL = 1kΩ
-
-
200
300
ns
Output Disable Time
CL = 35pF, RL = 500Ω
-
-
150
200
ns
Output Rise Time
CL = 50pF
-
-
200
300
ns
Output Fall Time
CL = 50pF
-
-
160
250
ns


Similar Part No. - CD22203

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CD22203 INTERSIL-CD22203 Datasheet
49Kb / 6P
   5V Low Power DTMF Receiver
January 1997
CD22203E INTERSIL-CD22203E Datasheet
49Kb / 6P
   5V Low Power DTMF Receiver
January 1997
More results

Similar Description - CD22203

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SSI75T202 ETC1-SSI75T202 Datasheet
95Kb / 8P
   5V LOW POWER DTMF RECEIVER
SSI204 ETC1-SSI204 Datasheet
54Kb / 4P
   5V LOW POWER DTMF RECEIVER
logo
Intersil Corporation
CD22202 INTERSIL-CD22202 Datasheet
49Kb / 6P
   5V Low Power DTMF Receiver
January 1997
CD22204 INTERSIL-CD22204 Datasheet
44Kb / 5P
   5V Low Power Subscriber DTMF Receiver
February 1999
logo
List of Unclassifed Man...
75T204 ETC-75T204 Datasheet
63Kb / 9P
   5V Low-Power Subscriber DTMF Receiver
logo
Intersil Corporation
CD22204 INTERSIL-CD22204_02 Datasheet
128Kb / 5P
   5V Low Power Subscriber DTMF Receiver
logo
Samsung semiconductor
KT3170 SAMSUNG-KT3170 Datasheet
117Kb / 7P
   LOW POWER DTMF RECEIVER
S5T3170 SAMSUNG-S5T3170 Datasheet
140Kb / 10P
   LOW POWER DTMF RECEIVER
logo
Sanyo Semicon Device
LC7387M SANYO-LC7387M Datasheet
114Kb / 6P
   DTMF Receiver?
logo
List of Unclassifed Man...
HM9202 ETC1-HM9202 Datasheet
79Kb / 1P
   DTMF RECEIVER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com