Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF


CA3304 Datasheet(PDF) 6 Page - Intersil Corporation

Part No. CA3304
Description  4-Bit, 25 MSPS, Flash A/D Converters
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTERSIL [Intersil Corporation]
Homepage  http://www.intersil.com/cda/home
Logo 

 6 page
background image
6
FIGURE 3A.
With φ2 as standby state (fastest method, but standby limited to 5
µs
maximum)
FIGURE 3B.
With φ1 as standby state (indefinite standby, double pulse needed)
FIGURE 3C.
With
φ2 as standby state (indefinite standby, lower power than 3B)
FIGURE 3. PULSE-MODE TIMING DIAGRAMS
Timing Diagrams (Continued)
CLOCK
OUTPUT
SAMPLE ENDS
OLD DATA
NEW DATA
φ 2
φ 1
φ 2
tD
CLOCK
OUTPUT
SAMPLE ENDS
OLD DATA
NEW DATA
φ 2
φ 1
φ 2
tD
OLD DATA + 1
φ 1
φ 1
CLOCK
OUTPUT
SAMPLE ENDS
OLD DATA
NEW DATA
φ 1
φ 2
φ 1
tD
INVALID DATA
φ 2
φ 2
Typical Performance Curves
FIGURE 4. DATA DELAY vs TEMPERATURE
FIGURE 5. DEVICE CURRENT vs SAMPLE FREQUENCY
40
36
34
32
30
28
-50
-25
0
25
50
75
100
TEMPERATURE (oC)
38
8
6
5
4
3
2
510
15
20
25
30
fS (MHz)
7
CA3304, CA3304A




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
AD1545212-Bit 65 MSPS Quad A/D Converter with Integrated Signal Conditioning 1 2 3 4 5 MoreAnalog Devices
ADC08168-Bit uP Compatible A/D Converters with 16-Channel Multiplexer 1 2 3 4 5 MoreNational Semiconductor (TI)
AD921110-Bit 170/200/250 MSPS 1.8 V A/D Converter 1 2 3 4 5 MoreAnalog Devices
AS152610-Bit Single Supply Low-Power 73ksps A/D Converters 1 2 ams AG
AD9228Quad 12-bit 40/65 MSPS Serial LVDS 1.8 V A/D Converter 1 2 3 4 5 MoreAnalog Devices
AD97048-/10-/12-/14-Bit 175 MSPS TxDAC D/A Converters 1 2 3 4 5 MoreAnalog Devices
AD94818-Bit 250 MSPS 3.3 V A/D Converter 1 2 3 4 5 MoreAnalog Devices

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl