Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B37950K1473K060 Datasheet(PDF) 10 Page - EPCOS

Part # B37950K1473K060
Description  Multilayer ceramic capacitor
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B37950K1473K060 Datasheet(HTML) 10 Page - EPCOS

Back Button B37950K1473K060 Datasheet HTML 6Page - EPCOS B37950K1473K060 Datasheet HTML 7Page - EPCOS B37950K1473K060 Datasheet HTML 8Page - EPCOS B37950K1473K060 Datasheet HTML 9Page - EPCOS B37950K1473K060 Datasheet HTML 10Page - EPCOS B37950K1473K060 Datasheet HTML 11Page - EPCOS B37950K1473K060 Datasheet HTML 12Page - EPCOS B37950K1473K060 Datasheet HTML 13Page - EPCOS B37950K1473K060 Datasheet HTML 14Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
Multilayer ceramic capacitors
10
12/05
X7R
Please read Cautions and warnings and
Important notes at the end of this document.
Ordering codes and packing for X7R, 50 and 100 VDC, nickel-barrier terminations
Chip
thickness
Cardboard tape,
∅ 180-mm reel
Cardboard tape,
∅ 330-mm reel
Bulk case
**
60
**
70
**
01
CR1)
Ordering code2)
mm
pcs./reel
pcs./reel
pcs.
Case size 0603, 50 VDC
220. pF
B37931K5221K0**
0.8
± 0.1
4000
16000
15000
330. pF
B37931K5331K0**
0.8
± 0.1
4000
16000
15000
470. pF
B37931K5471K0**
0.8
± 0.1
4000
16000
15000
680. pF
B37931K5681K0**
0.8
± 0.1
4000
16000
15000
1.0 nF
B37931K5102K0**
0.8
± 0.1
4000
16000
15000
1.5 nF
B37931K5152K0**
0.8
± 0.1
4000
16000
15000
2.2 nF
B37931K5222K0**
0.8
± 0.1
4000
16000
15000
3.3 nF
B37931K5332K0**
0.8
± 0.1
4000
16000
15000
4.7 nF
B37931K5472K0**
0.8
± 0.1
4000
16000
15000
6.8 nF
B37931K5682K0**
0.8
± 0.1
4000
16000
15000
10. nF
B37931K5103K0**
0.8
± 0.1
4000
16000
15000
15. nF
B37931K5153K0**
0.8
± 0.1
4000
16000
15000
22. nF
B37931K5223K0**
0.8
± 0.1
4000
16000
15000
33. nF
B37931K5333K0**
0.8
± 0.1
4000
16000
15000
47. nF
B37931K5473K0**
0.8
± 0.1
4000
16000
15000
Case size 0603, 100 VDC
100. pF
B37931K1101K0**
0.8
± 0.1
4000
16000
150. pF
B37931K1151K0**
0.8
± 0.1
4000
16000
220. pF
B37931K1221K0**
0.8
± 0.1
4000
16000
330. pF
B37931K1331K0**
0.8
± 0.1
4000
16000
470. pF
B37931K1471K0**
0.8
± 0.1
4000
16000
680. pF
B37931K1681K0**
0.8
± 0.1
4000
16000
1.0 nF
B37931K1102K0**
0.8
± 0.1
4000
16000
1.5 nF
B37931K1152K0**
0.8
± 0.1
4000
16000
2.2 nF
B37931K1222K0**
0.8
± 0.1
4000
16000
3.3 nF
B37931K1332K0**
0.8
± 0.1
4000
16000
4.7 nF
B37931K1472K0**
0.8
± 0.1
4000
16000
1) Other capacitance values on request.
2) The table contains the ordering codes for the standard capacitance tolerance.
For other available capacitance tolerances see page 3.
^
^
^
X7R; 0603


Similar Part No. - B37950K1473K060

ManufacturerPart #DatasheetDescription
logo
EPCOS
B37950K1104K062 EPCOS-B37950K1104K062 Datasheet
810Kb / 37P
   Multilayer ceramic capacitors
B37950K1104K072 EPCOS-B37950K1104K072 Datasheet
810Kb / 37P
   Multilayer ceramic capacitors
B37950K1154K062 EPCOS-B37950K1154K062 Datasheet
810Kb / 37P
   Multilayer ceramic capacitors
B37950K1154K072 EPCOS-B37950K1154K072 Datasheet
810Kb / 37P
   Multilayer ceramic capacitors
More results

Similar Description - B37950K1473K060

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
CL21C220 SAMSUNG-CL21C220 Datasheet
552Kb / 35P
   Multilayer Ceramic Capacitor
CL31B104KCFNNNF SAMSUNG-CL31B104KCFNNNF Datasheet
620Kb / 35P
   Multilayer Ceramic Capacitor
logo
EPCOS
B37931K5104K0 EPCOS-B37931K5104K0 Datasheet
64Kb / 5P
   Multilayer ceramic capacitor
B37941X EPCOS-B37941X Datasheet
413Kb / 14P
   Multilayer ceramic capacitor
logo
Samsung semiconductor
CL03C101JA3ANNC SAMSUNG-CL03C101JA3ANNC Datasheet
620Kb / 35P
   Multilayer Ceramic Capacitor
CL05B104KONC SAMSUNG-CL05B104KONC Datasheet
549Kb / 35P
   Multilayer Ceramic Capacitor
CL10C180JB8NNNC SAMSUNG-CL10C180JB8NNNC Datasheet
620Kb / 35P
   Multilayer Ceramic Capacitor
CL21C100CBANNNC SAMSUNG-CL21C100CBANNNC Datasheet
620Kb / 35P
   Multilayer Ceramic Capacitor
CL10B101KB8NNNC SAMSUNG-CL10B101KB8NNNC Datasheet
620Kb / 35P
   Multilayer Ceramic Capacitor
logo
Murata Manufacturing Co...
GRM31CF11H475ZA01L MURATA1-GRM31CF11H475ZA01L Datasheet
47Kb / 1P
   Capacitor Ceramic Multilayer
2015/01/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com