Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B37950K1104K060 Datasheet(PDF) 6 Page - EPCOS

Part # B37950K1104K060
Description  Multilayer ceramic capacitor
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B37950K1104K060 Datasheet(HTML) 6 Page - EPCOS

Back Button B37950K1104K060 Datasheet HTML 2Page - EPCOS B37950K1104K060 Datasheet HTML 3Page - EPCOS B37950K1104K060 Datasheet HTML 4Page - EPCOS B37950K1104K060 Datasheet HTML 5Page - EPCOS B37950K1104K060 Datasheet HTML 6Page - EPCOS B37950K1104K060 Datasheet HTML 7Page - EPCOS B37950K1104K060 Datasheet HTML 8Page - EPCOS B37950K1104K060 Datasheet HTML 9Page - EPCOS B37950K1104K060 Datasheet HTML 10Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
Multilayer ceramic capacitors
6
12/05
X7R
Please read Cautions and warnings and
Important notes at the end of this document.
Product range chip capacitors
X7R
Size1)
inch
mm
0805
2012
1206
3216
Type
B37941
B37872
16
25
50
100
200
16
25
50
100
200
500
100
pF
220
pF
330
pF
470
pF
680
pF
820
pF
1.0 nF
1.5 nF
2.2 nF
3.3 nF
4.7 nF
6.8 nF
10
nF
15
nF
22
nF
33
nF
47
nF
68
nF
100
nF
150
nF
220
nF
2)
2)
2)
330
nF
2)
2)
470
nF
2)
2)
1.0
μF
2)
2)
2)
2)
2)
2.2
μF
2)
2)
1) l
× b (inch) / l × b (mm)
2) See HighCV product range.
VR (VDC)
CR
X7R


Similar Part No. - B37950K1104K060

ManufacturerPart #DatasheetDescription
logo
EPCOS
B37950K1104K062 EPCOS-B37950K1104K062 Datasheet
810Kb / 37P
   Multilayer ceramic capacitors
More results

Similar Description - B37950K1104K060

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
CL21C220 SAMSUNG-CL21C220 Datasheet
552Kb / 35P
   Multilayer Ceramic Capacitor
CL31B104KCFNNNF SAMSUNG-CL31B104KCFNNNF Datasheet
620Kb / 35P
   Multilayer Ceramic Capacitor
logo
EPCOS
B37931K5104K0 EPCOS-B37931K5104K0 Datasheet
64Kb / 5P
   Multilayer ceramic capacitor
B37941X EPCOS-B37941X Datasheet
413Kb / 14P
   Multilayer ceramic capacitor
logo
Samsung semiconductor
CL03C101JA3ANNC SAMSUNG-CL03C101JA3ANNC Datasheet
620Kb / 35P
   Multilayer Ceramic Capacitor
CL05B104KONC SAMSUNG-CL05B104KONC Datasheet
549Kb / 35P
   Multilayer Ceramic Capacitor
CL10C180JB8NNNC SAMSUNG-CL10C180JB8NNNC Datasheet
620Kb / 35P
   Multilayer Ceramic Capacitor
CL21C100CBANNNC SAMSUNG-CL21C100CBANNNC Datasheet
620Kb / 35P
   Multilayer Ceramic Capacitor
CL10B101KB8NNNC SAMSUNG-CL10B101KB8NNNC Datasheet
620Kb / 35P
   Multilayer Ceramic Capacitor
logo
Murata Manufacturing Co...
GRM31CF11H475ZA01L MURATA1-GRM31CF11H475ZA01L Datasheet
47Kb / 1P
   Capacitor Ceramic Multilayer
2015/01/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com