Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CA3304AM Datasheet(PDF) 8 Page - Intersil Corporation

Part # CA3304AM
Description  4-Bit, 25 MSPS, Flash A/D Converters
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA3304AM Datasheet(HTML) 8 Page - Intersil Corporation

Back Button CA3304AM Datasheet HTML 4Page - Intersil Corporation CA3304AM Datasheet HTML 5Page - Intersil Corporation CA3304AM Datasheet HTML 6Page - Intersil Corporation CA3304AM Datasheet HTML 7Page - Intersil Corporation CA3304AM Datasheet HTML 8Page - Intersil Corporation CA3304AM Datasheet HTML 9Page - Intersil Corporation CA3304AM Datasheet HTML 10Page - Intersil Corporation CA3304AM Datasheet HTML 11Page - Intersil Corporation CA3304AM Datasheet HTML 12Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
FIGURE 10. EFFECTIVE BITS vs INPUT FREQUENCY
FIGURE 11. DEVICE CURRENT vs TEMPERATURE
FIGURE 12A. TYPICAL CA3304 UNIPOLAR CIRCUIT CONFIGURATION
Typical Performance Curves (Continued)
3.80
3.20
3.00
2.60
2.40
2.00
13
5
7
8
9
10
fI (MHz)
3.60
2.20
2.80
3.40
4.00
24
6
0
7.00
6.40
6.00
5.60
5.20
5.00
TEMPERATURE (oC)
6.80
5.40
5.80
6.20
6.60
-30
-10
0
20
40
60
80
-40
-20
90
70
50
30
10
CA3304
VAA+
VREF+
VIN
VREF-
VAA-
VDD
CE2
DC, OF,
B1-B4
CLK
CE1
VSS
OUTPUT DATA
CMOS CLOCK
SOURCE
DIGITAL
GROUND
ANALOG
GROUND
50
+5V SUPPLY
27
2V REFERENCE
4.7
µF TAN
+
+
+
4.7
µF TAN
0.1
µF
CER
0.1
µF
CER
4.7
µF TAN
0.1
µF
CER
REMOTE
2V INTO 50
SOURCE
CA3304, CA3304A


Similar Part No. - CA3304AM

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CA3304AM INTERSIL-CA3304AM Datasheet
117Kb / 11P
   4-Bit, 25 MSPS, Flash A/D Converters
August 1997
More results

Similar Description - CA3304AM

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CA3304 INTERSIL-CA3304 Datasheet
117Kb / 11P
   4-Bit, 25 MSPS, Flash A/D Converters
August 1997
HI3304 INTERSIL-HI3304 Datasheet
117Kb / 12P
   4-Bit, 25 MSPS, Flash A/D Converter
August 1997
HI3304 INTERSIL-HI3304_02 Datasheet
289Kb / 12P
   4-Bit, 25 MSPS, Flash A/D Converter
CA3306 INTERSIL-CA3306 Datasheet
111Kb / 16P
   6-Bit, 15 MSPS, Flash A/D Converters
August 1997
CA3306 INTERSIL-CA3306_02 Datasheet
341Kb / 17P
   6-Bit, 15 MSPS, Flash A/D Converters
logo
Fairchild Semiconductor
TDC1044A FAIRCHILD-TDC1044A Datasheet
79Kb / 16P
   Monolithic Video A/D Converter 4-Bit, 25 Msps
logo
Analog Devices
AD9713B AD-AD9713B_15 Datasheet
333Kb / 12P
   12-Bit, 100 MSPS D/A Converters
REV. B
AD9032 AD-AD9032_15 Datasheet
253Kb / 8P
   12-Bit 25 MSPS A/D Converter
REV. 0
AD9713 AD-AD9713_15 Datasheet
2Mb / 8P
   12 BIT 100 MSPS D/A CONVERTERS
REV. A
AD9712B AD-AD9712B_15 Datasheet
271Kb / 12P
   12-Bit, 100 MSPS D/A Converters
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com