Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B37950K3222K060 Datasheet(PDF) 3 Page - EPCOS

Part # B37950K3222K060
Description  Multilayer ceramic capacitor
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B37950K3222K060 Datasheet(HTML) 3 Page - EPCOS

  B37950K3222K060 Datasheet HTML 1Page - EPCOS B37950K3222K060 Datasheet HTML 2Page - EPCOS B37950K3222K060 Datasheet HTML 3Page - EPCOS B37950K3222K060 Datasheet HTML 4Page - EPCOS B37950K3222K060 Datasheet HTML 5Page - EPCOS B37950K3222K060 Datasheet HTML 6Page - EPCOS B37950K3222K060 Datasheet HTML 7Page - EPCOS B37950K3222K060 Datasheet HTML 8Page - EPCOS B37950K3222K060 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
Multilayer ceramic capacitors
3
12/05
X7R
Please read Cautions and warnings and
Important notes at the end of this document.
Capacitance tolerances
Dimensional drawing
Dimensions (mm)
Tolerances to CECC 32101-801
Code letter
J
K
(standard)
M
Tolerance
±5%
±10%
±20%
Case size
(inch)
(mm)
0402
1005
0603
1608
0805
2012
1206
3216
l
1.0
±0.10
1.6
±0.15
2.0
±0.20
3.2
±0.20
b0.5
±0.05
0.8
±0.10
1.25
±0.15
1.6
±0.15
s
0.5
±0.05
0.8
±0.10
1.35 max.
1.30 max.
k
0.1 –0.4
0.1 –0.4
0.13 –0.75
0.25 –0.75
Case size
(inch)
(mm)
1210
3225
1812
4532
2220
5750
l
3.2
±0.30
4.5
±0.30
5.7
±0.40
b2.5
±0.30
3.2
±0.30
5.0
±0.40
s
1.70 max.
1.30 max.
1.30 max.
k
0.25 –0.75
0.25 –1.0
0.25 –1.0
KKE0329-N
k
b
k
X7R


Similar Part No. - B37950K3222K060

ManufacturerPart #DatasheetDescription
logo
EPCOS
B37950K3103K062 EPCOS-B37950K3103K062 Datasheet
810Kb / 37P
   Multilayer ceramic capacitors
B37950K3103K072 EPCOS-B37950K3103K072 Datasheet
810Kb / 37P
   Multilayer ceramic capacitors
More results

Similar Description - B37950K3222K060

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
CL21C220 SAMSUNG-CL21C220 Datasheet
552Kb / 35P
   Multilayer Ceramic Capacitor
CL31B104KCFNNNF SAMSUNG-CL31B104KCFNNNF Datasheet
620Kb / 35P
   Multilayer Ceramic Capacitor
logo
EPCOS
B37931K5104K0 EPCOS-B37931K5104K0 Datasheet
64Kb / 5P
   Multilayer ceramic capacitor
B37941X EPCOS-B37941X Datasheet
413Kb / 14P
   Multilayer ceramic capacitor
logo
Samsung semiconductor
CL03C101JA3ANNC SAMSUNG-CL03C101JA3ANNC Datasheet
620Kb / 35P
   Multilayer Ceramic Capacitor
CL05B104KONC SAMSUNG-CL05B104KONC Datasheet
549Kb / 35P
   Multilayer Ceramic Capacitor
CL10C180JB8NNNC SAMSUNG-CL10C180JB8NNNC Datasheet
620Kb / 35P
   Multilayer Ceramic Capacitor
CL21C100CBANNNC SAMSUNG-CL21C100CBANNNC Datasheet
620Kb / 35P
   Multilayer Ceramic Capacitor
CL10B101KB8NNNC SAMSUNG-CL10B101KB8NNNC Datasheet
620Kb / 35P
   Multilayer Ceramic Capacitor
logo
Murata Manufacturing Co...
GRM31CF11H475ZA01L MURATA1-GRM31CF11H475ZA01L Datasheet
47Kb / 1P
   Capacitor Ceramic Multilayer
2015/01/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com