Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS82C59A96 Datasheet(PDF) 4 Page - Intersil Corporation

Part # CS82C59A96
Description  CMOS Priority Interrupt Controller
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CS82C59A96 Datasheet(HTML) 4 Page - Intersil Corporation

  CS82C59A96 Datasheet HTML 1Page - Intersil Corporation CS82C59A96 Datasheet HTML 2Page - Intersil Corporation CS82C59A96 Datasheet HTML 3Page - Intersil Corporation CS82C59A96 Datasheet HTML 4Page - Intersil Corporation CS82C59A96 Datasheet HTML 5Page - Intersil Corporation CS82C59A96 Datasheet HTML 6Page - Intersil Corporation CS82C59A96 Datasheet HTML 7Page - Intersil Corporation CS82C59A96 Datasheet HTML 8Page - Intersil Corporation CS82C59A96 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
4
FN2784.5
March 17, 2006
Functional Description
Interrupts in Microcomputer Systems
Microcomputer system design requires that I/O devices such
as keyboards, displays, sensors and other components
receive servicing in an efficient manner so that large
amounts of the total system tasks can be assumed by the
microcomputer with little or no effect on throughput.
The most common method of servicing such devices is the
Polled approach. This is where the processor must test each
device in sequence and in effect “ask” each one if it needs
servicing. It is easy to see that a large portion of the main
program is looping through this continuous polling cycle and
that such a method would have a serious, detrimental effect
on system throughput, thus, limiting the tasks that could be
assumed by the microcomputer and reducing the cost
effectiveness of using such devices.
Pin Description
SYMBOL
TYPE
DESCRIPTION
VCC
I
VCC: The +5V power supply pin. A 0.1µF capacitor between pins 28 and 14 is recommended for decoupling.
GND
I
GROUND
CS
I
CHIP SELECT: A low on this pin enables RD and WR communications between the CPU and the 82C59A. INTA
functions are independent of CS.
WR
I
WRITE: A low on this pin when CS is low enables the 82C59A to accept command words from the CPU.
RD
I
READ: A low on this pin when CS is low enables the 82C59A to release status onto the data bus for the CPU.
D7 - D0
I/O
BIDIRECTIONAL DATA BUS: Control, status, and interrupt-vector information is transferred via this bus.
CAS0 - CAS2
I/O
CASCADE LINES: The CAS lines form a private 82C59A bus to control a multiple 82C59A structure. These
pins are outputs for a master 82C59A and inputs for a slave 82C59A.
SP/EN
I/O
SLAVE PROGRAM/ENABLE BUFFER: This is a dual function pin. When in the Buffered Mode it can be used
as an output to control buffer transceivers (EN). When not in the Buffered Mode it is used as an input to
designate a master (SP = 1) or slave (SP = 0).
INT
O
INTERRUPT: This pin goes high whenever a valid interrupt request is asserted. It is used to interrupt the CPU,
thus, it is connected to the CPU's interrupt pin.
IR0 - IR7
I
INTERRUPT REQUESTS: Asynchronous inputs. An interrupt request is executed by raising an IR input (low to
high), and holding it high until it is acknowledged (Edge Triggered Mode), or just by a high level on an IR input
(Level Triggered Mode). Internal pull-up resistors are implemented on IR0 - 7.
INTA
I
INTERRUPT ACKNOWLEDGE: This pin is used to enable 82C59A interrupt-vector data onto the data bus by
a sequence of interrupt acknowledge pulses issued by the CPU.
A0
I
ADDRESS LINE: This pin acts in conjunction with the CS, WR, and RD pins. It is used by the 82C59A to
decipher various Command Words the CPU writes and status the CPU wishes to read. It is typically connected
to the CPU A0 address line (A1 for 80C86/88/286).
ROM
I/O (N)
I/O (2)
I/O (1)
RAM
CPU
CPU - DRIVEN
MULTIPLEXER
FIGURE 2. POLLED METHOD
82C59A
82C59A


Similar Part No. - CS82C59A96

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CS82C59A INTERSIL-CS82C59A Datasheet
152Kb / 20P
   CMOS Priority Interrupt Controller
March 1997
CS82C59A-12 INTERSIL-CS82C59A-12 Datasheet
152Kb / 20P
   CMOS Priority Interrupt Controller
March 1997
CS82C59A-5 INTERSIL-CS82C59A-5 Datasheet
152Kb / 20P
   CMOS Priority Interrupt Controller
March 1997
More results

Similar Description - CS82C59A96

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
82C59A INTERSIL-82C59A Datasheet
152Kb / 20P
   CMOS Priority Interrupt Controller
March 1997
logo
Renesas Technology Corp
82C59A RENESAS-82C59A Datasheet
604Kb / 23P
   CMOS Priority Interrupt Controller
Sep 8, 2015
logo
Motorola, Inc
MC6828 MOTOROLA-MC6828 Datasheet
755Kb / 8P
   PRIORITY INTERRUPT CONTROLLER
logo
Intel Corporation
M8214 INTEL-M8214 Datasheet
212Kb / 2P
   PRIORITY INTERRUPT CONTROL UNIT
logo
List of Unclassifed Man...
USC68HC908 ETC1-USC68HC908 Datasheet
2Mb / 3P
   PROGRAMMABLE INTERRUPT CONTROLLER CMOS
logo
SyncMOS Technologies,In...
SM5953 SYNCMOS-SM5953 Datasheet
629Kb / 43P
   Six interrupt sources with two priority levels
logo
Megawin Technology Co.,...
MPC82E52 MEGAWIN-MPC82E52 Datasheet
2Mb / 144P
   Interrupt controller
MG86FE104 MEGAWIN-MG86FE104 Datasheet
3Mb / 134P
   Interrupt controller
MG74PG1A08 MEGAWIN-MG74PG1A08 Datasheet
1Mb / 127P
   Interrupt controller
logo
Fujitsu Component Limit...
MB89259A FUJITSU-MB89259A Datasheet
52Kb / 1P
   INTERRUPT CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com