Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSP45102 Datasheet(PDF) 4 Page - Intersil Corporation

Part # HSP45102
Description  12-Bit Numerically Controlled Oscillator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HSP45102 Datasheet(HTML) 4 Page - Intersil Corporation

  HSP45102_05 Datasheet HTML 1Page - Intersil Corporation HSP45102_05 Datasheet HTML 2Page - Intersil Corporation HSP45102_05 Datasheet HTML 3Page - Intersil Corporation HSP45102_05 Datasheet HTML 4Page - Intersil Corporation HSP45102_05 Datasheet HTML 5Page - Intersil Corporation HSP45102_05 Datasheet HTML 6Page - Intersil Corporation HSP45102_05 Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
register. At each clock, the contents of this register are summed
with the current contents of the accumulator to step to the new
phase. The phase accumulator stepping may be inhibited by
holding ENPHAC high. The phase accumulator may be loaded
with the value in the input register by asserting LOAD, which
zeroes the feedback to the phase accumulator.
The phase adder sums the encoded phase modulation bits
P0-1 and the output of the phase accumulator to offset the
phase by 0, 90, 180 or 270 degrees. The two bits are
encoded to produce the phase mapping shown in Table 1.
This phase mapping is provided for direct connection to the
in-phase and quadrature data bits for QPSK modulation.
ROM Section
The ROM section generates the 12-bit sine value from the
13-bit output of the phase adder. The output format is offset
binary and ranges from 001 to FFF hexadecimal, centered
around 800 hexadecimal.
TABLE 1. PHASE MAPPING
P0-1 CODING
P1
P0
PHASE SHIFT (DEGREES)
00
0
01
90
1
0
270
1
1
180
FIGURE 2A. FREQUENCY LOADING ENABLED BY SFTEN
FIGURE 2B. FREQUENCY LOADING CONTROLLED BY SCLK
FIGURE 3. I/O TIMING
SCLK
SD
SFTEN
MSB/LSB
0
1
2
63
62
61
SCLK
SD
SFTEN
MSB/LSB
0
1
2
63
62
61
CLK
LOAD
TXFR
OUT0-11
1
3
4
6
7
8
9
10
11
5
2
NEW
DATA
ENPHAC
SEL_L/M
HSP45102


Similar Part No. - HSP45102_05

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HSP45102 INTERSIL-HSP45102_07 Datasheet
189Kb / 9P
   12-Bit Numerically Controlled Oscillator
More results

Similar Description - HSP45102_05

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HSP45102 RENESAS-HSP45102 Datasheet
435Kb / 9P
   12-Bit Numerically Controlled Oscillator
logo
Intersil Corporation
HSP45102 INTERSIL-HSP45102 Datasheet
48Kb / 7P
   12-Bit Numerically Controlled Oscillator
HSP45102 INTERSIL-HSP45102_07 Datasheet
189Kb / 9P
   12-Bit Numerically Controlled Oscillator
HSP45106883 INTERSIL-HSP45106883 Datasheet
130Kb / 6P
   16-Bit Numerically Controlled Oscillator
HSP45106 INTERSIL-HSP45106_04 Datasheet
517Kb / 13P
   16-Bit Numerically Controlled Oscillator
HSP45106 INTERSIL-HSP45106 Datasheet
379Kb / 14P
   16-Bit Numerically Controlled Oscillator
HSP45116883 INTERSIL-HSP45116883 Datasheet
157Kb / 6P
   Numerically Controlled Oscillator/Modulator
HSP45116 INTERSIL-HSP45116_04 Datasheet
268Kb / 16P
   Numerically Controlled Oscillator/Modulator
HSP45116A INTERSIL-HSP45116A_07 Datasheet
587Kb / 19P
   Numerically Controlled Oscillator/Modulator
HSP45116 INTERSIL-HSP45116 Datasheet
129Kb / 18P
   Numerically Controlled Oscillator/Modulator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com