Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSP43168VC-45Z Datasheet(PDF) 10 Page - Intersil Corporation

Part # HSP43168VC-45Z
Description  Dual FIR Filter
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HSP43168VC-45Z Datasheet(HTML) 10 Page - Intersil Corporation

Back Button HSP43168VC-45Z Datasheet HTML 6Page - Intersil Corporation HSP43168VC-45Z Datasheet HTML 7Page - Intersil Corporation HSP43168VC-45Z Datasheet HTML 8Page - Intersil Corporation HSP43168VC-45Z Datasheet HTML 9Page - Intersil Corporation HSP43168VC-45Z Datasheet HTML 10Page - Intersil Corporation HSP43168VC-45Z Datasheet HTML 11Page - Intersil Corporation HSP43168VC-45Z Datasheet HTML 12Page - Intersil Corporation HSP43168VC-45Z Datasheet HTML 13Page - Intersil Corporation HSP43168VC-45Z Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
10
Input/Output Formats
The Dual FIR supports mixed mode arithmetic with both
unsigned and two's complement data and coefficients. The
input and output formats for both data types are shown below.
If the Dual FIR is configured as an even symmetric filter with
unsigned data and coefficients, the output will be unsigned.
Otherwise, the output will be two's complement.
The MUX/Adder can be configured to implement
programmable rounding at bit locations 2-10 through 21. The
round is implemented by adding a 1 to the specified location
(see Table 2). Figure 4 illustrates the rounding operation. For
example, to configure the part such that the output is
rounded to the 10 MSBs, OUT18 - 27, the round position
would be chosen to be 2-1. The negative sign on the MSB
indicates 2’s complement format.
Application Examples
In this section a number of examples are presented which
detail even, odd, symmetric, asymmetric, decimating and
dual FIR filter configurations. These examples are intended
to illustrate the different operational features of the
HSP43168 and should be used as a guide in developing an
application specific filter configuration. Use Table 6 to select
and find the example that best matches your application.
Examples 1 through 5 are explained using a single four tap
FIR cell, but the same concept applies to FIR filters which
use both FIR cells (A and B) in a single filter configuration.
Example 6 details a dual filter mode where FIR cell A and B
implement different digital filters. All examples are
functionally verified configurations. Each example details a
complete design solution, including a block diagram, a
data/coefficient alignment illustration, a data flow diagram
and a control signal timing diagram.
Two programmable Configuration Control Registers define a
unique FIR filter configuration. Register 000H has all filter
INPUT DATA FORMAT INA0-9, INB0-9
FRACTIONAL TWO’S COMPLEMENT
9876543210
-20
.2-1
2-2
2-3
2-4
2-5
2-6
2-7
2-8
2-9
OUTPUT DATA FORMAT OUT9-27
FRACTIONAL TWO'S COMPLEMENT
27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9
-29 28 27 26 25 24 23 22 21 20 .2-1 2-2 2-3 2-4 2-5 2-6 2-7 2-8 2-9
OUTPUT DATA FORMAT OUT0-8
FRACTIONAL TWO'S COMPLEMENT
876543210
2-10
2-11
2-12
2-13
2-14
2-15
2-16
2-17
2-18
INPUT DATA FORMAT INA0-9, INB0-9
FRACTIONAL UNSIGNED
9876543210
20
.2-1
2-2
2-3
2-4
2-5
2-6
2-7
2-8
2-9
OUTPUT DATA FORMAT OUT9-27
FRACTIONAL UNSIGNED
27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9
29 28 27 26 25 24 23 22 21 20 .2-1 2-2 2-3 2-4 2-5 2-6 2-7 2-8 2-9
OUTPUT DATA FORMAT OUT0-8
FRACTIONAL UNSIGNED
876543210
2-10
2-11
2-12
2-13
2-14
2-15
2-16
2-17
2-18
FIGURE 3. INPUT/OUTPUT FORMAT DEFINITIONS
TABLE 6. FILTER EXAMPLE SELECTION GUIDE
FILTER TYPE
EXAMPLE NUMBER
Even Tap Even Symmetric
1
Odd Tap Even Symmetric
2
Asymmetric
3
Even Tap Decimating
4
Odd Tap Decimating
5
Dual Decimating
6
FIGURE 4. ROUND POSITION BIT DEFINITION
IOUT
9-27
IOUT
0-8
21
20
2-1
2-2
2-3
2-4
2-5
2-6
2-7
2-8
2-9
2-10
27
26
25
24
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
19
18
17
16
15
14
13
12
11
10
9
8
0000
0001
0010
0011
0100
0101
0110
0111
1000
1001
1010
1011
“ROUND POSITION” VALUE
NUMBER OF OUTPUT BITS
LOCATION OF ADDITION OF 1
OUTPUT BITS
HSP43168


Similar Part No. - HSP43168VC-45Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HSP43168VC-45Z INTERSIL-HSP43168VC-45Z Datasheet
915Kb / 25P
   Dual FIR Filter
logo
Renesas Technology Corp
HSP43168VC-45Z RENESAS-HSP43168VC-45Z Datasheet
851Kb / 25P
   Dual FIR Filter
July 27, 2009
More results

Similar Description - HSP43168VC-45Z

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HSP43168 RENESAS-HSP43168 Datasheet
851Kb / 25P
   Dual FIR Filter
July 27, 2009
logo
Intersil Corporation
HSP43168 INTERSIL-HSP43168 Datasheet
915Kb / 25P
   Dual FIR Filter
HSP43168883 INTERSIL-HSP43168883 Datasheet
180Kb / 10P
   Dual FIR Filter
logo
LOGIC Devices Incorpora...
LF43168 LODEV-LF43168 Datasheet
184Kb / 16P
   Dual 8-Tap FIR Filter
logo
Mitel Networks Corporat...
PDSP16256 MITEL-PDSP16256 Datasheet
423Kb / 28P
   Programmable FIR Filter
logo
Zarlink Semiconductor I...
PDSP16256 ZARLINK-PDSP16256 Datasheet
205Kb / 25P
   Programmable FIR Filter
logo
Mitel Networks Corporat...
PDSP16256 MITEL-PDSP16256_98 Datasheet
268Kb / 24P
   Programmable FIR Filter
logo
Frequency Devices, Inc.
SPPDM-01 FREQUENCYDEVICES-SPPDM-01 Datasheet
730Kb / 4P
   Dual Channel, Differential Input FIR Filter Platform
logo
Zarlink Semiconductor I...
VP16256 ZARLINK-VP16256 Datasheet
459Kb / 19P
   Programmable FIR FIlter
logo
Mitel Networks Corporat...
VP16256 MITEL-VP16256 Datasheet
228Kb / 20P
   Programmable FIR Filter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com