Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CP82C59A-12Z Datasheet(PDF) 11 Page - Intersil Corporation

Part # CP82C59A-12Z
Description  CMOS Priority Interrupt Controller
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CP82C59A-12Z Datasheet(HTML) 11 Page - Intersil Corporation

Back Button CP82C59A-12Z Datasheet HTML 7Page - Intersil Corporation CP82C59A-12Z Datasheet HTML 8Page - Intersil Corporation CP82C59A-12Z Datasheet HTML 9Page - Intersil Corporation CP82C59A-12Z Datasheet HTML 10Page - Intersil Corporation CP82C59A-12Z Datasheet HTML 11Page - Intersil Corporation CP82C59A-12Z Datasheet HTML 12Page - Intersil Corporation CP82C59A-12Z Datasheet HTML 13Page - Intersil Corporation CP82C59A-12Z Datasheet HTML 14Page - Intersil Corporation CP82C59A-12Z Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
11
FN2784.5
March 17, 2006
Operation Command Words (OCWs)
After the Initialization Command Words (lCWs) are
programmed into the 82C59A, the device is ready to accept
interrupt requests at its input lines. However, during the
82C59A operation, a selection of algorithms can command
the 82C59A to operate in various modes through the
Operation Command Words (OCWs).
Operation Command Word 1 (OCW1)
OCW1 sets and clears the mask bits in the Interrupt Mask
Register (lMR) M7 - M0 represent the eight mask bits. M = 1
indicates the channel is masked (inhibited), M = 0 indicates
the channel is enabled.
Operation Command Word 2 (OCW2)
R, SL, EOI - These three bits control the Rotate and End of
Interrupt modes and combinations of the two. A chart of
these combinations can be found on the Operation
Command Word Format.
L2, L1, L0 - These bits determine the interrupt level acted
upon when the SL bit is active.
Operation Command Word 3 (OCW3)
ESMM - Enable Special Mask Mode. When this bit is set to 1
it enables the SMM bit to set or reset the Special Mask
Mode. When ESMM = 0, the SMM bit becomes a “don’t
care”.
SMM - Special Mask Mode. If ESMM = 1 and SMM = 1, the
82C59A will enter Special Mask Mode. If ESMM = 1 and
SMM = 0, the 82C59A will revert to normal mask mode.
When ESMM = 0, SMM has no effect.
Fully Nested Mode
This mode is entered after initialization unless another mode
is programmed. The interrupt requests are ordered in priority
from 0 through 7 (0 highest). When an interrupt is
acknowledged the highest priority request is determined and
its vector placed on the bus. Additionally, a bit of the Interrupt
Service register (IS0 - 7) is set. This bit remains set until the
microprocessor issues an End of Interrupt (EOI) command
immediately before returning from the service routine, or if
the AEOI (Automatic End of Interrupt) bit is set, until the
trailing edge of the last INTA. While the IS bit is set, all
further interrupts of the same or lower priority are inhibited,
while higher levels will generate an interrupt (which will be
acknowledged only if the microprocessor internal interrupt
enable flip-flop has been re-enabled through software).
After the initialization sequence, IR0 has the highest priority
and IR7 the lowest. Priorities can be changed, as will be
explained in the rotating priority mode or via the set priority
command.
OPERATION COMMAND WORDS (OCWs)
A0
D7
D6
D5
D4
D3
D2
D1
D0
OCW1
1
M7M6
M5M4M3M2M1M0
OCW2
0
R
SL
EOI
0
0
L2
L1
L0
OCW3
0
0
ESMM SMM
0
1
P
RR
RIS
82C59A
82C59A


Similar Part No. - CP82C59A-12Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CP82C59A-12 INTERSIL-CP82C59A-12 Datasheet
152Kb / 20P
   CMOS Priority Interrupt Controller
March 1997
More results

Similar Description - CP82C59A-12Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
82C59A INTERSIL-82C59A Datasheet
152Kb / 20P
   CMOS Priority Interrupt Controller
March 1997
logo
Renesas Technology Corp
82C59A RENESAS-82C59A Datasheet
604Kb / 23P
   CMOS Priority Interrupt Controller
Sep 8, 2015
logo
Motorola, Inc
MC6828 MOTOROLA-MC6828 Datasheet
755Kb / 8P
   PRIORITY INTERRUPT CONTROLLER
logo
Intel Corporation
M8214 INTEL-M8214 Datasheet
212Kb / 2P
   PRIORITY INTERRUPT CONTROL UNIT
logo
List of Unclassifed Man...
USC68HC908 ETC1-USC68HC908 Datasheet
2Mb / 3P
   PROGRAMMABLE INTERRUPT CONTROLLER CMOS
logo
SyncMOS Technologies,In...
SM5953 SYNCMOS-SM5953 Datasheet
629Kb / 43P
   Six interrupt sources with two priority levels
logo
Megawin Technology Co.,...
MPC82E52 MEGAWIN-MPC82E52 Datasheet
2Mb / 144P
   Interrupt controller
MG86FE104 MEGAWIN-MG86FE104 Datasheet
3Mb / 134P
   Interrupt controller
MG74PG1A08 MEGAWIN-MG74PG1A08 Datasheet
1Mb / 127P
   Interrupt controller
logo
Fujitsu Component Limit...
MB89259A FUJITSU-MB89259A Datasheet
52Kb / 1P
   INTERRUPT CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com