Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS82C59A-1296 Datasheet(PDF) 7 Page - Intersil Corporation

Part # CS82C59A-1296
Description  CMOS Priority Interrupt Controller
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CS82C59A-1296 Datasheet(HTML) 7 Page - Intersil Corporation

Back Button CS82C59A-1296 Datasheet HTML 3Page - Intersil Corporation CS82C59A-1296 Datasheet HTML 4Page - Intersil Corporation CS82C59A-1296 Datasheet HTML 5Page - Intersil Corporation CS82C59A-1296 Datasheet HTML 6Page - Intersil Corporation CS82C59A-1296 Datasheet HTML 7Page - Intersil Corporation CS82C59A-1296 Datasheet HTML 8Page - Intersil Corporation CS82C59A-1296 Datasheet HTML 9Page - Intersil Corporation CS82C59A-1296 Datasheet HTML 10Page - Intersil Corporation CS82C59A-1296 Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
7
FN2784.5
March 17, 2006
These events occur in an 8080/8085 system:
1. One or more of the INTERRUPT REQUEST lines
(IR0 - IR7) are raised high, setting the corresponding IRR
bit(s).
2. The 82C59A evaluates those requests in the priority
resolver and sends an interrupt (INT) to the CPU, if
appropriate.
3. The CPU acknowledges the lNT and responds with an
INTA pulse.
4. Upon receiving an lNTA from the CPU group, the highest
priority lSR bit is set, and the corresponding lRR bit is
reset. The 82C59A will also release a CALL instruction
code (11001101) onto the 8-bit data bus through D0 - D7.
5. This CALL instruction will initiate two additional INTA
pulses to be sent to 82C59A from the CPU group.
6. These two INTA pulses allow the 82C59A to release its
preprogrammed subroutine address onto the data bus.
The lower 8-bit address is released at the first INTA pulse
and the higher 8-bit address is released at the second
INTA pulse.
7. This completes the 3-byte CALL instruction released by
the 82C59A. In the AEOI mode, the lSR bit is reset at the
end of the third INTA pulse. Otherwise, the lSR bit
remains set until an appropriate EOI command is issued
at the end of the interrupt sequence.
The events occurring in an 80C86/88/286 system are the
same until step 4.
4. The 82C59A does not drive the data bus during the first
INTA pulse.
5. The 80C86/88/286 CPU will initiate a second INTA pulse.
During this INTA pulse, the appropriate ISR bit is set and
the corresponding bit in the IRR is reset. The 82C59A
outputs the 8-bit pointer onto the data bus to be read by
the CPU.
6. This completes the interrupt cycle. In the AEOI mode, the
ISR bit is reset at the end of the second INTA pulse. Oth-
erwise, the ISR bit remains set until an appropriate EOI
command is issued at the end of the interrupt subroutine.
If no interrupt request is present at step 4 of either sequence
(i.e., the request was too short in duration), the 82C59A will
issue an interrupt level 7. If a slave is programmed on IR bit
7, the CAS lines remain inactive and vector addresses are
output from the master 82C59A.
Interrupt Sequence Outputs
8080, 8085 Interrupt Response Mode
This sequence is timed by three INTA pulses. During the first
lNTA pulse, the CALL opcode is enabled onto the data bus.
First Interrupt Vector Byte Data: Hex CD
During the second INTA pulse, the lower address of the
appropriate service routine is enabled onto the data bus.
ADDRESS BUS (16)
CONTROL BUS
DATA BUS (8)
I
/OR
I
/OW
INT
INTA
CASCADE
LINES
CAS 0
CAS 1
CAS 2
SP/EN
CS
RD
WR
INTA
INT
D7 - D0
A0
SLAVE PROGRAM/
ENABLE BUFFER
INTERRUPT
REQUESTS
82C59A
IRQ
IRQ
IRQ
IRQ
IRQ
IRQ
IRQ
IRQ
7
6
5
4
3
2
1
0
FIGURE 5. 82C59A STANDARD SYSTEM BUS INTERFACE
D7
D6
D5
D4
D3
D2
D1
D0
Call Code
11
00
11
01
82C59A
82C59A


Similar Part No. - CS82C59A-1296

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CS82C59A-12 INTERSIL-CS82C59A-12 Datasheet
152Kb / 20P
   CMOS Priority Interrupt Controller
March 1997
More results

Similar Description - CS82C59A-1296

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
82C59A INTERSIL-82C59A Datasheet
152Kb / 20P
   CMOS Priority Interrupt Controller
March 1997
logo
Renesas Technology Corp
82C59A RENESAS-82C59A Datasheet
604Kb / 23P
   CMOS Priority Interrupt Controller
Sep 8, 2015
logo
Motorola, Inc
MC6828 MOTOROLA-MC6828 Datasheet
755Kb / 8P
   PRIORITY INTERRUPT CONTROLLER
logo
Intel Corporation
M8214 INTEL-M8214 Datasheet
212Kb / 2P
   PRIORITY INTERRUPT CONTROL UNIT
logo
List of Unclassifed Man...
USC68HC908 ETC1-USC68HC908 Datasheet
2Mb / 3P
   PROGRAMMABLE INTERRUPT CONTROLLER CMOS
logo
SyncMOS Technologies,In...
SM5953 SYNCMOS-SM5953 Datasheet
629Kb / 43P
   Six interrupt sources with two priority levels
logo
Megawin Technology Co.,...
MPC82E52 MEGAWIN-MPC82E52 Datasheet
2Mb / 144P
   Interrupt controller
MG86FE104 MEGAWIN-MG86FE104 Datasheet
3Mb / 134P
   Interrupt controller
MG74PG1A08 MEGAWIN-MG74PG1A08 Datasheet
1Mb / 127P
   Interrupt controller
logo
Fujitsu Component Limit...
MB89259A FUJITSU-MB89259A Datasheet
52Kb / 1P
   INTERRUPT CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com