Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMC660C Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMC660C
Description  CMOS Quad Operational Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMC660C Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LMC660C Datasheet HTML 1Page - National Semiconductor (TI) LMC660C Datasheet HTML 2Page - National Semiconductor (TI) LMC660C Datasheet HTML 3Page - National Semiconductor (TI) LMC660C Datasheet HTML 4Page - National Semiconductor (TI) LMC660C Datasheet HTML 5Page - National Semiconductor (TI) LMC660C Datasheet HTML 6Page - National Semiconductor (TI) LMC660C Datasheet HTML 7Page - National Semiconductor (TI) LMC660C Datasheet HTML 8Page - National Semiconductor (TI) LMC660C Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Absolute Maximum Ratings (Note 3)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Differential Input Voltage
±Supply Voltage
Supply Voltage
16V
Output Short Circuit to V
+
(Note 12)
Output Short Circuit to V
(Note 1)
Lead Temperature
(Soldering, 10 sec.)
260˚C
Storage Temp. Range
−65˚C to +150˚C
Voltage at Input/Output Pins
(V
+) + 0.3V, (V) − 0.3V
Current at Output Pin
±18 mA
Current at Input Pin
±5mA
Current at Power Supply Pin
35 mA
Power Dissipation
(Note 2)
Junction Temperature
150˚C
ESD tolerance (Note 8)
1000V
Operating Ratings
Temperature Range
LMC660AI
−40˚C
≤ T
J ≤ +85˚C
LMC660C
0˚C
≤ T
J ≤ +70˚C
Supply Voltage Range
4.75V to 15.5V
Power Dissipation
(Note 10)
Thermal Resistance (
θ
JA) (Note 11)
14-Pin Molded DIP
85˚C/W
14-Pin SO
115˚C/W
DC Electrical Characteristics
Unless otherwise specified, all limits guaranteed for T
J = 25˚C. Boldface limits apply at the temperature extremes. V
+ =
5V, V
= 0V, V
CM = 1.5V, VO = 2.5V and RL > 1M unless otherwise specified.
Parameter
Conditions
Typ
(Note 4)
LMC660AI
LMC660C
Units
Limit
Limit
(Note 4)
(Note 4)
Input Offset Voltage
1
3
6
mV
3.3
6.3
max
Input Offset Voltage
1.3
µV/˚C
Average Drift
Input Bias Current
0.002
pA
42
max
Input Offset Current
0.001
pA
21
max
Input Resistance
>1
Tera
Common Mode
0V
≤ V
CM ≤ 12.0V
83
70
63
dB
Rejection Ratio
V
+ = 15V
68
62
min
Positive Power Supply
5V
≤ V+ ≤ 15V
83
70
63
dB
Rejection Ratio
V
O = 2.5V
68
62
min
Negative Power Supply
0V
≤ V≤ −10V
94
84
74
dB
Rejection Ratio
83
73
min
Input Common-Mode
V
+ = 5V & 15V
−0.4
−0.1
−0.1
V
Voltage Range
For CMRR
≥ 50 dB
00
max
V
+ − 1.9
V
+ − 2.3
V
+ − 2.3
V
V
+ − 2.5
V
+ − 2.4
min
Large Signal
R
L =2 kΩ (Note 5)
2000
440
300
V/mV
Voltage Gain
Sourcing
400
200
min
Sinking
500
180
90
V/mV
120
80
min
R
L = 600Ω (Note 5)
1000
220
150
V/mV
Sourcing
200
100
min
Sinking
250
100
50
V/mV
60
40
min
www.national.com
2


Similar Part No. - LMC660C

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC660C NSC-LMC660C Datasheet
873Kb / 14P
   CMOS Quad Operational Amplifier
LMC660CM NSC-LMC660CM Datasheet
461Kb / 14P
   CMOS Quad Operational Amplifier
LMC660CM NSC-LMC660CM Datasheet
873Kb / 14P
   CMOS Quad Operational Amplifier
logo
Texas Instruments
LMC660CM TI1-LMC660CM Datasheet
1Mb / 22P
[Old version datasheet]   LMC660 CMOS Quad Operational Amplifier
LMC660CM/NOPB TI1-LMC660CM/NOPB Datasheet
1Mb / 22P
[Old version datasheet]   LMC660 CMOS Quad Operational Amplifier
More results

Similar Description - LMC660C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMC6034 TI1-LMC6034 Datasheet
1Mb / 22P
[Old version datasheet]   CMOS Quad Operational Amplifier
logo
National Semiconductor ...
LMC660EP NSC-LMC660EP Datasheet
891Kb / 15P
   CMOS Quad Operational Amplifier
LMC660 NSC-LMC660_06 Datasheet
873Kb / 14P
   CMOS Quad Operational Amplifier
LMC660 NSC-LMC660 Datasheet
461Kb / 14P
   CMOS Quad Operational Amplifier
LMC6034 NSC-LMC6034 Datasheet
301Kb / 12P
   CMOS Quad Operational Amplifier
LMC6044 NSC-LMC6044 Datasheet
387Kb / 12P
   CMOS Quad Micropower Operational Amplifier
logo
Texas Instruments
LMC6034IMX TI-LMC6034IMX Datasheet
1Mb / 22P
[Old version datasheet]   LMC6034 CMOS Quad Operational Amplifier
LMC6044 TI1-LMC6044_17 Datasheet
1Mb / 23P
[Old version datasheet]   CMOS Quad Micropower Operational Amplifier
LMC660CMX TI1-LMC660CMX Datasheet
1Mb / 22P
[Old version datasheet]   LMC660 CMOS Quad Operational Amplifier
logo
National Semiconductor ...
LMC6084 NSC-LMC6084 Datasheet
729Kb / 14P
   Precision CMOS Quad Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com