Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMC660C Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMC660C
Description  CMOS Quad Operational Amplifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMC660C Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LMC660C Datasheet HTML 1Page - National Semiconductor (TI) LMC660C Datasheet HTML 2Page - National Semiconductor (TI) LMC660C Datasheet HTML 3Page - National Semiconductor (TI) LMC660C Datasheet HTML 4Page - National Semiconductor (TI) LMC660C Datasheet HTML 5Page - National Semiconductor (TI) LMC660C Datasheet HTML 6Page - National Semiconductor (TI) LMC660C Datasheet HTML 7Page - National Semiconductor (TI) LMC660C Datasheet HTML 8Page - National Semiconductor (TI) LMC660C Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
AC Electrical Characteristics (Continued)
Unless otherwise specified, all limits guaranteed for T
J = 25˚C. Boldface limits apply at the temperature extremes. V
+ = 5V,
V
= 0V, V
CM = 1.5V, VO = 2.5V and RL > 1M
Ω unless otherwise specified.
Parameter
Conditions
Typ
(Note 4)
LMC660AI
LMC660C
Units
Limit
Limit
(Note 4)
(Note 4)
Total Harmonic Distortion
f = 10 kHz, A
V
= −10
R
L =2k
Ω,V
O
=8V
PP
V
+ = 15V
0.01
%
Note 1: Applies to both single supply and split supply operation. Continuous short circuit operation at elevated ambient temperature and/or multiple Op Amp shorts
can result in exceeding the maximum allowed junction temperature of 150˚C. Output currents in excess of ±30 mA over long term may adversely affect reliability.
Note 2: The maximum power dissipation is a function of TJ(MAX), θJA, and TA. The maximum allowable power dissipation at any ambient temperature is PD =
(TJ(MAX) −TA)/θJA.
Note 3: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is
intended to be functional, but do not guarantee specific performance limits. For guaranteed specifications and test conditions, see the Electrical Characteristics. The
guaranteed specifications apply only for the test conditions listed.
Note 4: Typical values represent the most likely parametric norm. Limits are guaranteed by testing or correlation.
Note 5: V+ = 15V, VCM = 7.5V and RL connected to 7.5V. For Sourcing tests, 7.5V ≤ VO ≤ 11.5V. For Sinking tests, 2.5V ≤ VO ≤ 7.5V.
Note 6: V+ = 15V. Connected as Voltage Follower with 10V step input. Number specified is the slower of the positive and negative slew rates.
Note 7: Input referred. V+ = 15V and RL =10kΩ connected to V
+/2. Each amp excited in turn with 1 kHz to produce V
O =13VPP.
Note 8: Human Body Model is 1.5 k
Ω in series with 100 pF.
Note 9: For operating at elevated temperatures the device must be derated based on the thermal resistance
θJA with PD =(TJ −TA)/θJA.
Note 10: All numbers apply for packages soldered directly into a PC board.
Note 11: Do not connect output to V+ when V+ is greater than 13V or reliability may be adversely affected.
Ordering Information
Package
Temperature Range
Transport
Media
NSC
Drawing
Industrial
Commercial
−40˚C to +85˚C
0˚C to +70˚C
14-Pin
LMC660AIM
LMC660CM
Rail
M14A
SOIC
LMC660AIMX
LMC660CMX
Tape and Reel
14-Pin
M DIP
LMC660AIN
LMC660CN
Rail
N14A
www.national.com
4


Similar Part No. - LMC660C

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC660C NSC-LMC660C Datasheet
441Kb / 12P
   CMOS Quad Operational Amplifier
LMC660CM NSC-LMC660CM Datasheet
461Kb / 14P
   CMOS Quad Operational Amplifier
LMC660CM NSC-LMC660CM Datasheet
441Kb / 12P
   CMOS Quad Operational Amplifier
logo
Texas Instruments
LMC660CM TI1-LMC660CM Datasheet
1Mb / 22P
[Old version datasheet]   LMC660 CMOS Quad Operational Amplifier
LMC660CM/NOPB TI1-LMC660CM/NOPB Datasheet
1Mb / 22P
[Old version datasheet]   LMC660 CMOS Quad Operational Amplifier
More results

Similar Description - LMC660C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMC6034 TI1-LMC6034 Datasheet
1Mb / 22P
[Old version datasheet]   CMOS Quad Operational Amplifier
logo
National Semiconductor ...
LMC660 NSC-LMC660_00 Datasheet
441Kb / 12P
   CMOS Quad Operational Amplifier
LMC660EP NSC-LMC660EP Datasheet
891Kb / 15P
   CMOS Quad Operational Amplifier
LMC660 NSC-LMC660 Datasheet
461Kb / 14P
   CMOS Quad Operational Amplifier
LMC6034 NSC-LMC6034 Datasheet
301Kb / 12P
   CMOS Quad Operational Amplifier
LMC6044 NSC-LMC6044 Datasheet
387Kb / 12P
   CMOS Quad Micropower Operational Amplifier
logo
Texas Instruments
LMC6034IMX TI-LMC6034IMX Datasheet
1Mb / 22P
[Old version datasheet]   LMC6034 CMOS Quad Operational Amplifier
LMC6044 TI1-LMC6044_17 Datasheet
1Mb / 23P
[Old version datasheet]   CMOS Quad Micropower Operational Amplifier
LMC660CMX TI1-LMC660CMX Datasheet
1Mb / 22P
[Old version datasheet]   LMC660 CMOS Quad Operational Amplifier
logo
National Semiconductor ...
LMC6084 NSC-LMC6084 Datasheet
729Kb / 14P
   Precision CMOS Quad Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com