Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HDSP-A40X Datasheet(PDF) 9 Page - Agilent(Hewlett-Packard)

Part # HDSP-A40X
Description  7.6 mm (0.3 inch) Micro Bright Seven Segment Displays
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HDSP-A40X Datasheet(HTML) 9 Page - Agilent(Hewlett-Packard)

Back Button HDSP-A40X Datasheet HTML 3Page - Agilent(Hewlett-Packard) HDSP-A40X Datasheet HTML 4Page - Agilent(Hewlett-Packard) HDSP-A40X Datasheet HTML 5Page - Agilent(Hewlett-Packard) HDSP-A40X Datasheet HTML 6Page - Agilent(Hewlett-Packard) HDSP-A40X Datasheet HTML 7Page - Agilent(Hewlett-Packard) HDSP-A40X Datasheet HTML 8Page - Agilent(Hewlett-Packard) HDSP-A40X Datasheet HTML 9Page - Agilent(Hewlett-Packard) HDSP-A40X Datasheet HTML 10Page - Agilent(Hewlett-Packard) HDSP-A40X Datasheet HTML 11Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
9
HDSP-A15x
IV Bin Category
Min.
Max.
M
7.07
13.00
N
10.60
19.40
O
15.90
29.20
P
23.90
43.80
Q
35.80
65.60
Intensity Bin Limits (mcd)
AlGaAs Red
HDSP-750x
IV Bin Category
Min.
Max.
B
0.342
0.630
C
0.516
0.946
D
0.774
1.418
E
1.160
2.127
F
1.740
3.190
G
2.610
4.785
H
3.915
7.177
HER
HDSP-740x
IV Bin Category
Min.
Max.
B
0.229
0.387
C
0.317
0.582
D
0.476
0.872
E
0.714
1.311
F
1.073
1.967
G
1.609
2.950
H
2.413
4.425
Yellow
HDSP-780x
IV Bin Category
Min.
Max.
H
0.86
1.58
I
1.29
2.37
J
1.94
3.55
K
2.90
5.33
L
4.37
8.01
Green
Orange
HDSP-A40X
IV Bin Category
Min.
Max.
A
0.284
0.433
B
0.354
0.541
C
0.443
0.677
D
0.554
0.846
E
0.692
1.057
F
0.856
1.322
G
1.082
1.652
H
1.352
2.066
I
1.692
2.581
J
2.114
3.227
K
2.641
4.034
L
3.300
5.042
M
4.127
6.303
N
5.157
7.878


Similar Part No. - HDSP-A40X

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-A40X AVAGO-HDSP-A40X Datasheet
209Kb / 10P
   7.6 mm (0.3 inch) Micro Bright Seven Segment Displays
More results

Similar Description - HDSP-A40X

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-740X AVAGO-HDSP-740X Datasheet
209Kb / 10P
   7.6 mm (0.3 inch) Micro Bright Seven Segment Displays
logo
Agilent(Hewlett-Packard...
HDSP-7501 HP-HDSP-7501 Datasheet
218Kb / 11P
   7.6 mm (0.3 inch) Micro Bright Seven Segment Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-7801-JK000 AVAGO-HDSP-7801-JK000 Datasheet
224Kb / 10P
   7.6 mm (0.3 inch) Micro Bright Seven Segment Displays
HDSP-A401 AVAGO-HDSP-A401_10 Datasheet
435Kb / 10P
   7.6 mm (0.3 inch) Micro Bright Seven Segment Displays
HDSP-A151 AVAGO-HDSP-A151 Datasheet
396Kb / 10P
   7.6 mm (0.3 inch) Micro Bright Seven Segment Displays
HDSP-E150 AVAGO-HDSP-E150 Datasheet
995Kb / 10P
   7.6 mm (0.3 inch)/10.9 mm (0.43 inch) Seven Segment Displays
HDSP-4603 AVAGO-HDSP-4603 Datasheet
995Kb / 10P
   7.6 mm (0.3 inch)/10.9 mm (0.43 inch) Seven Segment Displays
5082-761X AVAGO-5082-761X Datasheet
242Kb / 10P
   7.6 mm (0.3 inch)/10.9 mm (0.43 inch) Seven Segment Displays
logo
Agilent(Hewlett-Packard...
5082-7610 HP-5082-7610 Datasheet
193Kb / 11P
   7.6 mm (0.3 inch)/10.9 mm (0.43 inch) Seven Segment Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-3601 AVAGO-HDSP-3601 Datasheet
995Kb / 10P
   7.6 mm (0.3 inch)/10.9 mm (0.43 inch) Seven Segment Displays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com