Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX211CDW Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # MAX211CDW
Description  5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH -15-KV ESD PROTECTION
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MAX211CDW Datasheet(HTML) 2 Page - Texas Instruments

  MAX211CDW Datasheet HTML 1Page - Texas Instruments MAX211CDW Datasheet HTML 2Page - Texas Instruments MAX211CDW Datasheet HTML 3Page - Texas Instruments MAX211CDW Datasheet HTML 4Page - Texas Instruments MAX211CDW Datasheet HTML 5Page - Texas Instruments MAX211CDW Datasheet HTML 6Page - Texas Instruments MAX211CDW Datasheet HTML 7Page - Texas Instruments MAX211CDW Datasheet HTML 8Page - Texas Instruments MAX211CDW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
MAX211
5V MULTICHANNEL RS232 LINE DRIVER/RECEIVER
WITH ±15kV ESD PROTECTION
SLLS567E − MAY 2003 − REVISED JANUARY 2004
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
Function Tables
INPUTS
DRIVER
RECEIVER
DEVICE STATUS
SHDN
EN
DRIVER
RECEIVER
DEVICE STATUS
L
L
All active
All active
Normal operation
L
H
All active
Z
Normal operation
H
X
Z
Z
Shutdown
X = don’t care, Z = high impedance
EACH DRIVER
INPUTS
OUTPUT
DRIVER STATUS
DIN
SHDN
OUTPUT
DOUT
DRIVER STATUS
L
L
H
Normal operation
H
LL
Normal operation
X
H
Z
Powered off
X = don’t care, Z = high impedance
EACH RECEIVER
INPUTS
OUTPUT
RECEIVER STATUS
RIN
EN
OUTPUT
ROUT
RECEIVER STATUS
L
L
H
Normal operation
H
LL
Normal operation
X
H
Z
Powered off
X = don’t care, Z = high impedance


Similar Part No. - MAX211CDW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MAX211CDW TI-MAX211CDW Datasheet
294Kb / 16P
[Old version datasheet]   5-V MULTICHANNEL RS-232 LINE DRIVER / RECEIVER WITH -15-KV ESD PROTECTION
MAX211CDW TI-MAX211CDW Datasheet
349Kb / 20P
[Old version datasheet]   5-V MULTICHANNEL RS-232 LINE DRIVER/RECEVER
MAX211CDWE4 TI-MAX211CDWE4 Datasheet
349Kb / 20P
[Old version datasheet]   5-V MULTICHANNEL RS-232 LINE DRIVER/RECEVER
MAX211CDWG4 TI-MAX211CDWG4 Datasheet
349Kb / 20P
[Old version datasheet]   5-V MULTICHANNEL RS-232 LINE DRIVER/RECEVER
MAX211CDWR TI-MAX211CDWR Datasheet
294Kb / 16P
[Old version datasheet]   5-V MULTICHANNEL RS-232 LINE DRIVER / RECEIVER WITH -15-KV ESD PROTECTION
More results

Similar Description - MAX211CDW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MAX211 TI-MAX211 Datasheet
294Kb / 16P
[Old version datasheet]   5-V MULTICHANNEL RS-232 LINE DRIVER / RECEIVER WITH -15-KV ESD PROTECTION
MAX208 TI-MAX208 Datasheet
287Kb / 14P
[Old version datasheet]   5-V MULTICHANNEL RS-232 LINE DRIVER / RECEIVER WITH -15-KV ESD PROTECTION
MAX208 TI-MAX208_06 Datasheet
270Kb / 15P
[Old version datasheet]   5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH -15-KV ESD PROTECTION
TRS213 TI-TRS213 Datasheet
415Kb / 17P
[Old version datasheet]   5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
TRS207 TI-TRS207 Datasheet
405Kb / 16P
[Old version datasheet]   5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
TRS208 TI-TRS208 Datasheet
456Kb / 16P
[Old version datasheet]   5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
TRS211 TI-TRS211 Datasheet
244Kb / 17P
[Old version datasheet]   5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
MAX213 TI-MAX213 Datasheet
224Kb / 14P
[Old version datasheet]   5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
MAX222 TI-MAX222 Datasheet
346Kb / 15P
[Old version datasheet]   5-V DUAL RS-232 LINE DRIVER/RECEIVER WITH -15-kV ESD PROTECTION
MAX3232 TI-MAX3232 Datasheet
331Kb / 14P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH -15-kV ESD PROTECTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com