Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SGA-6486 Datasheet(PDF) 2 Page - SIRENZA MICRODEVICES

Part # SGA-6486
Description  DC-4500 MHz, Cascadable SiGe HBT MMIC Amplifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIRENZA [SIRENZA MICRODEVICES]
Direct Link  
Logo SIRENZA - SIRENZA MICRODEVICES

SGA-6486 Datasheet(HTML) 2 Page - SIRENZA MICRODEVICES

  SGA-6486 Datasheet HTML 1Page - SIRENZA MICRODEVICES SGA-6486 Datasheet HTML 2Page - SIRENZA MICRODEVICES SGA-6486 Datasheet HTML 3Page - SIRENZA MICRODEVICES SGA-6486 Datasheet HTML 4Page - SIRENZA MICRODEVICES  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
EDS-100615 Rev F
Preliminary
SGA-6486 DC-4500 MHz Cascadable MMIC Amplifier
303 Technology Court, Broomfield, CO, 80021
Phone: (800) SMI-MMIC
http://www.sirenza.com
0
1
2
3
4
5
01
2
3
4
Frequency (GHz)
Typical RF Performance at Key Operating Frequencies
Frequency (MHz)
OIP
3 vs. Frequency
V
D= 5.1 V, ID= 75 mA
P
1dB vs. Frequency
V
D= 5.1 V, ID= 75 mA
Absolute Maximum Ratings
Noise Figure vs. Frequency
V
D= 5.1 V, ID= 75 mA
Frequency (MHz)
Frequency (MHz)
V
S = 8 V
I
D = 80 mA Typ.
OIP
3 Tone Spacing = 1 MHz, Pout per tone = 0 dBm
R
BIAS = 39 Ohms
T
L = 25ºC
Z
S = ZL = 50 Ohms
l
o
b
m
y
S
r
e
t
e
m
a
r
a
P
t
i
n
U
0
0
1
0
0
5
0
5
8
0
5
9
1
0
0
4
2
0
0
5
3
Gn
i
a
G
l
a
n
g
i
S
ll
a
m
SB
d0
.
1
23
.
0
27
.
9
14
.
6
18
.
4
13
.
2
1
P
I
O
3
t
n
i
o
P
t
p
e
c
r
e
t
n
I
r
e
d
r
O
d
r
i
h
T
t
u
p
t
u
Om
B
d0
.
5
33
.
5
30
.
5
30
.
2
30
.
1
35
.
6
2
P
B
d
1
n
o
i
s
s
e
r
p
m
o
C
B
d
1
t
a
r
e
w
o
P
t
u
p
t
u
Om
B
d2
.
0
23
.
0
22
.
0
25
.
8
15
.
7
17
.
4
1
L
R
Is
s
o
L
n
r
u
t
e
R
t
u
p
n
IB
d2
.
2
33
.
3
28
.
2
24
.
1
24
.
7
14
.
4
1
L
R
Os
s
o
L
n
r
u
t
e
R
t
u
p
t
u
OB
d8
.
6
12
.
8
10
.
3
20
.
8
14
.
7
12
.
4
1
S
2
1
n
o
i
t
a
l
o
s
I
e
s
r
e
v
e
RB
d0
.
4
29
.
3
26
.
3
22
.
1
27
.
9
16
.
6
1
F
Ne
r
u
g
i
F
e
s
i
o
NB
d2
.
39
.
20
.
33
.
37
.
34
.
4
Frequency (MHz)
Test Conditions:
V
S = 8 V
I
D = 75 mA Typ.
OIP
3 Tone Spacing = 1 MHz, Pout per tone = 0 dBm
R
BIAS = 39 Ohms
T
L = 25ºC
Z
S = ZL = 50 Ohms
T
L=+25ºC
20
24
28
32
36
40
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
Frequency (GHz)
+25°C
-40°C
+85°C
12
14
16
18
20
22
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
Frequency (GHz)
+25°C
-40°C
+85°C
T
L
T
L
r
e
t
e
m
a
r
a
P
t
i
m
i
L
e
t
u
l
o
s
b
A
.
x
a
M
t
n
e
r
r
u
C
e
c
i
v
e
D
I
(
D)
1
0
5
A
m
.
x
a
M
e
c
i
v
e
D
V
(
e
g
a
t
l
o
V
D)V
7
.
x
a
M
r
e
w
o
P
t
u
p
n
I
F
R
m
B
d
8
1
+
.
x
a
M
p
m
e
T
n
o
i
t
c
n
u
J
T
(
.
J)
C
°
0
5
1
+
p
m
e
T
g
n
i
t
a
r
e
p
O
T
(
e
g
n
a
R
.
L)
C
°
5
8
+
o
t
C
°
0
4
-
.
x
a
M
p
m
e
T
e
g
a
r
o
t
S
.
C
°
0
5
1
+
y
a
m
s
t
i
m
i
l
e
s
e
h
t
f
o
e
n
o
y
n
a
d
n
o
y
e
b
e
c
i
v
e
d
s
i
h
t
f
o
n
o
i
t
a
r
e
p
O
,
n
o
i
t
a
r
e
p
o
s
u
o
n
i
t
n
o
c
e
l
b
a
i
l
e
r
r
o
F
.
e
g
a
m
a
d
t
n
e
n
a
m
r
e
p
e
s
u
a
c
m
u
m
i
x
a
m
e
h
t
d
e
e
c
x
e
t
o
n
t
s
u
m
t
n
e
r
r
u
c
d
n
a
e
g
a
t
l
o
v
e
c
i
v
e
d
e
h
t
.
e
n
o
e
g
a
p
n
o
e
l
b
a
t
e
h
t
n
i
d
e
i
f
i
c
e
p
s
s
e
u
l
a
v
g
n
i
t
a
r
e
p
o
:
n
o
i
s
s
e
r
p
x
e
g
n
i
w
o
l
l
o
f
e
h
t
y
f
s
i
t
a
s
o
s
l
a
d
l
u
o
h
s
s
n
o
i
t
i
d
n
o
C
s
a
i
B
I
DVD
T
(
<
J
T
-
L
R
/
)
H
T
l
-
j
,
s
e
c
i
v
e
d
y
b
d
e
t
n
e
s
e
r
p
R
W
S
V
d
n
a
b
f
o
t
u
o
t
n
u
o
c
c
a
o
t
n
i
e
k
a
T
.
r
e
w
o
p
t
u
p
n
i
F
R
m
u
m
i
x
a
m
e
n
i
m
r
e
t
e
d
o
t
s
r
e
t
l
i
f
W
A
S
s
a
h
c
u
s
.
t
n
a
c
i
f
i
n
g
i
s
e
r
a
n
o
i
t
a
r
u
t
a
s
n
i
s
l
e
v
e
l
c
i
n
o
m
r
a
h
d
e
t
c
e
l
f
e
R


Similar Part No. - SGA-6486

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SGA-6486 ETC-SGA-6486 Datasheet
271Kb / 4P
   DC-4500 MHZ CASCADABLE SIGE HBT MMIC AMPLIFIER
logo
Stanford Microdevices
SGA-6486 STANFORD-SGA-6486 Datasheet
441Kb / 5P
   DC-4500 MHZ CASCADABLE SIGE HBT MMIC AMPLIFIER
More results

Similar Description - SGA-6486

ManufacturerPart #DatasheetDescription
logo
Stanford Microdevices
SGA-6486 STANFORD-SGA-6486 Datasheet
441Kb / 5P
   DC-4500 MHZ CASCADABLE SIGE HBT MMIC AMPLIFIER
logo
SIRENZA MICRODEVICES
SGA-4386 SIRENZA-SGA-4386 Datasheet
84Kb / 4P
   DC-4500 MHz, Cascadable SiGe HBT MMIC Amplifier
SGA-6289 SIRENZA-SGA-6289 Datasheet
96Kb / 4P
   DC-4500 MHz, Cascadable SiGe HBT MMIC Amplifier
logo
List of Unclassifed Man...
SGA-6289 ETC-SGA-6289 Datasheet
475Kb / 5P
   DC-4500 MHZ CASCADABLE SIGE HBT MMIC AMPLIFIER
SGA-5389 ETC-SGA-5389 Datasheet
443Kb / 5P
   DC-4500 MHZ CASCADABLE SIGE HBT MMIC AMPLIFIER
logo
SIRENZA MICRODEVICES
SGA-6389 SIRENZA-SGA-6389 Datasheet
93Kb / 4P
   DC-4500 MHz, Cascadable SiGe HBT MMIC Amplifier
SGA-4486 SIRENZA-SGA-4486 Datasheet
89Kb / 4P
   DC-4500 MHz, Cascadable SiGe HBT MMIC Amplifier
logo
List of Unclassifed Man...
SGA-6486 ETC-SGA-6486 Datasheet
271Kb / 4P
   DC-4500 MHZ CASCADABLE SIGE HBT MMIC AMPLIFIER
SGA-4386 ETC-SGA-4386 Datasheet
413Kb / 5P
   DC-4500 MHZ CASCADABLE SIGE HBT MMIC AMPLIFIER
logo
SIRENZA MICRODEVICES
SGA-5389 SIRENZA-SGA-5389 Datasheet
86Kb / 4P
   DC-4500 MHz, Cascadable SiGe HBT MMIC Amplifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com