Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3318CDB Datasheet(PDF) 6 Page - Texas Instruments

Part # MAX3318CDB
Description  2.5-V 460-kbps RS-232 TRANSCEIVER WITH 짹15-kV ESD PROTECTION
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MAX3318CDB Datasheet(HTML) 6 Page - Texas Instruments

Back Button MAX3318CDB Datasheet HTML 2Page - Texas Instruments MAX3318CDB Datasheet HTML 3Page - Texas Instruments MAX3318CDB Datasheet HTML 4Page - Texas Instruments MAX3318CDB Datasheet HTML 5Page - Texas Instruments MAX3318CDB Datasheet HTML 6Page - Texas Instruments MAX3318CDB Datasheet HTML 7Page - Texas Instruments MAX3318CDB Datasheet HTML 8Page - Texas Instruments MAX3318CDB Datasheet HTML 9Page - Texas Instruments MAX3318CDB Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
www.ti.com
Absolute Maximum Ratings
(1)
Recommended Operating Conditions
MAX3318
2.5-V 460-kbps RS-232 TRANSCEIVER
WITH
±15-kV ESD PROTECTION
SLLS687 – OCTOBER 2005
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VCC to GND
–0.3
6
V
V+ to GND(2)
–0.3
7
V
V– to GND(2)
–7
0.3
V
V+ + IV-I(2)
13
V
DIN, FORCEON, FORCEOFF to GND
–0.3
6
Input voltage
V
RIN to GND
±25
DOUT to GND
±13.2
Output voltage
V
ROUT, INVALID, READY to GND
–0.3
VCC + 0.3
Short-circuit duration
DOUT to GND
Continuous
16-pin SSOP (derate 7.14 mW/
°C above 70°C)
571
Continuous power dissipation (TA = 70°C)
20-pin SSOP (derate 8 mW/
°C above 70°C
640
mW
20-pin TSSOP (derate 7 mW/
°C above 70°C)
559
Storage temperature range
–65
150
°C
Lead temperature (soldering, 10 s)
300
°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
V+ and V– can have maximum magnitudes of 7 V, but their absolute difference cannot exceed 13 V.
See Figure 4
MIN NOM
MAX UNIT
Supply voltage
2.25
2.5
3
V
DIN, FORCEOFF,
VIH Driver and control high-level input voltage
VCC = 2.5 V to 3 V
0.7
× V
CC
5.5
V
FORCEON
DIN, FORCEOFF,
VIL
Driver and control low-level input voltage
VCC = 2.5 V to 3 V
0
0.3
× V
CC
V
FORCEON
VI
Receiver input voltage
–25
25
V
MAX3318C
0
70
TA
Operating free-air temperature
°C
MAX3318I
–40
85
6


Similar Part No. - MAX3318CDB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MAX3318CDB TI1-MAX3318CDB Datasheet
776Kb / 18P
[Old version datasheet]   TRANSCEIVER WITH ESD PROTECTION
MAX3318CDBG4 TI1-MAX3318CDBG4 Datasheet
776Kb / 18P
[Old version datasheet]   TRANSCEIVER WITH ESD PROTECTION
MAX3318CDBR TI1-MAX3318CDBR Datasheet
776Kb / 18P
[Old version datasheet]   TRANSCEIVER WITH ESD PROTECTION
MAX3318CDBRG4 TI1-MAX3318CDBRG4 Datasheet
776Kb / 18P
[Old version datasheet]   TRANSCEIVER WITH ESD PROTECTION
More results

Similar Description - MAX3318CDB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRS3318 TI-TRS3318 Datasheet
342Kb / 17P
[Old version datasheet]   2.5-V 460-kbps RS-232 TRANSCEIVER WITH 짹15-kV ESD PROTECTION
MAX3318E TI-MAX3318E Datasheet
166Kb / 18P
[Old version datasheet]   2.5-V 460-kbps RS-232 TRANSCEIVER WITH 짹15-kV ESD PROTECTION
TRS3318E TI-TRS3318E_10 Datasheet
319Kb / 19P
[Old version datasheet]   2.5-V 460-kbps RS-232 TRANSCEIVER WITH 짹15-kV ESD PROTECTION
TRS3318E TI-TRS3318E Datasheet
313Kb / 19P
[Old version datasheet]   2.5-V 460-kbps RS-232 TRANSCEIVER WITH 짹15-kV ESD PROTECTION
TRS3318 TI-TRS3318_08 Datasheet
382Kb / 17P
[Old version datasheet]   2.5-V 460-kbps RS-232 TRANSCEIVER WITH 짹15-kV ESD PROTECTION
MAX3318E TI-MAX3318E_1 Datasheet
356Kb / 20P
[Old version datasheet]   2.5-V 460-kbps RS-232 TRANSCEIVER WITH 짹15-kV ESD PROTECTION
logo
STMicroelectronics
ST3241EB STMICROELECTRONICS-ST3241EB_07 Datasheet
654Kb / 15P
   짹15 kV ESD protected 3 to 5.5 V, 400 kbps, RS-232 transceiver with auto-power-down
ST3241EB STMICROELECTRONICS-ST3241EB_10 Datasheet
274Kb / 13P
   짹15 kV ESD protected 3 to 5.5 V, 400 kbps, RS-232 transceiver with auto-power-down
logo
Texas Instruments
TRS213 TI-TRS213 Datasheet
415Kb / 17P
[Old version datasheet]   5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
TRS208 TI-TRS208 Datasheet
456Kb / 16P
[Old version datasheet]   5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com