Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

MC1458 Datasheet(HTML) 4 Page - Texas Instruments

Part No. MC1458
Description  DUAL GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
Download  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI [Texas Instruments]
Homepage  http://www.ti.com
Logo 

MC1458 Datasheet(HTML) 4 Page - Texas Instruments

  MC1458_06 Datasheet HTML 4Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 13 page
background image
MC1458, MC1558
DUAL GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
SLOS069B – FEBRUARY 1971 – REVISED SEPTEMBER 2002
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics at specified free-air temperature, VCC± = ±15 V
PARAMETER
TEST CONDITIONS†
MC1458
MC1558
UNIT
PARAMETER
TEST CONDITIONS†
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
VIO
Input offset voltage
VO =0
25
°C
1
6
1
5
mV
VIO
Input offset voltage
VO = 0
Full range
7.5
6
mV
IIO
Input offset current
VO =0
25
°C
20
200
20
200
nA
IIO
Input offset current
VO = 0
Full range
300
500
nA
IIB
Input bias current
VO =0
25
°C
80
500
80
500
nA
IIB
Input bias current
VO = 0
Full range
800
1500
nA
VICR
Common-mode input
25
°C
±12
±13
±12
±13
V
VICR
voltage range
Full range
±12
±12
V
RL = 10 kΩ
25
°C
±12
±14
±12
±14
VOM
Maximum peak output
RL ≥ 10 kΩ
Full range
±12
±12
V
VOM
voltage swing
RL = 2 kΩ
25
°C
±10
±13
±10
±13
V
RL ≥ 2 kΩ
Full range
±10
±10
AVD
Large-signal differential
RL ≥ 2kΩ
VO = ±10 V
25
°C
20
200
50
200
V/mV
AVD
gg
voltage amplification
RL ≥ 2 kΩ,
VO = ±10 V
Full range
15
25
V/mV
BOM
Maximum-output-swing
bandwidth
(closed loop)
RL = 2 kΩ,
VO ≥ ±10 V,
AVD = 1,
THD
≥ 5%
25
°C
14
14
kHz
B1
Unity-gain bandwidth
25
°C
1
1
MHz
φm
Phase margin
AVD = 1
25
°C
65
65
deg
Gain margin
25
°C
11
11
dB
ri
Input resistance
25
°C
0.3
2
0.3*
2
M
ro
Output resistance
VO = 0,
See Note 9
25
°C
75
75
Ci
Input capacitance
25
°C
1.4
1.4
pF
zic
Common-mode input
impedance
f = 20 Hz
25
°C
200
200
M
CMRR
Common-mode
VIC = VICR min,
25
°C
70
90
70
90
dB
CMRR
rejection ratio
IC
ICR
,
VO = 0
Full range
70
70
dB
kSVS
Supply-voltage
sensitivity
VCC = ±9 V to ±15 V,
25
°C
30
150
30
150
µV/V
kSVS
sensitivity
(
VIO/VCC)
CC
,
VO = 0
Full range
150
150
µV/V
Vn
Equivalent input noise
voltage (closed loop)
AVD = 100,
RS = 0,
f = 1 kHz,
BW = 1 Hz
25
°C
45
45
nV/
√Hz
IOS
Short-circuit output
current
25
°C
±25
±40
±25
±40
mA
ICC
Supply current
VO = 0
No load
25
°C
3.4
5.6
3.4
5
mA
ICC
y
(both amplifiers)
VO = 0, No load
Full range
6.6
6.6
mA
PD
Total power dissipation
VO = 0
No load
25
°C
100
170
100
150
mW
PD
(both amplifiers)
VO = 0, No load
Full range
200
200
mW
VO1/VO2
Crosstalk attenuation
25
°C
120
120
dB
*On products compliant to MIL-PRF-38535, this parameter is not production tested.
† All characteristics are specified under open-loop operating conditions with zero common-mode input voltage, unless otherwise specified. Full
range for MC1458 is 0
°C to 70°C and for MC1558 is –55°C to 125°C.
NOTE 9: This typical value applies only at frequencies above a few hundred hertz because of the effect of drift and thermal feedback.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
AZ4558CDUAL BIPOLAR OPERATIONAL AMPLIFIERS 1 2 BCD Semiconductor Manufacturing Limited
LPV321_07GENERAL-PURPOSE LOW-VOLTAGE LOW-POWER RAIL TO RAIL OUTPUT OPERATIONAL AMPLIFIERS 1 2 3 4 5 MoreTexas Instruments
AZ4558C_06DUAL BIPOLAR OPERATIONAL AMPLIFIERS 1 2 3 4 5 MoreBCD Semiconductor Manufacturing Limited
CA158_01Dual 1MHz Operational Amplifiers for Commercial Industrial and Military Applications 1 2 3 4 5 MoreIntersil Corporation
AZ4559DUAL BIPOLAR OPERATIONAL AMPLIFIERS 1 2 3 4 5 MoreBCD Semiconductor Manufacturing Limited
LM358DUAL OPERATIONAL AMPLIFIERS 1 2 3 4 HTC Korea TAEJIN Technology Co.
AZ4580DUAL LOW NOISE OPERATIONAL AMPLIFIERS 1 2 3 4 5 MoreBCD Semiconductor Manufacturing Limited
LM4558DUAL OPERATIONAL AMPLIFIERS 1 2 3 HTC Korea TAEJIN Technology Co.
LM2904WLOW POWER DUAL OPERATIONAL AMPLIFIERS 1 2 3 4 5 MoreSTMicroelectronics

Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn