Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC1458 Datasheet(PDF) 5 Page - Texas Instruments

Part # MC1458
Description  DUAL GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MC1458 Datasheet(HTML) 5 Page - Texas Instruments

  MC1458_06 Datasheet HTML 1Page - Texas Instruments MC1458_06 Datasheet HTML 2Page - Texas Instruments MC1458_06 Datasheet HTML 3Page - Texas Instruments MC1458_06 Datasheet HTML 4Page - Texas Instruments MC1458_06 Datasheet HTML 5Page - Texas Instruments MC1458_06 Datasheet HTML 6Page - Texas Instruments MC1458_06 Datasheet HTML 7Page - Texas Instruments MC1458_06 Datasheet HTML 8Page - Texas Instruments MC1458_06 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
MC1458, MC1558
DUAL GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
SLOS069B – FEBRUARY 1971 – REVISED SEPTEMBER 2002
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
operating characteristics, VCC± = ±15 V, CL = 100 pF, TA = 25°C (see Figure 1)
PARAMETER
TEST CONDITIONS
MC1458
MC1558
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
t
Rise time
VI = 20 mV,
RL = 2 kΩ,
0.3
0.3
µs
tr
Overshoot factor
VI = 20 mV,
RL = 2 kΩ
5
5
%
SR
Slew rate at unity gain
VI = 10 V,
RL = 2 kΩ
0.5
0.5
V/
µs
PARAMETER MEASUREMENT INFORMATION
VI
0 V
Input
Output
RL = 2 kΩ
CL = 100 pF
Test Circuit
Input Voltage
Waveform
Figure 1. Rise-Time, Overshoot, and Slew-Rate Waveform and Test Circuit


Similar Part No. - MC1458_06

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
MC1458 UTC-MC1458_09 Datasheet
156Kb / 5P
   DUAL OPERATIONAL AMPLIFIER
More results

Similar Description - MC1458_06

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
RC4558 TI-RC4558 Datasheet
57Kb / 11P
[Old version datasheet]   DUAL GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
MC1458 TI-MC1458 Datasheet
81Kb / 5P
[Old version datasheet]   DUAL GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
MC1458 TI1-MC1458_14 Datasheet
777Kb / 18P
[Old version datasheet]   DUAL GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
logo
List of Unclassifed Man...
PC251 ETC-PC251 Datasheet
106Kb / 2P
   General Purpose Dual Operational Amplifiers
logo
Avic Technology
AV4558 AVICTEK-AV4558 Datasheet
194Kb / 5P
   Dual general purpose operational Amplifiers.
logo
TEXAS ADVANCED OPTOELEC...
UA747C TAOS-UA747C Datasheet
114Kb / 8P
   DUAL GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
logo
List of Unclassifed Man...
UPC251 ETC-UPC251 Datasheet
778Kb / 4P
   GENERAL PURPOSE DUAL OPERATIONAL AMPLIFIERS
logo
Texas Instruments
UA747 TI-UA747 Datasheet
112Kb / 8P
[Old version datasheet]   DUAL GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
UA747C TI1-UA747C Datasheet
317Kb / 13P
[Old version datasheet]   DUAL GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
TL082 STMICROELECTRONICS-TL082_08 Datasheet
337Kb / 17P
   General purpose JFET dual operational amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com