Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC3486DR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # MC3486DR
Description  QUADRUPLE DIFFERENTIAL LINE RECEIVER WITH 3-STATE OUTPUTS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MC3486DR Datasheet(HTML) 2 Page - Texas Instruments

  MC3486DR Datasheet HTML 1Page - Texas Instruments MC3486DR Datasheet HTML 2Page - Texas Instruments MC3486DR Datasheet HTML 3Page - Texas Instruments MC3486DR Datasheet HTML 4Page - Texas Instruments MC3486DR Datasheet HTML 5Page - Texas Instruments MC3486DR Datasheet HTML 6Page - Texas Instruments MC3486DR Datasheet HTML 7Page - Texas Instruments MC3486DR Datasheet HTML 8Page - Texas Instruments MC3486DR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
MC3486
QUADRUPLE DIFFERENTIAL LINE RECEIVER
WITH 3-STATE OUTPUTS
SLLS097C – JUNE 1980 – REVISED FEBRUARY 2002
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
FUNCTION TABLE
(each receiver)
DIFFERENTIAL INPUTS
ENABLE
OUTPUT
A–B
ENABLE
Y
VID ≤ 0.2 V
H
H
– 0.2 V < VID < 0.2 V
H
?
VID ≤ – 0.2 V
H
L
Irrelevant
L
Z
Open
H
?
H = high level, L = low level, Z = high impedance (off),
? = indeterminate
logic diagram (positive logic)
4Y
3Y
2Y
1Y
15
14
9
10
12
7
6
1
2
4
4B
4A
3B
3A
3, 4EN
2B
2A
1B
1A
1, 2EN
13
11
5
3
schematics of inputs and outputs
16.8 k
NOM
Input
960
NOM
VCC
EQUIVALENT OF EACH INPUT
EXCEPT OUTPUT ENABLE
EQUIVALENT OF OUTPUT ENABLE
TYPICAL OF ALL OUTPUTS
VCC
Output
Enable
Output
VCC
4.9 k
NOM
85
NOM
8.3 k
NOM
960
NOM


Similar Part No. - MC3486DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MC3486DR TI1-MC3486DR Datasheet
953Kb / 16P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVER WITH 3-STATE OUTPUTS
MC3486DRE4 TI1-MC3486DRE4 Datasheet
953Kb / 16P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVER WITH 3-STATE OUTPUTS
More results

Similar Description - MC3486DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MC3486 TI-MC3486 Datasheet
106Kb / 7P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVER WITH 3-STATE OUTPUTS
MC3486 TI1-MC3486_14 Datasheet
953Kb / 16P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVER WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD26LS31 HITACHI-HD26LS31 Datasheet
81Kb / 15P
   Quadruple Differential Line Drivers With 3 State Outputs
HD26LS32A HITACHI-HD26LS32A Datasheet
42Kb / 5P
   Quadruple Differential Line Receivers With 3 State Outputs
logo
List of Unclassifed Man...
HD75153 ETC-HD75153 Datasheet
35Kb / 6P
   Quadruple Differential Line Drivers With 3 State Outputs
logo
Renesas Technology Corp
HD26LS32A RENESAS-HD26LS32A Datasheet
134Kb / 8P
   Quadruple Differential Line Receivers With 3 State Outputs
HD26LS32 RENESAS-HD26LS32 Datasheet
202Kb / 15P
   Quadruple Differential Line Receivers With 3 State Outputs
logo
Hitachi Semiconductor
HD26C32A HITACHI-HD26C32A Datasheet
97Kb / 14P
   Quadruple Differential Line Receivers With 3 State Outputs
HD26LS32 HITACHI-HD26LS32 Datasheet
88Kb / 15P
   Quadruple Differential Line Receivers With 3 State Outputs
logo
Renesas Technology Corp
HD29413 RENESAS-HD29413 Datasheet
139Kb / 8P
   Quadruple Differential Line Receivers With 3 State Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com