Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA9548ADB Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # PCA9548ADB
Description  8-CHANNEL I2C SWITCH WITH RESET
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCA9548ADB Datasheet(HTML) 10 Page - Texas Instruments

Back Button PCA9548ADB Datasheet HTML 6Page - Texas Instruments PCA9548ADB Datasheet HTML 7Page - Texas Instruments PCA9548ADB Datasheet HTML 8Page - Texas Instruments PCA9548ADB Datasheet HTML 9Page - Texas Instruments PCA9548ADB Datasheet HTML 10Page - Texas Instruments PCA9548ADB Datasheet HTML 11Page - Texas Instruments PCA9548ADB Datasheet HTML 12Page - Texas Instruments PCA9548ADB Datasheet HTML 13Page - Texas Instruments PCA9548ADB Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
www.ti.com
Absolute Maximum Ratings
(1)
Recommended Operating Conditions
(1)
PCA9548A
8-CHANNEL I2C SWITCH
WITH RESET
SCPS143B – OCTOBER 2006 – REVISED MARCH 2007
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VCC
Supply voltage range
–0.5
7
V
VI
Input voltage range(2)
–0.5
7
V
II
Input current
±20
mA
IO
Output current
±25
mA
ICC
Supply current
±100
mA
DB package
63
DGV package
86
θ
JA
Package thermal impedance, junction to free air(3)
DW package
46
°C/W
PW package
88
RGE package
45
θ
JP
Package thermal impedance, junction to pad
RGE package
1.5
°C/W
Tstg
Storage temperature range
–65
150
°C
TA
Operating free-air temperature range
–40
85
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
The input negative-voltage and output voltage ratings may be exceeded if the input and output current ratings are observed.
(3)
The package thermal impedance is calculated in accordance with JESD 51-7.
MIN
MAX
UNIT
VCC
Supply voltage
2.3
5.5
V
SCL, SDA
0.7
× V
CC
6
VIH
High-level input voltage
V
A2–A0, RESET
0.7
× V
CC
VCC + 0.5
SCL, SDA
–0.5
0.3
× V
CC
VIL
Low-level input voltage
V
A2–A0, RESET
–0.5
0.3
× V
CC
TA
Operating free-air temperature
–40
85
°C
(1)
All unused control inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.
10
Submit Documentation Feedback


Similar Part No. - PCA9548ADB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCA9548ADB TI-PCA9548ADB Datasheet
762Kb / 27P
[Old version datasheet]   8-CHANNEL I2C SWITCH WITH RESET
PCA9548ADBG4 TI-PCA9548ADBG4 Datasheet
762Kb / 27P
[Old version datasheet]   8-CHANNEL I2C SWITCH WITH RESET
PCA9548ADBR TI-PCA9548ADBR Datasheet
762Kb / 27P
[Old version datasheet]   8-CHANNEL I2C SWITCH WITH RESET
PCA9548ADBRG4 TI-PCA9548ADBRG4 Datasheet
762Kb / 27P
[Old version datasheet]   8-CHANNEL I2C SWITCH WITH RESET
PCA9548ADBT TI-PCA9548ADBT Datasheet
762Kb / 27P
[Old version datasheet]   8-CHANNEL I2C SWITCH WITH RESET
More results

Similar Description - PCA9548ADB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCA9548APWRG4 TI-PCA9548APWRG4 Datasheet
762Kb / 27P
[Old version datasheet]   8-CHANNEL I2C SWITCH WITH RESET
logo
NXP Semiconductors
PCA9548 PHILIPS-PCA9548 Datasheet
125Kb / 16P
   8-channel I2C switch with reset
2004 Sep 30
PCA9548A PHILIPS-PCA9548A Datasheet
141Kb / 25P
   8-channel I2C switch with reset
Rev. 01-15 April 2005
PCA9548A NXP-PCA9548A Datasheet
152Kb / 26P
   8-channel I2C-bus switch with reset
Rev. 03-7 July 2009
logo
Nuvoton Technology Corp...
NCT5948Y NUVOTON-NCT5948Y Datasheet
990Kb / 26P
   8-channel I2C-bus switch with reset
logo
Texas Instruments
TCA9548A-Q1 TI1-TCA9548A-Q1 Datasheet
2Mb / 36P
[Old version datasheet]   Automotive 8-Channel I2C Switch with Reset
TCA9548A TI1-TCA9548A_16 Datasheet
1Mb / 36P
[Old version datasheet]   Low-Voltage 8-Channel I2C Switch with Reset
TCA9548A TI1-TCA9548A_15 Datasheet
1Mb / 35P
[Old version datasheet]   Low-Voltage 8-Channel I2C Switch With Reset
TCA9548A TI1-TCA9548A Datasheet
586Kb / 22P
[Old version datasheet]   LOW VOLTAGE 8-CHANNEL I2C SWITCH WITH RESET
logo
NXP Semiconductors
PCA9546 PHILIPS-PCA9546 Datasheet
139Kb / 17P
   4-channel I2C switch with reset
2004 Sep 30
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com