Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA9555DW Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # PCA9555DW
Description  REMOTE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCA9555DW Datasheet(HTML) 4 Page - Texas Instruments

  PCA9555DW Datasheet HTML 1Page - Texas Instruments PCA9555DW Datasheet HTML 2Page - Texas Instruments PCA9555DW Datasheet HTML 3Page - Texas Instruments PCA9555DW Datasheet HTML 4Page - Texas Instruments PCA9555DW Datasheet HTML 5Page - Texas Instruments PCA9555DW Datasheet HTML 6Page - Texas Instruments PCA9555DW Datasheet HTML 7Page - Texas Instruments PCA9555DW Datasheet HTML 8Page - Texas Instruments PCA9555DW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 35 page
background image
www.ti.com
22
I/O
Port
P17−P10
Shift
Register
16 Bits
LP Filter
Interrupt
Logic
Input
Filter
23
Power-On
Reset
Read Pulse
Write Pulse
PCA9555
3
2
21
1
24
12
GND
VCC
SDA
SCL
A2
A1
A0
INT
I2C Bus
Control
P07−P00
PCA9555
REMOTE 16-BIT I2C AND SMBus I/O EXPANDER
WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
SCPS131D – AUGUST 2005 – REVISED OCTOBER 2006
LOGIC DIAGRAM (POSITIVE LOGIC)
A.
Pin numbers shown are for DB, DBQ, DGV, DW, and PW packages.
B.
All I/Os are set to inputs at reset.
4
Submit Documentation Feedback


Similar Part No. - PCA9555DW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCA9555DW TI-PCA9555DW Datasheet
818Kb / 35P
[Old version datasheet]   REMOTE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
PCA9555DW TI-PCA9555DW Datasheet
817Kb / 35P
[Old version datasheet]   REMOTE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
PCA9555DW TI1-PCA9555DW Datasheet
1Mb / 42P
[Old version datasheet]   SMBus I/O Expander With Interrupt Output
PCA9555DWG4 TI-PCA9555DWG4 Datasheet
818Kb / 35P
[Old version datasheet]   REMOTE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
PCA9555DWG4 TI-PCA9555DWG4 Datasheet
817Kb / 35P
[Old version datasheet]   REMOTE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
More results

Similar Description - PCA9555DW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCA9555 TI-PCA9555_10 Datasheet
817Kb / 35P
[Old version datasheet]   REMOTE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
PCA9555 TI-PCA9555_08 Datasheet
818Kb / 35P
[Old version datasheet]   REMOTE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
PCA9554DW TI-PCA9554DW Datasheet
933Kb / 36P
[Old version datasheet]   REMOTE 8-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
PCA9554A TI-PCA9554A Datasheet
650Kb / 33P
[Old version datasheet]   REMOTE 8-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
PCA9535 TI-PCA9535 Datasheet
834Kb / 35P
[Old version datasheet]   REMOTE 16-BIT I2C AND SMBus, LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
PCA9539 TI-PCA9539 Datasheet
777Kb / 34P
[Old version datasheet]   REMOTE 16-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
PCA9534A_101 TI-PCA9534A_101 Datasheet
1Mb / 39P
[Old version datasheet]   REMOTE 8-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
TCA9555 TI1-TCA9555_16 Datasheet
1Mb / 46P
[Old version datasheet]   Low-Voltage 16-Bit I2C and SMBus I/O Expander with Interrupt Output and Configuration Registers
TCA9555 TI-TCA9555 Datasheet
734Kb / 32P
[Old version datasheet]   LOW VOLTAGE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
PCA9534A TI-PCA9534A_10 Datasheet
1Mb / 39P
[Old version datasheet]   REMOTE 8-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com