Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA9557DT Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # PCA9557DT
Description  REMOTE 8-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH RESET AND CONFIGURATION REGISTERS
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCA9557DT Datasheet(HTML) 2 Page - Texas Instruments

  PCA9557DT Datasheet HTML 1Page - Texas Instruments PCA9557DT Datasheet HTML 2Page - Texas Instruments PCA9557DT Datasheet HTML 3Page - Texas Instruments PCA9557DT Datasheet HTML 4Page - Texas Instruments PCA9557DT Datasheet HTML 5Page - Texas Instruments PCA9557DT Datasheet HTML 6Page - Texas Instruments PCA9557DT Datasheet HTML 7Page - Texas Instruments PCA9557DT Datasheet HTML 8Page - Texas Instruments PCA9557DT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 34 page
background image
DESCRIPTION/ORDERING INFORMATION (CONTINUED)
PCA9557
SCPS133I – DECEMBER 2005 – REVISED JUNE 2008.................................................................................................................................................... www.ti.com
The system master can reset the PCA9557 in the event of a timeout or other improper operation by asserting a
low in the active-low reset (RESET) input. The power-on reset puts the registers in their default state and
initializes the I2C/SMBus state machine. Asserting RESET causes the same reset/initialization to occur without
depowering the part.
Three hardware pins (A0, A1, and A2) are used to program and vary the fixed I2C address, allowing up to eight
devices to share the same I2C bus or SMBus.
ORDERING INFORMATION
TA
PACKAGE(1)(2)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
QFN – RGV
Reel of 2000
PCA9557RGVR
PD557
QFN – RGY
Reel of 1000
PCA9557RGYR
PD557
Reel of 2500
PCA9557DR
SOIC – D
Reel of 250
PCA9557DT
PCA9557
Tube of 40
PCA9557D
–40°C to 85°C
Reel of 2000
PCA9557DBR
SSOP – DB
PD557
Tube of 80
PCA9557DB
Reel of 2000
PCA9557PWR
TSSOP – PW
Reel of 250
PCA9557PWT
PD557
Tube of 90
PCA9557PW
TVSOP – DGV
Reel of 2000
PCA9557DGVR
PD557
(1)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
(2)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
TERMINAL FUNCTIONS
NO.
QFN (RGY)
SOIC (D),
NAME
DESCRIPTION
SSOP (DB),
QFN (RGV)
TSSOP (PW),
AND
TVSOP (DGV)
1
15
SCL
Serial clock bus. Connect to VCC through a pullup resistor.
2
16
SDA
Serial data bus. Connect to VCC through a pullup resistor.
3
1
A0
Address input. Connect directly to VCC or ground.
4
2
A1
Address input. Connect directly to VCC or ground.
5
3
A2
Address input. Connect directly to VCC or ground.
P-port input/output. High impedance open-drain design structure. Connect to VCC
6
4
P0
through a pullup resistor.
7
5
P1
P-port input/output. Push-pull design structure.
8
6
GND
Ground
9
7
P2
P-port input/output. Push-pull design structure.
10
8
P3
P-port input/output. Push-pull design structure.
11
9
P4
P-port input/output. Push-pull design structure.
12
10
P5
P-port input/output. Push-pull design structure.
13
11
P6
P-port input/output. Push-pull design structure.
14
12
P7
P-port input/output. Push-pull design structure.
Active-low reset input. Connect to VCC through a pullup resistor if no active
15
13
RESET
connection is used.
16
14
VCC
Supply voltage
2
Submit Documentation Feedback
Copyright © 2005–2008, Texas Instruments Incorporated
Product Folder Link(s): PCA9557


Similar Part No. - PCA9557DT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCA9557DT TI-PCA9557DT Datasheet
1Mb / 36P
[Old version datasheet]   REMOTE 8-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH RESET AND CONFIGURATION REGISTERS
PCA9557DTG4 TI-PCA9557DTG4 Datasheet
1Mb / 36P
[Old version datasheet]   REMOTE 8-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH RESET AND CONFIGURATION REGISTERS
More results

Similar Description - PCA9557DT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCA9557 TI-PCA9557 Datasheet
1Mb / 36P
[Old version datasheet]   REMOTE 8-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH RESET AND CONFIGURATION REGISTERS
PCA9538 TI-PCA9538 Datasheet
479Kb / 29P
[Old version datasheet]   REMOTE 8-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
PCA6107 TI-PCA6107 Datasheet
306Kb / 24P
[Old version datasheet]   REMOTE 8-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
PCA9538 TI-PCA9538_1 Datasheet
626Kb / 31P
[Old version datasheet]   REMOTE 8-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
PCA9536 TI-PCA9536 Datasheet
475Kb / 25P
[Old version datasheet]   REMOTE 4-BIT I2C AND SMBus I/O EXPANDER WITH CONFIGURATION REGISTERS
PCA9534A_101 TI-PCA9534A_101 Datasheet
1Mb / 39P
[Old version datasheet]   REMOTE 8-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
PCA9534A TI-PCA9534A_10 Datasheet
1Mb / 39P
[Old version datasheet]   REMOTE 8-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
PCA9539 TI-PCA9539 Datasheet
777Kb / 34P
[Old version datasheet]   REMOTE 16-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
PCA9534A TI-PCA9534A Datasheet
643Kb / 35P
[Old version datasheet]   REMOTE 8-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
PCA9534 TI-PCA9534 Datasheet
657Kb / 32P
[Old version datasheet]   REMOTE 8-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com