Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA9557DB Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # PCA9557DB
Description  REMOTE 8-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH RESET AND CONFIGURATION REGISTERS
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCA9557DB Datasheet(HTML) 1 Page - Texas Instruments

  PCA9557DB Datasheet HTML 1Page - Texas Instruments PCA9557DB Datasheet HTML 2Page - Texas Instruments PCA9557DB Datasheet HTML 3Page - Texas Instruments PCA9557DB Datasheet HTML 4Page - Texas Instruments PCA9557DB Datasheet HTML 5Page - Texas Instruments PCA9557DB Datasheet HTML 6Page - Texas Instruments PCA9557DB Datasheet HTML 7Page - Texas Instruments PCA9557DB Datasheet HTML 8Page - Texas Instruments PCA9557DB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
1
FEATURES
RGVPACKAGE
(TOP VIEW)
5
6
7
8
9
10
11
12
13
14
15
16
1
2
3
4
A1
A2
P0
A0
P4
P7
P6
P5
D,DB,DGV,ORPWPACKAGE
(TOP VIEW)
5
6
7
8
9
10
11
12
13
14
15
16
1
2
3
4
P1
A1
A2
P0
A0
GND
SCL
SDA
V
CC
P4
P7
RESET
P3
P6
P2
P5
RGYPACKAGE
(TOP VIEW)
5
6
7
10
11
12
13
14
15
16
1
2
3
4
SDA
A1
A2
P0
A0
P1
8
9
P4
P7
RESET
P6
P3
P5
DESCRIPTION/ORDERING INFORMATION
PCA9557
www.ti.com.................................................................................................................................................... SCPS133I – DECEMBER 2005 – REVISED JUNE 2008
REMOTE 8-BIT I2C AND SMBus LOW-POWER I/O EXPANDER
WITH RESET AND CONFIGURATION REGISTERS
• Low Standby Current Consumption of
• Internal Power-On Reset
1
µA Max
• High-Impedance Open Drain on P0
• I2C to Parallel Port Expander
• Power Up With All Channels Configured as
• Operating Power-Supply Voltage Range of
Inputs
2.3 V to 5.5 V
• No Glitch on Power Up
• 5-V Tolerant I/O Ports
• Noise Filter on SCL/SDA Inputs
• 400-kHz Fast I2C Bus
• Latched Outputs With High Current Drive
• Three Hardware Address Pins Allow for Use of
Maximum Capability for Directly Driving LEDs
up to Eight Devices on I2C/SMBus
• Latch-Up Performance Exceeds 100 mA Per
• Lower-Voltage Higher-Performance Migration
JESD 78, Class II
Path for PCA9556
• ESD Protection Exceeds JESD 22
• Input/Output Configuration Register
2000-V Human-Body Model (A114-A)
• Polarity Inversion Register
200-V Machine Model (A115-A)
• Active-Low Reset Input
1000-V Charged-Device Model (C101)
This 8-bit I/O expander for the two-line bidirectional bus (I2C) is designed for 2.3-V to 5.5-V VCC operation. The
device provides general-purpose remote I/O expansion for most microcontroller families via the I2C interface
[serial clock (SCL) and serial data (SDA)].
The PCA9557 consists of one 8-bit configuration (input or output selection), input port, output port, and polarity
inversion (active-high) registers. At power on, the I/Os are configured as inputs. However, the system master can
enable the I/Os as either inputs or outputs by writing to the I/O configuration bits. The data for each input or
output is kept in the corresponding input or output register. The polarity of the input port register can be inverted
with the polarity inversion register. All registers can be read by the system master.
The device outputs (latched) have high-current drive capability for directly driving LEDs. The device has low
current consumption.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2005–2008, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - PCA9557DB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCA9557DB TI-PCA9557DB Datasheet
1Mb / 36P
[Old version datasheet]   REMOTE 8-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH RESET AND CONFIGURATION REGISTERS
PCA9557DBG4 TI-PCA9557DBG4 Datasheet
1Mb / 36P
[Old version datasheet]   REMOTE 8-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH RESET AND CONFIGURATION REGISTERS
PCA9557DBR TI-PCA9557DBR Datasheet
1Mb / 36P
[Old version datasheet]   REMOTE 8-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH RESET AND CONFIGURATION REGISTERS
PCA9557DBRG4 TI-PCA9557DBRG4 Datasheet
1Mb / 36P
[Old version datasheet]   REMOTE 8-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH RESET AND CONFIGURATION REGISTERS
More results

Similar Description - PCA9557DB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCA9557 TI-PCA9557 Datasheet
1Mb / 36P
[Old version datasheet]   REMOTE 8-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH RESET AND CONFIGURATION REGISTERS
PCA9538 TI-PCA9538 Datasheet
479Kb / 29P
[Old version datasheet]   REMOTE 8-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
PCA6107 TI-PCA6107 Datasheet
306Kb / 24P
[Old version datasheet]   REMOTE 8-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
PCA9538 TI-PCA9538_1 Datasheet
626Kb / 31P
[Old version datasheet]   REMOTE 8-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
PCA9536 TI-PCA9536 Datasheet
475Kb / 25P
[Old version datasheet]   REMOTE 4-BIT I2C AND SMBus I/O EXPANDER WITH CONFIGURATION REGISTERS
PCA9534A_101 TI-PCA9534A_101 Datasheet
1Mb / 39P
[Old version datasheet]   REMOTE 8-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
PCA9534A TI-PCA9534A_10 Datasheet
1Mb / 39P
[Old version datasheet]   REMOTE 8-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
PCA9539 TI-PCA9539 Datasheet
777Kb / 34P
[Old version datasheet]   REMOTE 16-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
PCA9534A TI-PCA9534A Datasheet
643Kb / 35P
[Old version datasheet]   REMOTE 8-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
PCA9534 TI-PCA9534 Datasheet
657Kb / 32P
[Old version datasheet]   REMOTE 8-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com