Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

RC4136 Datasheet(HTML) 4 Page - Texas Instruments

Part No. RC4136
Description  QUAD GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI [Texas Instruments]
Homepage  http://www.ti.com
Logo 

RC4136 Datasheet(HTML) 4 Page - Texas Instruments

  RC4136_07 Datasheet HTML 4Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 8 page
background image
RC4136, RM4136, RV4136
QUAD GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
SLOS072A – MARCH 1978 – REVISED JANUARY 2002
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
operating characteristics, VCC+ = 15 V, VCC– = –15 V, TA = 25°C
PARAMETER
TEST CONDITIONS
TYP
UNIT
tr
Rise time
VI = 20 mV,
CL = 100 pF, RL = 2 kΩ
0.13
µs
Overshoot factor
VI = 20 mV,
CL = 100 pF, RL = 2 kΩ
5
%
SR
Slew rate at unity gain
VI =10V
CL = 100 pF
RL =2kΩ
17
V/
µs
SR
Slew rate at unity gain
VI = 10 V,
CL = 100 pF, RL = 2 kΩ
1.7
V/
µs
The RM4136 and RV4136 are
obsolete and are no longer supplied.


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
LPV321_07GENERAL-PURPOSE LOW-VOLTAGE LOW-POWER RAIL TO RAIL OUTPUT OPERATIONAL AMPLIFIERS 1 2 3 4 5 MoreTexas Instruments
LM324QUAD OPERATIONAL AMPLIFIERS 1 2 3 4 5 MoreUnisonic Technologies
AS324_06LOW POWER QUAD OPERATIONAL AMPLIFIERS 1 2 3 4 5 MoreBCD Semiconductor Manufacturing Limited
LM324QUAD OPERATIONAL AMPLIFIERS 1 2 3 4 HTC Korea TAEJIN Technology Co.
AZ324_06LOW POWER QUAD OPERATIONAL AMPLIFIERS 1 2 3 4 5 MoreBCD Semiconductor Manufacturing Limited
OPA131General-Purpose FET-INPUT OPERATIONAL AMPLIFIERS 1 2 3 4 5 MoreTexas Instruments
TL064_01LOW POWER J-FET QUAD OPERATIONAL AMPLIFIERS 1 2 3 4 5 MoreSTMicroelectronics
CA3410Quad BiMOS Operational Amplifiers With MOSFET Input Bipolar Output 1 2 3 4 5 MoreHarris Corporation
LM324_06Single Supply Quad Operational Amplifiers 1 2 3 4 5 MoreON Semiconductor
MC3403_06Single Supply Quad Operational Amplifiers 1 2 3 4 5 MoreON Semiconductor

Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn