Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

RC4136 Datasheet(HTML) 1 Page - Texas Instruments

Part No. RC4136
Description  QUAD GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI [Texas Instruments]
Homepage  http://www.ti.com
Logo 

RC4136 Datasheet(HTML) 1 Page - Texas Instruments

  RC4136_07 Datasheet HTML 1Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 8 page
background image
RC4136, RM4136, RV4136
QUAD GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
SLOS072A – MARCH 1978 – REVISED JANUARY 2002
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Continuous Short-Circuit Protection
D Wide Common-Mode and Differential
Voltage Ranges
D No Frequency Compensation Required
D Low Power Consumption
D No Latch-Up
D Unity-Gain Bandwidth ...3 MHz Typ
D Gain and Phase Match Between Amplifiers
D Designed To Be Interchangeable With
Raytheon RC4136, RM4136, and RV4136
D Low Noise ...8 nV√Hz Typ at 1 kHz
description
The RC4136, RM4136, and RV4136 are quad
general-purpose operational amplifiers, with each
amplifier electrically similar to the
µA741, except
that offset null capability is not provided.
The high common-mode input voltage range and
the absence of latch-up make these amplifiers
ideal
for
voltage-follower
applications.
The
devices are short-circuit protected and the
internal frequency compensation ensures stability
without external components.
The RC4136 is characterized for operation from
0
°C to 70°C, the RM4136 is characterized for
operation over the full military temperature range
of
–55
°C to 125°C, and the RV4136 is
characterized for operation from –40
°C to 85°C.
symbol (each amplifier)
IN+
IN–
OUT
AVAILABLE OPTIONS
VIOMAX
PACKAGE
TA
VIOMAX
AT 25
°C
SMALL OUTLINE
CHIP CARRIER
CERAMIC DIP
PLASTIC DIP
FLAT
AT 25 C
(D)
(FK)
(J)
(N)
(W)
0
°C to 70°C
6 mV
RC4136D
RC4136N
–40
°C to 85°C
6 mV
RV4136D
RV4136N
–55
°C to 125°C
4 mV
RM4136FK
RM4136J
RM4136W
The D packages are available taped and reeled. Add the suffix R to the device type (e.g., RC4136DR).
The RM4136 and RV4136 are
obsolete and are no longer supplied.
Copyright
 2002, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1IN–
1IN+
1OUT
2OUT
2IN+
2IN–
VCC–
4IN–
4IN+
4OUT
VCC+
3OUT
3IN+
3IN–
RM4136 ...J OR W PACKAGE
ALL OTHERS ...D OR N PACKAGE
(TOP VIEW)
3
2
1 20 19
910 11 12 13
4
5
6
7
8
18
17
16
15
14
4OUT
NC
VCC+
NC
3OUT
1OUT
NC
2OUT
NC
2IN+
RM4136 . . . FK PACKAGE
(TOP VIEW)
NC – No internal connection
On products compliant to MIL-PRF-38535, all parameters are tested
unless otherwise noted. On all other products, production
processing does not necessarily include testing of all parameters.


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
LPV321_07GENERAL-PURPOSE LOW-VOLTAGE LOW-POWER RAIL TO RAIL OUTPUT OPERATIONAL AMPLIFIERS 1 2 3 4 5 MoreTexas Instruments
LM324QUAD OPERATIONAL AMPLIFIERS 1 2 3 4 5 MoreUnisonic Technologies
AS324_06LOW POWER QUAD OPERATIONAL AMPLIFIERS 1 2 3 4 5 MoreBCD Semiconductor Manufacturing Limited
LM324QUAD OPERATIONAL AMPLIFIERS 1 2 3 4 HTC Korea TAEJIN Technology Co.
AZ324_06LOW POWER QUAD OPERATIONAL AMPLIFIERS 1 2 3 4 5 MoreBCD Semiconductor Manufacturing Limited
OPA131General-Purpose FET-INPUT OPERATIONAL AMPLIFIERS 1 2 3 4 5 MoreTexas Instruments
TL064_01LOW POWER J-FET QUAD OPERATIONAL AMPLIFIERS 1 2 3 4 5 MoreSTMicroelectronics
CA3410Quad BiMOS Operational Amplifiers With MOSFET Input Bipolar Output 1 2 3 4 5 MoreHarris Corporation
LM324_06Single Supply Quad Operational Amplifiers 1 2 3 4 5 MoreON Semiconductor
MC3403_06Single Supply Quad Operational Amplifiers 1 2 3 4 5 MoreON Semiconductor

Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn