Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN75C1406DE4 Datasheet(PDF) 7 Page - Texas Instruments

Part # SN75C1406DE4
Description  TRIPLE LOW-POWER DRIVERS/RECEIVERS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75C1406DE4 Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN75C1406DE4 Datasheet HTML 3Page - Texas Instruments SN75C1406DE4 Datasheet HTML 4Page - Texas Instruments SN75C1406DE4 Datasheet HTML 5Page - Texas Instruments SN75C1406DE4 Datasheet HTML 6Page - Texas Instruments SN75C1406DE4 Datasheet HTML 7Page - Texas Instruments SN75C1406DE4 Datasheet HTML 8Page - Texas Instruments SN75C1406DE4 Datasheet HTML 9Page - Texas Instruments SN75C1406DE4 Datasheet HTML 10Page - Texas Instruments SN75C1406DE4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
SN65C1406, SN75C1406
TRIPLE LOW-POWER DRIVERS/RECEIVERS
SLLS148E – MAY 1990 – REVISED OCTOBER 2001
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
Figure 1. Driver Test Circuit
VOH, VOL, IOS(L), IOS(H)
VDD
VCC
VI
VO
VSS or GND
VDD or GND
IOS(L)
– IOS(H)
VSS
RL = 3 kΩ
Figure 2. Driver Test Circuit, IIL, IIH
VI
VI
VSS
VDD
VCC
IIH
– IIL
Input
Output
1.5
50%
10%
90%
tPLH
tPHL
tTHL
tTLH
VOH
VOL
3 V
0 V
50%
10%
90%
1.5
VOLTAGE WAVEFORMS
VSS
RL
VCC
VDD
CL
(see Note A)
Pulse
Generator
(See Note B)
Input
TEST CIRCUIT
NOTES: A. CL includes probe and jig capacitance.
B. The pulse generator has the following characteristics: tw = 25 µs, PRR = 20 kHz, ZO = 50 Ω, tr = tf < 50 ns.
Figure 3. Driver Test Circuit and Voltage Waveforms
Figure 4. Receiver Test Circuit, IOS(H), IOS(L)
VI
VDD
VCC
VSS
– IOS(H)
IOS(L)
VCC
Figure 5. Receiver Test Circuit, VIT, VOL, VOH
VOL
VOH
– IOH
IOL
VSS
VCC
VDD
VIT, VI


Similar Part No. - SN75C1406DE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75C1406D TI-SN75C1406D Datasheet
126Kb / 8P
[Old version datasheet]   TRIPLE LOW-POWER DRIVERS/RECEIVERS
SN75C1406D TI-SN75C1406D Datasheet
148Kb / 9P
[Old version datasheet]   TRIPLE LOW-POWER DRIVERS/RECEIVERS
SN75C1406D TI1-SN75C1406D Datasheet
794Kb / 19P
[Old version datasheet]   TRIPLE LOW-POWER DRIVERS/RECEIVERS
SN75C1406DR TI1-SN75C1406DR Datasheet
794Kb / 19P
[Old version datasheet]   TRIPLE LOW-POWER DRIVERS/RECEIVERS
SN75C1406DRG4 TI1-SN75C1406DRG4 Datasheet
794Kb / 19P
[Old version datasheet]   TRIPLE LOW-POWER DRIVERS/RECEIVERS
More results

Similar Description - SN75C1406DE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75C1406 TI-SN75C1406 Datasheet
126Kb / 8P
[Old version datasheet]   TRIPLE LOW-POWER DRIVERS/RECEIVERS
SN65C1406 TI-SN65C1406 Datasheet
148Kb / 9P
[Old version datasheet]   TRIPLE LOW-POWER DRIVERS/RECEIVERS
SN65C1406 TI1-SN65C1406_15 Datasheet
794Kb / 19P
[Old version datasheet]   TRIPLE LOW-POWER DRIVERS/RECEIVERS
logo
List of Unclassifed Man...
HD29468 ETC-HD29468 Datasheet
25Kb / 7P
   Triple Line Drivers / Receivers
logo
Renesas Technology Corp
HD29468 RENESAS-HD29468 Datasheet
205Kb / 8P
   Triple Line Drivers/Receivers
logo
Texas Instruments
TL145406 TI-TL145406_06 Datasheet
345Kb / 14P
[Old version datasheet]   TRIPLE RS-232 DRIVERS/RECEIVERS
TL145406 TI-TL145406 Datasheet
165Kb / 10P
[Old version datasheet]   TRIPLE RS-232 DRIVERS/RECEIVERS
TL145406 TI1-TL145406_14 Datasheet
675Kb / 18P
[Old version datasheet]   TRIPLE RS-232 DRIVERS/RECEIVERS
SN65C1154 TI-SN65C1154_06 Datasheet
365Kb / 14P
[Old version datasheet]   QUADRUPLE LOW-POWER DRIVERS/RECEIVERS
SN65C1154 TI1-SN65C1154_16 Datasheet
1Mb / 17P
[Old version datasheet]   QUADRUPLE LOW-POWER DRIVERS/RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com