Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN75C23243DL Datasheet(PDF) 1 Page - Texas Instruments

Part # SN75C23243DL
Description  3-V TO 5.5-V DUAL RS-232 PORT
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75C23243DL Datasheet(HTML) 1 Page - Texas Instruments

  SN75C23243DL Datasheet HTML 1Page - Texas Instruments SN75C23243DL Datasheet HTML 2Page - Texas Instruments SN75C23243DL Datasheet HTML 3Page - Texas Instruments SN75C23243DL Datasheet HTML 4Page - Texas Instruments SN75C23243DL Datasheet HTML 5Page - Texas Instruments SN75C23243DL Datasheet HTML 6Page - Texas Instruments SN75C23243DL Datasheet HTML 7Page - Texas Instruments SN75C23243DL Datasheet HTML 8Page - Texas Instruments SN75C23243DL Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
SN65C23243, SN75C23243
3V TO 5.5V DUAL RS232 PORT
SLLS513A − AUGUST 2001 − REVISED MARCH 2004
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Single-Chip and Single-Supply Interface for
Two IBM
 PC/AT Serial Ports
D Meet or Exceed the Requirements of
TIA/EIA-232-F and ITU v.28 Standards
D Operate With 3-V to 5.5-V VCC Supply
D Always-Active Noninverting Receiver
Output (ROUT2) Per Port
D Operate Up To 250 kbit/s
D Low Standby Current...1 µA Typical
D External Capacitors ...4 × 0.22 µF
D Accept 5-V Logic Input With 3.3-V Supply
D Allow for Flexible Power Down of Either
Serial Port
D Serial-Mouse Driveability
D RS-232 Bus-Pin ESD Protection Exceeds
±15 kV Using Human-Body Model (HBM)
D Applications
− Battery-Powered Systems, Notebooks,
Laptops, Palmtop PCs, and Hand-Held
Equipment
description/ordering information
The SN65C23243 and SN75C23243 consist of
two ports, each containing three line drivers and
five line receivers, and a dual charge-pump circuit
with
±15-kV ESD protection pin to pin (serial-port
connection pins, including GND). These devices meet the requirements of TIA/EIA-232-F and provide the
electrical interface between an asynchronous communication controller and the serial-port connector. This
combination of drivers and receivers matches that needed for two typical serial ports used in an IBM PC/AT, or
compatible. The charge pump and four small external capacitors allow operation from a single 3-V to 5.5-V
supply. In addition, these devices include an always-active noninverting output (ROUT2) per port, which allows
applications using the ring indicator to transmit data while the devices are powered down. The devices operate
at data signaling rates up to 250 kbit/s and a maximum of 30-V/
µs driver output slew-rate.
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
SSOP (DL)
Tube of 25
SN75C23243DL
75C23243
−0
°C to 70°C
SSOP (DL)
Reel of 1000
SN75C23243DLR
75C23243
−0 C to 70 C
TSSOP (DGG)
Reel of 2000
SN75C23243DGGR
75C23243
SSOP (DL)
Tube of 25
SN65C23243DL
65C23243
−40
°C to 85°C
SSOP (DL)
Reel of 1000
SN65C23243DLR
65C23243
−40 C to 85 C
TSSOP (DGG)
Reel of 2000
SN65C23243DGGR
65C23243
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are
available at www.ti.com/sc/package.
Copyright
 2004, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
DGG OR DL PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
RIN5A
RIN4A
RIN3A
RIN2A
RIN1A
INVA
DOUT3A
DOUT2A
DOUT1A
FORCEOFFA
C2−
C2+
GND
VCC
FORCEOFFB
DOUT1B
DOUT2B
DOUT3B
INVB
RIN1B
RIN2B
RIN3B
RIN4B
RIN5B
ROUT5A
ROUT4A
ROUT3A
ROUT2A
ROUT1A
ROUT2A
DIN3A
DIN2A
DIN1A
FORCEON
V−
V+
C1+
C1−
GND
DIN1B
DIN2B
DIN3B
ROUT2B
ROUT1B
ROUT2B
ROUT3B
ROUT4B
ROUT5B
IBM is a trademark of International Business Machines Corporation.
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Similar Part No. - SN75C23243DL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75C23243DL TI-SN75C23243DL Datasheet
254Kb / 15P
[Old version datasheet]   3-V TO 5.5-V DUAL RS-232 PORT
SN75C23243DL TI1-SN75C23243DL Datasheet
446Kb / 19P
[Old version datasheet]   3-V TO 5.5-V DUAL RS-232 PORT
SN75C23243DLG4 TI1-SN75C23243DLG4 Datasheet
446Kb / 19P
[Old version datasheet]   3-V TO 5.5-V DUAL RS-232 PORT
SN75C23243DLR TI-SN75C23243DLR Datasheet
254Kb / 15P
[Old version datasheet]   3-V TO 5.5-V DUAL RS-232 PORT
SN75C23243DLR TI1-SN75C23243DLR Datasheet
446Kb / 19P
[Old version datasheet]   3-V TO 5.5-V DUAL RS-232 PORT
More results

Similar Description - SN75C23243DL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRSF23243 TI1-TRSF23243 Datasheet
658Kb / 17P
[Old version datasheet]   3-V TO 5.5-V DUAL RS-232 PORT
SN65C23243 TI1-SN65C23243_08 Datasheet
446Kb / 19P
[Old version datasheet]   3-V TO 5.5-V DUAL RS-232 PORT
SN65C23243 TI-SN65C23243 Datasheet
254Kb / 15P
[Old version datasheet]   3-V TO 5.5-V DUAL RS-232 PORT
SN65C3238E TI1-SN65C3238E_14 Datasheet
575Kb / 18P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVERS/RECEIVERS
MAX3222 TI-MAX3222 Datasheet
270Kb / 14P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER
MAX3221 TI-MAX3221 Datasheet
230Kb / 15P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER
MAX3243 TI-MAX3243 Datasheet
160Kb / 11P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER
TRSF3243 TI1-TRSF3243_15 Datasheet
798Kb / 19P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 COMPATIBLE LINE DRIVER
MAX3238 TI-MAX3238 Datasheet
237Kb / 15P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER
TRS3227 TI1-TRS3227 Datasheet
350Kb / 15P
[Old version datasheet]   3-V TO 5.5-V SINGLE-CHANNEL RS-232 LINE DRIVER/RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com