Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC1809-2 Datasheet(PDF) 7 Page - Texas Instruments

Part # UCC1809-2
Description  Economy Primary Side Controller
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC1809-2 Datasheet(HTML) 7 Page - Texas Instruments

Back Button UCC1809-2 Datasheet HTML 3Page - Texas Instruments UCC1809-2 Datasheet HTML 4Page - Texas Instruments UCC1809-2 Datasheet HTML 5Page - Texas Instruments UCC1809-2 Datasheet HTML 6Page - Texas Instruments UCC1809-2 Datasheet HTML 7Page - Texas Instruments UCC1809-2 Datasheet HTML 8Page - Texas Instruments UCC1809-2 Datasheet HTML 9Page - Texas Instruments UCC1809-2 Datasheet HTML 10Page - Texas Instruments UCC1809-2 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7
UCC1809-1/-2
UCC2809-1/-2
UCC3809-1/-2
3
4
UCC3809
OSCILLATOR
RT2
CT
RT1
1k
2N2222A
424
SYNC
PULSE
OPTION I
3
4
UCC3809
OSCILLATOR
RT2
CT
RT1
424
SYNC
PULSE
0.1µF
2N2222A
24
+5V
OPTION II
Figure 5. UCC3809 synchronization options.
UDG-99006
Synchronization
Both of the synchronization schemes shown in Figure 5
can be successfully implemented with the internal oscilla-
tor of the UCC3809. Both schemes allow access to the
timing ramp needed for slope compensation and have
minimal impact on the programmed maximum duty cycle.
In the absence of a sync pulse, the PWM controller will
run independently at the frequency set by RT1, RT2, and
CT. This free running frequency must be approximately
15 to 20% lower than the sync pulse frequency to insure
the free running oscillator does not cross the comparator
threshold before the desired sync pulse.
Option I uses the synchronization pulse to pull pin 3 low,
triggering the internal 1.67V comparator to reset the RS
latch and initiate a charging cycle. The valley voltage of
the CT waveform is higher when synchronized using this
configuration, decreasing the ramp charge and discharge
times, thereby increasing the operating frequency; other-
wise the overall shape of the CT voltage waveform is un-
changed.
Option II uses the synchronization pulse to superimpose
the sync voltage onto the peak of the CT waveform. This
triggers the internal 3.33V comparator, initiating a dis-
charge cycle. The sync pulse is summed with the free
running oscillator waveform at the CT node, resulting in a
spike on top of the CT peak voltage.
ADDITIONAL INFORMATION
Please refer to the following Unitrode application topics
for additional information.
[1] Application Note U-165, Design Review: Isolated 50W
Flyback Converter with the UCC3809 Primary Side Con-
troller by Lisa Dinwoodie.
[2]
Design
Note
DN-89,
Comparing
the
UC3842,
UCC3802, and UCC3809 Primary Side PWM Controllers
by Lisa Dinwoodie.
APPLICATION INFORMATION (cont.)


Similar Part No. - UCC1809-2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC1809-2 TI-UCC1809-2 Datasheet
162Kb / 11P
[Old version datasheet]   Economy Primary Side Controller
UCC1809-2 TI1-UCC1809-2 Datasheet
1Mb / 23P
[Old version datasheet]   Economy Primary Side Controller
More results

Similar Description - UCC1809-2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC1809-1 TI-UCC1809-1 Datasheet
162Kb / 11P
[Old version datasheet]   Economy Primary Side Controller
UCC1809-1 TI1-UCC1809-1_16 Datasheet
1Mb / 23P
[Old version datasheet]   Economy Primary Side Controller
UC1548 TI1-UC1548_08 Datasheet
372Kb / 10P
[Old version datasheet]   Primary Side PWM Controller
logo
List of Unclassifed Man...
AS2214 ETC-AS2214 Datasheet
53Kb / 8P
   Primary Side PWM Controller
logo
Texas Instruments
UC1548 TI-UC1548 Datasheet
345Kb / 9P
[Old version datasheet]   Primary Side PWM Controller
logo
List of Unclassifed Man...
AS2208 ETC-AS2208 Datasheet
32Kb / 6P
   Primary Side PWM Controller
logo
Texas Instruments
UCC2960 TI1-UCC2960_14 Datasheet
215Kb / 14P
[Old version datasheet]   PRIMARY-SIDE STARTUP CONTROLLER
logo
Fairchild Semiconductor
FAN100 FAIRCHILD-FAN100 Datasheet
513Kb / 14P
   Primary-Side-Control PWM Controller
logo
ON Semiconductor
FL663 ONSEMI-FL663 Datasheet
406Kb / 15P
   Primary-Side-Regulation PWM Controller
June 2015 Rev. 1.0
logo
Texas Instruments
UCC2961 TI1-UCC2961 Datasheet
256Kb / 17P
[Old version datasheet]   ADVANVED PRIMARY-SIDE STARTUP CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com