Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPIC9202PWP Datasheet(PDF) 2 Page - Texas Instruments

Part # TPIC9202PWP
Description  MICROCONTROLLER POWER SUPPLY AND MULTIPLE LOW-SIDE DRIVER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPIC9202PWP Datasheet(HTML) 2 Page - Texas Instruments

  TPIC9202PWP Datasheet HTML 1Page - Texas Instruments TPIC9202PWP Datasheet HTML 2Page - Texas Instruments TPIC9202PWP Datasheet HTML 3Page - Texas Instruments TPIC9202PWP Datasheet HTML 4Page - Texas Instruments TPIC9202PWP Datasheet HTML 5Page - Texas Instruments TPIC9202PWP Datasheet HTML 6Page - Texas Instruments TPIC9202PWP Datasheet HTML 7Page - Texas Instruments TPIC9202PWP Datasheet HTML 8Page - Texas Instruments TPIC9202PWP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
www.ti.com
TPIC9202
MICROCONTROLLER POWER SUPPLY
AND MULTIPLE LOW-SIDE DRIVER
SLIS116B – MAY 2005 – REVISED JUNE 2006
PINOUT CONFIGURATION
NO.
NAME
I/O
DESCRIPTION
1
BO_OUTZ
O
Brown-out indicator
2
OUT1
O
Low-side output 1
3
OUT2
O
Low-side output 2
4
OUT3
O
Low-side output 3
5
OUT4
O
Low-side output 4
6
OUT5
O
Low-side output 5
7
OUT6
O
Low-side output 6
8
OUT7
O
Low-side output 7
9
OUT8
O
Low-side output 8
10
GND
I
Ground
11
NC
No connection
12
EN1
I
Enable/disable for OUT1
13
RDELAY
O
Power-up reset delay
14(1)
RST
I/O
Power-on reset output (open drain)
15
MOSI
I
Serial data input
16
NCS
I
Chip select
17
SCLK
I
Serial clock for data synchronization
18
5VOUT
O
Regulated output
19
VIN
I
Unregulated input voltage source
20
BO
I
Brown-out input threshold setting
(1)
Terminal 14 can be used as an input or an output.
2
Submit Documentation Feedback


Similar Part No. - TPIC9202PWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPIC9202PWP TI-TPIC9202PWP Datasheet
491Kb / 18P
[Old version datasheet]   MICROCONTROLLER POWER SUPPLY AND MULTIPLE LOW-SIDE DRIVER
TPIC9202PWPG4 TI-TPIC9202PWPG4 Datasheet
491Kb / 18P
[Old version datasheet]   MICROCONTROLLER POWER SUPPLY AND MULTIPLE LOW-SIDE DRIVER
TPIC9202PWPR TI-TPIC9202PWPR Datasheet
491Kb / 18P
[Old version datasheet]   MICROCONTROLLER POWER SUPPLY AND MULTIPLE LOW-SIDE DRIVER
TPIC9202PWPRG4 TI-TPIC9202PWPRG4 Datasheet
491Kb / 18P
[Old version datasheet]   MICROCONTROLLER POWER SUPPLY AND MULTIPLE LOW-SIDE DRIVER
More results

Similar Description - TPIC9202PWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPIC9201 TI-TPIC9201_08 Datasheet
698Kb / 20P
[Old version datasheet]   MICROCONTROLLER POWER SUPPLY AND MULTIPLE LOW-SIDE DRIVER
TPIC9202 TI-TPIC9202 Datasheet
491Kb / 18P
[Old version datasheet]   MICROCONTROLLER POWER SUPPLY AND MULTIPLE LOW-SIDE DRIVER
TPIC9201 TI-TPIC9201 Datasheet
538Kb / 19P
[Old version datasheet]   MICROCONTROLLER POWER SUPPLY AND MULTIPLE LOW-SIDE DRIVER
TPL9201 TI-TPL9201 Datasheet
163Kb / 14P
[Old version datasheet]   MICROCONTROLLER POWER SUPPLY AND MULTIPLE LOW-SIDE DRIVER
TPIC9201N TI-TPIC9201N Datasheet
403Kb / 11P
[Old version datasheet]   MICROCONTROLLER POWER SUPPLY AND MULTIPLE LOW SIDE DRIVER IC
logo
Anpec Electronics Corop...
APX7387 ANPEC-APX7387 Datasheet
175Kb / 17P
   High Side and Low Side Driver
logo
International Rectifier
IR2102 IRF-IR2102 Datasheet
209Kb / 15P
   HIGH AND LOW SIDE DRIVER
logo
Motorola, Inc
MPIC2113 MOTOROLA-MPIC2113 Datasheet
171Kb / 6P
   HIGH AND LOW SIDE DRIVER
logo
International Rectifier
IRS21814MPBF IRF-IRS21814MPBF Datasheet
779Kb / 21P
   HIGH- AND LOW-SIDE DRIVER
IR2106 IRF-IR2106 Datasheet
314Kb / 22P
   HIGH AND LOW SIDE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com